Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF0044BA01931S Datasheet(PDF) 1 Page - API Technologies Corp

Part # SF0044BA01931S
Description  44 MHz SAW Filter 8 MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0044BA01931S Datasheet(HTML) 1 Page - API Technologies Corp

  SF0044BA01931S Datasheet HTML 1Page - API Technologies Corp SF0044BA01931S Datasheet HTML 2Page - API Technologies Corp SF0044BA01931S Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
44 MHz SAW Filter
8 MHz Bandwidth
Part Number: SF0044BA01931S
Spectrum Microwave
400 Nickerson Road, Marlborough, MA 01752, USA
• Phone 1-508-251-6400 • Fax 1-508-251-6401
www.SpectrumMicrowave.com
DSSF0044BA01931S
Rev A
4-Feb-2010
ECN 36650
Page 1 of 3
DESCRIPTION
44 MHz SAW bandpass filter with 8 MHz bandwidth for Broadband Access.
24.6 x 9 mm SMP.
RoHS compliant.
TYPICAL PERFORMANCE
Horizontal:
Frequency :
1.2
MHz/div
Vertical from top:
Relative Magnitude :
10
dB/div
Relative magnitude :
1
dB/div
Group Delay Deviation :
100
ns/div


Similar Part No. - SF0044BA01931S

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0044BA01931S ICST-SF0044BA01931S Datasheet
197Kb / 2P
   44.0 MHz Filter for Broadband Access Applications
More results

Similar Description - SF0044BA01931S

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0044BA03190S APITECH-SF0044BA03190S Datasheet
158Kb / 3P
   44 MHz SAW Filter 5.4 MHz Bandwidth
SF0044BA01930S APITECH-SF0044BA01930S Datasheet
152Kb / 3P
   44 MHz SAW Filter 6 MHz Bandwidth
SF0044BA01081T APITECH-SF0044BA01081T Datasheet
142Kb / 3P
   44 MHz SAW Filter 6 MHz Bandwidth
SF0044BA02641S APITECH-SF0044BA02641S Datasheet
205Kb / 3P
   44 MHz SAW Filter 6.5 MHz Bandwidth
SF0044BA02640S APITECH-SF0044BA02640S Datasheet
132Kb / 3P
   44 MHz SAW Filter 3.4 MHz Bandwidth
SF0044BA01979T APITECH-SF0044BA01979T Datasheet
144Kb / 3P
   44 MHz SAW Filter 4.93 MHz Bandwidth
SF0044BA01470T APITECH-SF0044BA01470T Datasheet
140Kb / 3P
   44 MHz SAW Filter 5.2 MHz Bandwidth
SF0044BA21930T APITECH-SF0044BA21930T Datasheet
142Kb / 3P
   44 MHz SAW Filter 6 MHz Bandwidth
SF0044BA01800T APITECH-SF0044BA01800T Datasheet
162Kb / 3P
   44 MHz SAW Filter 5 MHz Bandwidth
SF0140CF51943T APITECH-SF0140CF51943T Datasheet
219Kb / 2P
   140 MHz Filter 44 MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com