Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM185R70A105KA01D Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # GRM185R70A105KA01D
Description  CHIP MONOLITHIC CERAMIC CAPACITOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM185R70A105KA01D Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  GRM185R70A105KA01D Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. GRM185R70A105KA01D Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GRM185R70A105KA01D Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GRM185R70A105KA01D Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GRM185R70A105KA01D Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GRM185R70A105KA01D Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GRM185R70A105KA01D Datasheet HTML 7Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
FM7500U-092-MAY09
muRata GRM Hi-Cap 2009_3
All information is subject to change without notice, is not warranted in any fashion.
GRM series / Hi
GRM series / Hi--Cap (1uF and over)
Cap (1uF and over)
CHIP MONOLITHIC CERAMIC CAPACITOR
< Low profile series> GRM15 series: 0.33mm Max
GRM18 series: 0.5mm Max
GRM21 series: 0.70mm Max, 0.95mm Max
GRM31 series: 0.95mm Max, 0.95mmMax
Chip size and Capacitance range
<X5R >
Page.3
Mass Production
Under Development
Type
Size
WV
10
6.3
4
25
16
10
6.3
4
25
16
10
6.3
4
50
25
16
10
6.3
35
25
16
10
6.3
10
1
GRM15
0402
0805
2.2
4.7
100
22
47
0603
GRM18
GRM21
GRM32
1210
1206
GRM31
Type
Size
Tmax
(mm)
WV
GRM15
0402
0.33
4
GRM18
0603
0.5
16
10
6.3
4
GRM21
0805
0.7
25
16
10
0.95
25
16
X5R
X6S
10
6.3
4
X6S
GRM31
1206
0.7
25
16
10
50
25
16
10
X5R
X5R
X5R
X5R
X5R
X5R
X6S
X5R
X5R
X5R
X6S
X5R
4.7
10
X5R
X6S
X5R
22
X5R
1
X5R
2.2
X5R
X6S
X5R
X5R
X7R
X5R
X5R
X5R
0.95
X5R
X5R
X5R


Similar Part No. - GRM185R70A105KA01D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM185R60G106ME15 MURATA-GRM185R60G106ME15 Datasheet
778Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM185R60G475M MURATA-GRM185R60G475M Datasheet
60Kb / 1P
   Chip Monolithic Ceramic Capacitor 0603 X5R 4.7關F 4V
GRM185R60G475ME15 MURATA-GRM185R60G475ME15 Datasheet
789Kb / 29P
   Chip Monolithic Ceramic Capacitor for General
GRM185R60G475ME15D MURATA-GRM185R60G475ME15D Datasheet
85Kb / 7P
   CHIP MONOLITHIC CERAMIC CAPACITOR
GRM185R60J105K MURATA-GRM185R60J105K Datasheet
63Kb / 1P
   Chip Monolithic Ceramic Capacitor 0603 X5R 1關F 6.3V
More results

Similar Description - GRM185R70A105KA01D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0222C1H4R5BA03 MURATA-GRM0222C1H4R5BA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GRM0222C1H4R8WA03 MURATA-GRM0222C1H4R8WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GRM0222C1H5R1DA03 MURATA-GRM0222C1H5R1DA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GRM0222C1H5R2DA03 MURATA-GRM0222C1H5R2DA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GRM0222C1H4R1BA03 MURATA-GRM0222C1H4R1BA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GRM0222C1H4R8CA03 MURATA-GRM0222C1H4R8CA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GNM314R71H104MA11 MURATA-GNM314R71H104MA11 Datasheet
605Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR
GNM2145C1H470KD01 MURATA-GNM2145C1H470KD01 Datasheet
605Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR
GNM1M25C1H220KD01 MURATA-GNM1M25C1H220KD01 Datasheet
602Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR
GRM0222C1H4R1WA03 MURATA-GRM0222C1H4R1WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GRM0222C1H4R3CA03 MURATA-GRM0222C1H4R3CA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com