Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T89C51RD2-SMRI-M Datasheet(PDF) 1 Page - ATMEL Corporation

Part # T89C51RD2-SMRI-M
Description  0 to 40MHz Flash Programmable 8-bit Microcontroller
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RD2-SMRI-M Datasheet(HTML) 1 Page - ATMEL Corporation

  T89C51RD2-SMRI-M Datasheet HTML 1Page - ATMEL Corporation T89C51RD2-SMRI-M Datasheet HTML 2Page - ATMEL Corporation T89C51RD2-SMRI-M Datasheet HTML 3Page - ATMEL Corporation T89C51RD2-SMRI-M Datasheet HTML 4Page - ATMEL Corporation T89C51RD2-SMRI-M Datasheet HTML 5Page - ATMEL Corporation T89C51RD2-SMRI-M Datasheet HTML 6Page - ATMEL Corporation T89C51RD2-SMRI-M Datasheet HTML 7Page - ATMEL Corporation T89C51RD2-SMRI-M Datasheet HTML 8Page - ATMEL Corporation T89C51RD2-SMRI-M Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 86 page
background image
Rev. F - 15 February, 2001
1
T89C51RD2
0 to 40MHz Flash Programmable 8-bit Microcontroller
1. Description
ATMEL Wireless and Microcontrollers T89C51RD2 is
high performance CMOS Flash version of the 80C51
CMOS single chip 8-bit microcontroller. It contains a
64 Kbytes Flash memory block for program and for data.
The 64 Kbytes Flash memory can be programmed either
in parallel mode or in serial mode with the ISP capability
or with software. The programming voltage is internally
generated from the standard VCC pin.
The T89C51RD2 retains all features of the ATMEL
Wireless and Microcontrollers 80C52 with 256 bytes of
internal RAM, a 7-source 4-level interrupt controller and
three timer/counters.
In addition, the T89C51RD2 has a Programmable
Counter Array, an XRAM of 1024 bytes, an EEPROM
of 2048 bytes, a Hardware Watchdog Timer, a more
versatile serial channel that facilitates multiprocessor
communication (EUART) and a speed improvement
mechanism (X2 mode). Pinout is either the standard 40/
44 pins of the C52 or an extended version with 6 ports
in a 64/68 pins package.
The fully static design of the T89C51RD2 allows to
reduce system power consumption by bringing the clock
frequency down to any value, even DC, without loss of
data.
The T89C51RD2 has 2 software-selectable modes of
reduced
activity
for
further
reduction
in
power
consumption. In the idle mode the CPU is frozen while
the peripherals and the interrupt system are still
operating. In the power-down mode the RAM is saved
and all other functions are inoperative.
The added features of the T89C51RD2 makes it more
powerful for applications that need
pulse width
modulation, high speed I/O and counting capabilities
such as alarms, motor control, corded phones, smart card
readers.
2. Features
80C52 Compatible
• 8051 pin and instruction compatible
• Four 8-bit I/O ports (or 6 in 64/68 pins packages)
• Three 16-bit timer/counters
• 256 bytes scratch pad RAM
• 7 Interrupt sources with 4 priority levels
ISP (In System Programming) using standard V
CC
power supply.
Boot FLASH contains low level FLASH
programming routines and a default serial loader
High-Speed Architecture
• 40 MHz in standard mode
• 20 MHz in X2 mode (6 clocks/machine cycle)
64K bytes on-chip Flash program / data Memory
• Byte and page (128 bytes) erase and write
• 10k write cycles
On-chip 1024 bytes expanded RAM (XRAM)
• Software selectable size (0, 256, 512, 768, 1024
bytes)
• 768 bytes selected at reset for T87C51RD2
compatibility
Dual Data Pointer
Variable length MOVX for slow RAM/peripherals
Improved X2 mode with independant selection for
CPU and each peripheral
2 k bytes EEPROM block for data storage
• 100K Write cycle
Programmable Counter Array with:
• High Speed Output,
• Compare / Capture,
• Pulse Width Modulator,
• Watchdog Timer Capabilities
Asynchronous port reset
Full duplex Enhanced UART
Low EMI (inhibit ALE)
Hardware Watchdog Timer (One-time enabled with
Reset-Out)
Power control modes:
• Idle Mode.
• Power-down mode.


Similar Part No. - T89C51RD2-SMRI-M

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C51RD2-SMRIL ATMEL-T89C51RD2-SMRIL Datasheet
1Mb / 104P
   0 to 40 MHz Flash Programmable 8-bit Microcontroller
More results

Similar Description - T89C51RD2-SMRI-M

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C51RD2 ATMEL-T89C51RD2_03 Datasheet
1Mb / 104P
   0 to 40 MHz Flash Programmable 8-bit Microcontroller
logo
TEMIC Semiconductors
TSC87C51 TEMIC-TSC87C51 Datasheet
170Kb / 22P
   CMOS 0 to 25 MHz Programmable 8-bit Microcontroller
TSC87C51 TEMIC-TSC87C51 Datasheet
157Kb / 23P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
TSC87C52 TEMIC-TSC87C52 Datasheet
184Kb / 24P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
logo
ATMEL Corporation
ATMEGA329 ATMEL-ATMEGA329_07 Datasheet
6Mb / 392P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA329V_0611 ATMEL-ATMEGA329V_0611 Datasheet
3Mb / 375P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA325 ATMEL-ATMEGA325_07 Datasheet
780Kb / 29P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA329_071 ATMEL-ATMEGA329_071 Datasheet
783Kb / 29P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA325_0611 ATMEL-ATMEGA325_0611 Datasheet
3Mb / 353P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA325 ATMEL-ATMEGA325 Datasheet
2Mb / 347P
   8-bit Microcontroller with In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com