Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JWM12BA1B-B Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # JWM12BA1B-B
Description  High Inrush 10 & 16 Amp Rockers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

JWM12BA1B-B Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  JWM12BA1B-B Datasheet HTML 1Page - List of Unclassifed Manufacturers JWM12BA1B-B Datasheet HTML 2Page - List of Unclassifed Manufacturers JWM12BA1B-B Datasheet HTML 3Page - List of Unclassifed Manufacturers JWM12BA1B-B Datasheet HTML 4Page - List of Unclassifed Manufacturers JWM12BA1B-B Datasheet HTML 5Page - List of Unclassifed Manufacturers JWM12BA1B-B Datasheet HTML 6Page - List of Unclassifed Manufacturers JWM12BA1B-B Datasheet HTML 7Page - List of Unclassifed Manufacturers JWM12BA1B-B Datasheet HTML 8Page - List of Unclassifed Manufacturers JWM12BA1B-B Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Series JW
High Inrush 10 & 16 Amp Rockers
www.nkk.com
B43
B
M
Panel Seal
Power Level
10A @ 125/250V AC
Power Level
10A @ 125/250V AC
Power Level
16A @ 125/250V AC
MW
L
RATINGS
BARRIER TYPES & COLORS
Rocker Position
Connected Terminals
Throw & Schematics
Pole
Model
Down
Center
Up
Down
Center
Up
Note: Terminal numbers are not actually
on the switch. Actuator positions oriented
with switch part number facing front.
SP
JWM11
JWMW11
JWL11
ON
NONE
OFF
1-1b
OPEN
OPEN
SPST
SP
JWM12
JWMW12
JWL12
ON
NONE
ON
1-1b
OPEN
1-1a
SPDT
DP
JWM21
JWMW21
JWL21
JWLW21
ON
NONE
OFF
1-1b
2-2b
OPEN
OPEN
DPST
DP
JWM22
JWMW22
JWL22
JWLW22
ON
NONE
ON
1-1b
2-2b
OPEN
1-1a
2-2a
DPDT
Barrier type designates that either AT217 (for JWM) or
AT218 (for JWL) is factory assembled.
Dimensions for barriers are shown in the Accessories section.
POLES & CIRCUITS
R
Flange/Housing Material: Polyamide
Finish: Matte
Barrier Material: Polyamide
Finish: Matte
No-barrier type has a flat flange
which is an integral part of the switch.
No Barrier
1 (COM)
1b
1a
1 (COM)
1b
1
2
(COM)
1b
2b
1
1b
2b
2
(COM)
1a
2a
B
With Barrier
A
Black
H
Gray
B
Ivory
Barrier Colors
Available:
JWMW and JWLW panel seal devices have exterior seal
of acrylonitrile butadiene rubber covering the flange.
Panel Seal
Power Level
16A @ 125/250V AC
LW
JWM
JWL
JWM
JWL
CAP COLORS
Cap Material: Polyphenelene Oxide
Finish: Matte
Rocker cap is an integral part of the switch and not available separately.
JWMW and JWLW available with black or red caps only.
Black
Ivory
Red
Gray
Cap Colors
Available:
A
B
C
H


Similar Part No. - JWM12BA1B-B

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
JWM12BA1B-B NKK-JWM12BA1B-B Datasheet
312Kb / 9P
   General Specifications
JWM12BA1B-B NKK-JWM12BA1B-B Datasheet
1Mb / 9P
   High Inrush 10 & 16 Amp Rockers
04/19/22
More results

Similar Description - JWM12BA1B-B

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
JW_SERIES NKK-JW_SERIES Datasheet
1Mb / 9P
   High Inrush 10 & 16 Amp Rockers
04/19/22
logo
ZETTLER Electronics
AZ762T ZETTLER-AZ762T Datasheet
52Kb / 2P
   16 AMP HIGH INRUSH MINIATURE POWER RELAY
AZ725 ZETTLER-AZ725 Datasheet
57Kb / 2P
   16 AMP MINIATURE POWER RELAY HIGH INRUSH VERSION 120 AMP
logo
Nihon Kaiheiki Industry...
SW3001A NKK-SW3001A Datasheet
157Kb / 4P
   High Capacity Rockers
logo
American Zettler, Inc.
AZ7695 AZETTLER-AZ7695 Datasheet
575Kb / 2P
   80 Amp inrush current
logo
Nihon Kaiheiki Industry...
M2012TNW NKK-M2012TNW Datasheet
332Kb / 10P
   Miniature Rockers
logo
GOOD-ARK Electronics
S0603H GOOD-ARK-S0603H Datasheet
272Kb / 2P
   High inrush
logo
List of Unclassifed Man...
M2012TNW01-DC ETC2-M2012TNW01-DC Datasheet
282Kb / 10P
   Miniature Rockers
M2013TXG41-DC ETC2-M2013TXG41-DC Datasheet
367Kb / 12P
   Miniature Rockers
R25-11D10-12 ETC2-R25-11D10-12 Datasheet
513Kb / 1P
   8 Amp, 10 Amp & 16 Amp PC Mountable Relays.
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com