Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM100TX-24S1 Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # CM100TX-24S1
Description  HIGH POWER SWITCHING USE INSULATED TYPE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM100TX-24S1 Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  CM100TX-24S1 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CM100TX-24S1 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CM100TX-24S1 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CM100TX-24S1 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor CM100TX-24S1 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor CM100TX-24S1 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor CM100TX-24S1 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor CM100TX-24S1 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor CM100TX-24S1 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
< IGBT MODULES >
CM100TX-24S1
HIGH POWER SWITCHING USE
INSULATED TYPE
TEST CIRCUIT
V
Short-
circuited
30~32
27~29
33~35
IC
1
2
3
4
VGE=15V
16~18
13~15
V
Short-
circuited
30~32
24~26
33~35
IC
5
6
7
8
VGE=15V
16~18
13~15
V
Short-
circuited
30~32
21~23
33~35
IC
9
10
11
12
VGE=15V
16~18
13~15
V
Short-
circuited
30~32
27~29
33~35
IC
1
2
3
4
VGE=15V
16~18
13~15
V
Short-
circuited
30~32
24~26
33~35
IC
5
6
7
8
VGE=15V
16~18
13~15
V
Short-
circuited
30~32
21~23
33~35
IC
9
10
11
12
VGE=15V
16~18
13~15
Gate-emitter
short-circuited
GVP-EVP GVN-EVN,
GWP-EWP, GWN-EWN
Gate-emitter
short-circuited
GUP-EUP, GUN-EUN,
GWP-EWP, GWN-EWN
Gate-emitter
short-circuited
GUP-EUP, GUN-EUN,
GVP-EVP, GVN-EVN
UP / UN IGBT
VP / VN IGBT
WP / WN IGBT
VCEsat characteristics test circuit
V
Short-
circuited
30~32
27~29
33~35
IE
1
2
3
4
16~18
13~15
Short-
circuited
V
Short-
circuited
30~32
24~25
33~35
IE
5
6
7
8
16~18
13~15
Short-
circuited
V
Short-
circuited
30~32
21~23
33~35
IE
9
10
11
12
16~18
13~15
Short-
circuited
V
Short-
circuited
30~32
27~29
33~35
IE
1
2
3
4
16~18
13~15
Short-
circuited
V
Short-
circuited
30~32
24~26
33~35
IE
5
6
7
8
16~18
13~15
Short-
circuited
V
Short-
circuited
30~32
21~23
33~35
IE
9
10
11
12
16~18
13~15
Short-
circuited
Gate-emitter
short-circuited
GVP-EVP GVN-EVN,
GWP-EWP, GWN-EWN
Gate-emitter
short-circuited
GUP-EUP, GUN-EUN,
GWP-EWP, GWN-EWN
Gate-emitter
short-circuited
GUP-EUP, GUN-EUN,
GVP-EVP, GVN-EVN
UP / UN DIODE
VP / VN DIODE
WP / WN DIODE
VEC characteristics test circuit
Publication Date : December 2013
5


Similar Part No. - CM100TX-24S1

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM100TX-24S MITSUBISHI-CM100TX-24S Datasheet
424Kb / 10P
   HIGH POWER SWITCHING USE INSULATED TYPE
logo
Powerex Power Semicondu...
CM100TX-24S POWEREX-CM100TX-24S Datasheet
1Mb / 9P
   Six IGBT NX-Series Module 100 Amperes/1200 Volts
More results

Similar Description - CM100TX-24S1

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM75DY-24H MITSUBISHI-CM75DY-24H Datasheet
48Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM1000HA-28H MITSUBISHI-CM1000HA-28H Datasheet
54Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM75DY-HB MITSUBISHI-QM75DY-HB Datasheet
85Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM400DY-12H MITSUBISHI-CM400DY-12H Datasheet
50Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-2HB MITSUBISHI-QM200DY-2HB Datasheet
86Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM150TF-12H MITSUBISHI-CM150TF-12H Datasheet
53Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-HB MITSUBISHI-QM200DY-HB Datasheet
68Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100DY-12H MITSUBISHI-CM100DY-12H Datasheet
47Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM300HA-24 MITSUBISHI-QM300HA-24 Datasheet
77Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM75E2Y-H MITSUBISHI-QM75E2Y-H Datasheet
90Kb / 6P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100E3U-24H MITSUBISHI-CM100E3U-24H Datasheet
44Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com