Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM25RL1A120 Datasheet(PDF) 6 Page - Powerex Power Semiconductors

Part # PM25RL1A120
Description  Three Phase IGBT Inverter Brake 25 Amperes/1200 Volts
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PM25RL1A120 Datasheet(HTML) 6 Page - Powerex Power Semiconductors

  PM25RL1A120 Datasheet HTML 1Page - Powerex Power Semiconductors PM25RL1A120 Datasheet HTML 2Page - Powerex Power Semiconductors PM25RL1A120 Datasheet HTML 3Page - Powerex Power Semiconductors PM25RL1A120 Datasheet HTML 4Page - Powerex Power Semiconductors PM25RL1A120 Datasheet HTML 5Page - Powerex Power Semiconductors PM25RL1A120 Datasheet HTML 6Page - Powerex Power Semiconductors PM25RL1A120 Datasheet HTML 7Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PM25RL1A120
Intellimod™ L1-Series
Three Phase IGBT Inverter + Brake
25 Amperes/1200 Volts
6
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272 www.pwrx.com
03/10 Rev. 1
100
101
102
10-1
COLLECTOR CURRENT, IC, (AMPERES)
SWITCHING TIME (ON) VS.
COLLECTOR CURRENT
(TYPICAL - INVERTER PART)
100
101
100
101
102
10-1
COLLECTOR CURRENT, IC, (AMPERES)
SWITCHING TIME (OFF) VS.
COLLECTOR CURRENT
(TYPICAL - INVERTER PART)
100
101
100
101
102
10-1
COLLECTOR CURRENT, IC, (AMPERES)
SWITCHING TIME (OFF) VS.
COLLECTOR CURRENT
(TYPICAL - INVERTER PART)
100
101
SHORT CIRCUIT TRIP LEVEL
CHARACTERISTICS
(TYPICAL - INVERTER PART)
CIRCUIT FREQUENCY, fC, (kHz)
CIRCUIT CURRENT VS.
CARRIER FREQUENCY CHARACTERISTICS
(N-SIDE - INVERTER PART)
0
25
20
15
5
10
35
30
25
15
20
10
5
0
35
30
25
15
20
10
5
0
CIRCUIT FREQUENCY, fC, (kHz)
CIRCUIT CURRENT VS.
CARRIER FREQUENCY CHARACTERISTICS
(P-SIDE - INVERTER PART)
0
25
VD = 15V
Tj = 25°C
Tj = 125°C
VD = 15V
VD = 15V
Tj = 25°C
Tj = 125°C
20
15
5
10
JUNCTION TEMPERATURE, Tj, (°C)
SUPPLY CIRCUIT UNDER-VOLTAGE
PROTECTION CHARACTERISTICS
(TYPICAL - INVERTER PART)
-50
150
UV
UVr
100
50
0
20
12
16
8
4
0
JUNCTION TEMPERATURE, Tj, (°C)
-40 -20
140
100 120
80
60
20 40
0
2.0
1.2
1.6
0.8
0.4
0
100
101
102
10-1
COLLECTOR CURRENT, IC, (AMPERES)
SWITCHING TIME (ON) VS.
COLLECTOR CURRENT
(TYPICAL - INVERTER PART)
100
101
TIME, (s)
TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(IGBT & FWDi - INVERTER PART)
101
10-1
10-2
10-3
100
101
100
10-1
10-2
Single Pulse
TC = 25°C
Per Unit Base =
Rth(j-c) =
0.97°C/W
(IGBT)
Rth(j-c) =
1.60°C/W
(FWDi)
VCC = 600V
VD = 15V
INDUCTIVE LOAD
Tj = 25°C
Tj = 125°C
VCC = 600V
VD = 15V
INDUCTIVE LOAD
Tj = 25°C
Tj = 125°C
VCC = 600V
VD = 15V
INDUCTIVE LOAD
Tj = 25°C
Tj = 125°C
VCC = 600V
VD = 15V
INDUCTIVE LOAD
Tj = 25°C
Tj = 125°C


Similar Part No. - PM25RL1A120

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM25RL1A120 MITSUBISHI-PM25RL1A120 Datasheet
158Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM25RL1A120

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PM150RL1A120 POWEREX-PM150RL1A120 Datasheet
718Kb / 7P
   Three Phase IGBT Inverter Brake 150 Amperes/1200 Volts
PM100RL1A120 POWEREX-PM100RL1A120 Datasheet
715Kb / 7P
   Three Phase IGBT Inverter Brake 100 Amperes/1200 Volts
PM25CLB120 POWEREX-PM25CLB120 Datasheet
116Kb / 3P
   Three Phase IGBT Inverter 25 Amperes/1200 Volts
PM25CL1A120 POWEREX-PM25CL1A120 Datasheet
693Kb / 5P
   Three Phase IGBT Inverter 25 Amperes/1200 Volts
PM25RSB120 POWEREX-PM25RSB120 Datasheet
101Kb / 8P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (25 Amperes/1200 Volts)
PM25RSK120 POWEREX-PM25RSK120 Datasheet
84Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (25 Amperes/1200 Volts)
PM25RL1C120 POWEREX-PM25RL1C120 Datasheet
387Kb / 4P
   Intellimod??L1-Series Three Phase IGBT Inverter Brake 25 Amperes/1200 Volts
PM25RL1B120 POWEREX-PM25RL1B120 Datasheet
730Kb / 7P
   Intellimod??L1-Series Three Phase IGBT Inverter Brake 25 Amperes/1200 Volts
CM25MD-24H POWEREX-CM25MD-24H Datasheet
85Kb / 6P
   CIB Module Three Phase Converter Three Phase Inverter Brake 25 Amperes/1200 Volts
PM150RSD120 POWEREX-PM150RSD120 Datasheet
294Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (150 Amperes/1200 Volts)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com