Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM50CL1A060 Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # PM50CL1A060
Description  Intellimod??L1-Series Three Phase IGBT Inverter 50 Amperes/600 Volts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PM50CL1A060 Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  PM50CL1A060 Datasheet HTML 1Page - Powerex Power Semiconductors PM50CL1A060 Datasheet HTML 2Page - Powerex Power Semiconductors PM50CL1A060 Datasheet HTML 3Page - Powerex Power Semiconductors PM50CL1A060 Datasheet HTML 4Page - Powerex Power Semiconductors PM50CL1A060 Datasheet HTML 5Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PM50CL1A060
Intellimod™ L1-Series
Three Phase IGBT Inverter
50 Amperes/600 Volts
3
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272 www.pwrx.com
03/10 Rev. 1
Electrical and Mechanical Characteristics,
Tj = 25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Control Sector
Circuit Current
ID
VD = 15V, VCIN = 15V, VN1-VNC
6
12
mA
VD = 15V, VCIN = 15V, V*P1-V*PC
2
4
mA
Input ON Threshold Voltage
Vth(on)
Applied between UP-VUPC,
1.2
1.5
1.8
Volts
Input OFF Threshold Voltage
Vth(off)
VP-VVPC, WP-VWPC, UN- VN- WN-VNC
1.7
2.0
2.3
Volts
Short Circuit Trip Level
SC
-20°C ≤ Tj ≤ 125°C, VD = 15V
100
Amperes
Short Circuit Current Delay Time
toff(SC)
VD = 15V
0.2
µs
Over Temperature Protection
OT
Trip Level
135
°C
(Detect Tj of IGBT Chip)
OT(hys)
Hysteresis Level
20
°C
Supply Circuit Under-voltage Protection
UV
Trip Level
11.5
12.0
12.5
Volts
(-20 ≤ Tj ≤ 125°C)
UVR
Reset Level
12.5
Volts
Fault Output Current*
IFO(H)
VD = 15V, VCIN = 15V
0.01
mA
IFO(L)
VD = 15V, VCIN = 15V
10
15
mA
Fault Output Pulse Width*
tFO
VD = 15V
1.0
1.8
ms
Thermal Characteristics
Characteristic
Symbol
Condition
Min.
Typ.
Max.
Units
Junction to Case Thermal Resistance
Rth(j-c)Q
IGBT (Per 1 Element) (Note 1)
0.44
°C/Watt
Rth(j-c)D
FWDi (Per 1 Element) (Note 1)
0.75
°C/Watt
Contact Thermal Resistance
Rth(c-f)
Case to Fin Per Module,
0.038
°C/Watt
Thermal Grease Applied (Note 1)
Recommended Conditions for Use
Characteristic
Symbol
Condition
Value
Units
Supply Voltage
VCC
Applied across P-N Terminals
≤400
Volts
Control Supply Voltage**
VD
Applied between VUP1-VUPC,
15.0 ± 1.5
Volts
VVP1-VVPC, VWP1-VWPC, VN1-VNC
Input ON Voltage
VCIN(on)
Applied between UP-VUPC,
≤0.8
Volts
Input OFF Voltage
VCIN(off)
VP-VVPC, WP-VWPC, UN- VN- WN-VNC
≥9.0
Volts
PWM Input Frequency
fPWM
≤20
kHz
Arm Shoot-through Blocking Time
tDEAD
Input Signal
≥2.0
µs
*Fault output is given only when the internal SC, OT and UV protections schemes of either upper or lower arm device operates to protect it.
** With ripple satisfying the following conditions: dv/dt swing ≤ ±5V/µs, Variation ≤ 2V peak to peak.
Note 1: TC (under the chip) Measurement Point
Arm
UP
VP
WP
UN
VN
WN
Axis
IGBT FWDi IGBT FWDi IGBT FWDi IGBT FWDi IGBT FWDi IGBT FWDi
X
28.7
28.7
65.4
65.4
85.0
85.0
37.2
37.2
55.8
55.8
75.4
75.4
Y
-6.3
0.2
-6.3
0.2
-6.3
0.2
5.4
-0.9
5.4
-0.9
5.4
-0.9
Y
BOTTOM VIEW
X


Similar Part No. - PM50CL1A060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM50CL1A060 MITSUBISHI-PM50CL1A060 Datasheet
148Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM50CL1A060

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PM50CL1B060 POWEREX-PM50CL1B060 Datasheet
610Kb / 5P
   Intellimod??L1-Series Three Phase IGBT Inverter 50 Amperes/600 Volts
PM50RL1A060 POWEREX-PM50RL1A060 Datasheet
816Kb / 7P
   Intellimod??L1-Series Three Phase IGBT Inverter Brake 50 Amperes/600 Volts
PM50RL1B060 POWEREX-PM50RL1B060 Datasheet
723Kb / 7P
   Intellimod??L1-Series Three Phase IGBT Inverter Brake 50 Amperes/600 Volts
PM50RL1C060 POWEREX-PM50RL1C060 Datasheet
440Kb / 4P
   Intellimod??L1-Series Three Phase IGBT Inverter Brake 50 Amperes/600 Volts
PM75CL1A060 POWEREX-PM75CL1A060 Datasheet
692Kb / 5P
   Intellimod??L1-Series Three Phase IGBT Inverter 75 Amperes/600 Volts
PM75CL1B060 POWEREX-PM75CL1B060 Datasheet
610Kb / 5P
   Intellimod??L1-Series Three Phase IGBT Inverter 75 Amperes/600 Volts
PM100CL1A060 POWEREX-PM100CL1A060 Datasheet
694Kb / 5P
   Intellimod??L1-Series Three Phase IGBT Inverter 100 Amperes/600 Volts
PM50CL1A120 POWEREX-PM50CL1A120 Datasheet
693Kb / 5P
   Intellimod??L1-Series Three Phase IGBT Inverter 50 Amperes/1200 Volts
PM50CL1B120 POWEREX-PM50CL1B120 Datasheet
610Kb / 5P
   Intellimod??L1-Series Three Phase IGBT Inverter 50 Amperes/1200 Volts
PM75RL1B060 POWEREX-PM75RL1B060 Datasheet
729Kb / 7P
   Intellimod??L1-Series Three Phase IGBT Inverter Brake 75 Amperes/600 Volts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com