Electronic Components Datasheet Search |
|
CC1206ZCYSV6BB104 Datasheet(PDF) 2 Page - YAGEO Corporation |
|
CC1206ZCYSV6BB104 Datasheet(HTML) 2 Page - YAGEO Corporation |
2 / 14 page www.yageo.com Jul 29, 2010 V.5 General Purpose & High Cap. 6.3 V to 50 V Surface-Mount Ceramic Multilayer Capacitors 2 14 Product specification Y5V ORDERING INFORMATION-GLOBAL PART NUMBER, PHYCOMP CTC & 12NC All part numbers are identified by the series, size, tolerance, TC material, packing style, voltage, process code, termination and capacitance value. Y YA AG GE EO O B BR RA AN ND D o orrd deerriin ngg cco od dee GLOBAL PART NUMBER (PREFERRED) CC XXXX X X Y5V X BB XXX (1) (2) (3) (4) (5) (1) SIZE – INCH BASED (METRIC) 0201 (0603) 0402 (1005) 0603 (1608) 0805 (2012) 1206 (3216) 1210 (3225) (2) TOLERANCE M = ±20% Z = –20% to +80% (3) PACKING STYLE R = Paper/PE taping reel; Reel 7 inch K = Blister taping reel; Reel 7 inch P = Paper/PE taping reel; Reel 13 inch F = Blister taping reel; Reel 13 inch C = Bulk case (4) RATED VOLTAGE 5 = 6.3 V 6 = 10 V 7 = 16 V 8 = 25 V 9 = 50 V (5) CAPACITANCE VALUE 2 significant digits+number of zeros The 3rd digit signifies the multiplying factor, and letter R is decimal point Example: 103 = 10 x 103 = 10,000 pF = 10 nF SCOPE This specification describes Y5V series chip capacitors with lead- free terminations. APPLICATIONS Consumer electronics, for example: - Tuners - Television receivers - Video recorders - All types of cameras - Mobile telephones FEATURES Supplied in tape on reel Nickel-barrier end termination RoHS compliant Halogen Free compliant |
Similar Part No. - CC1206ZCYSV6BB104 |
|
Similar Description - CC1206ZCYSV6BB104 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |