Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM50RL1C060 Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # PM50RL1C060
Description  Intellimod??L1-Series Three Phase IGBT Inverter Brake 50 Amperes/600 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PM50RL1C060 Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  PM50RL1C060 Datasheet HTML 1Page - Powerex Power Semiconductors PM50RL1C060 Datasheet HTML 2Page - Powerex Power Semiconductors PM50RL1C060 Datasheet HTML 3Page - Powerex Power Semiconductors PM50RL1C060 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PM50RL1C060
Intellimod™ L1-Series
Three Phase IGBT Inverter + Brake
50 Amperes/600 Volts
2
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272 www.pwrx.com
03/10 Rev. 1
Absolute Maximum Ratings,
Tj = 25°C unless otherwise specified
Characteristics
Symbol
PM50RL1C060
Units
Power Device Junction Temperature
Tj
-20 to 150
°C
Storage Temperature
Tstg
-40 to 125
°C
Mounting Torque, M4 Mounting Screws
15
in-lb
Module Weight (Typical)
150
Grams
Supply Voltage, Surge (Applied between P - N)
VCC(surge)
500
Volts
Self-protection Supply Voltage Limit (Short Circuit protection Capability)*
VCC(prot.)
400
Volts
Isolation Voltage, AC 1 minute, 60Hz Sinusoidal
VISO
2500
Volts
IGBT Inverter Sector
Collector-Emitter Voltage (VD = 15V, VCIN = 15V)
VCES
600
Volts
Collector Current (TC = 25°C) (Note 1)
±IC
50
Amperes
Peak Collector Current (TC = 25°C)
±ICP
100
Amperes
Collector Dissipation (TC = 25°C) (Note 1)
PC
168
Watts
IGBT Brake Sector
Collector-Emitter Voltage (VD = 15V, VCIN = 15V)
VCES
600
Volts
Collector Current (TC = 25°C) (Note 1)
±IC
50
Amperes
Peak Collector Current (TC = 25°C)
±ICP
100
Amperes
Collector Dissipation (TC = 25°C) (Note 1)
PC
168
Watts
Diode Forward Current (TC = 25°C)
IF
50
Amperes
Diode Rated DC Reverse Voltage (TC = 25°C)
VR(DC)
600
Volts
Control Sector
Supply Voltage (Applied between VUP1-VUPC, VVP1-VVPC, VWP1-VWPC, VN1-VNC)
VD
20
Volts
Input Voltage (Applied between UP-VUPC, VP-VVPC, WP-VWPC, UN- VN- WN-Br-VNC)
VCIN
20
Volts
Fault Output Supply Voltage
VFO
20
Volts
(Applied between UFO-VUPC, VFO-VVPC, WFO-VWPC, FO-VNC)
Fault Output Current (UFO, VFO, WFO, FO Terminals)
IFO
20
mA
*VD = 13.5 ~ 16.5V, Inverter Part, Tj = 125°C
Arm
UP
VP
WP
UN
VN
WN
Br
Axis
IGBT FWDi IGBT FWDi IGBT FWDi IGBT FWDi IGBT FWDi IGBT FWDi IGBT FWDi
X
49.0
49.0
35.0
35.0
21.0
21.0
42.0
42.0
28.0
28.0
14.0
14.0
64.0
68.2
Y
2.8
-3.3
2.8
-3.3
2.8
-3.3
-7.3
-1.2
-7.3
-1.2
-5.3
0.8
3.9
-4.6
Note 1:TC (under the chip) Measurement Point
BOTTOM VIEW
Y
X
(0,0)


Similar Part No. - PM50RL1C060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM50RL1C060 MITSUBISHI-PM50RL1C060 Datasheet
142Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM50RL1C060

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PM50RL1B060 POWEREX-PM50RL1B060 Datasheet
723Kb / 7P
   Intellimod??L1-Series Three Phase IGBT Inverter Brake 50 Amperes/600 Volts
PM50RL1A060 POWEREX-PM50RL1A060 Datasheet
816Kb / 7P
   Intellimod??L1-Series Three Phase IGBT Inverter Brake 50 Amperes/600 Volts
PM75RL1B060 POWEREX-PM75RL1B060 Datasheet
729Kb / 7P
   Intellimod??L1-Series Three Phase IGBT Inverter Brake 75 Amperes/600 Volts
PM100RL1A060 POWEREX-PM100RL1A060 Datasheet
821Kb / 7P
   Intellimod??L1-Series Three Phase IGBT Inverter Brake 100 Amperes/600 Volts
PM150RL1A060 POWEREX-PM150RL1A060 Datasheet
824Kb / 7P
   Intellimod??L1-Series Three Phase IGBT Inverter Brake 150 Amperes/600 Volts
PM150RL1B060 POWEREX-PM150RL1B060 Datasheet
731Kb / 7P
   Intellimod??L1-Series Three Phase IGBT Inverter Brake 150 Amperes/600 Volts
PM75RL1A060 POWEREX-PM75RL1A060 Datasheet
822Kb / 7P
   Intellimod??L1-Series Three Phase IGBT Inverter Brake 75 Amperes/600 Volts
PM50CL1B060 POWEREX-PM50CL1B060 Datasheet
610Kb / 5P
   Intellimod??L1-Series Three Phase IGBT Inverter 50 Amperes/600 Volts
PM50CL1A060 POWEREX-PM50CL1A060 Datasheet
692Kb / 5P
   Intellimod??L1-Series Three Phase IGBT Inverter 50 Amperes/600 Volts
PM50RL1B120 POWEREX-PM50RL1B120 Datasheet
730Kb / 7P
   Intellimod??L1-Series Three Phase IGBT Inverter Brake 50 Amperes/1200 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com