Electronic Components Datasheet Search |
|
ERJ14RQJR010V Datasheet(PDF) 1 Page - Panasonic Semiconductor |
|
ERJ14RQJR010V Datasheet(HTML) 1 Page - Panasonic Semiconductor |
1 / 4 page Thick Film Chip Resistors / Low Resistance Type Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. 1 2 3 4 5 6 7 8 9 10 11 Thick Film Chip Resistors Product Code Size, Power Rating Type: inch 0.166 W 0.1 W 0.25 W 0.125 W 0.33 W 0.25 W 0.5 W 0.25 W 0.5 W 0.5 W 0.5 W 1 W Power R. Resistance Value Code S Q 0.1 to 0.2 0.22 to 9.1 Resistance Tolerance Code F G J Tolerance ± 1 % ± 2 % ± 5 % Shown by 3 digits or letters. (Ex.) R22 : 0.22 Resistance Value Packaging Methods Code Packaging Type Punched Carrier Taping 4 mm pitch, 5,000 pcs. Embossed Carrier Taping 4 mm pitch, 5,000 pcs. 2B : 0402 3R : 0603 3B : 0603 6R : 0805 6B : 0805 8R : 1206 8B : 1206 14R : 1210 14B : 1210 12R : 1812 12Z : 2010 1TR : 2512 Res. Value V X U Punched Carrier Taping 2 mm pitch, 10,000 pcs. Embossed Carrier Taping 4 mm pitch, 4,000 pcs. ERJ2B ERJ3R/3B ERJ6R/6B ERJ8R/8B ERJ14R/14B ERJ12R ERJ12Z ERJ1TR 2B : 0.22 to 1.0 Thick Film Chip Resistors / Low Resistance Type ERJ R, B : 0402, 0603, 0805, 1206, 1210, 1812, 2010, 2512 ERJ BW, CW : 0402, 0603, 0805, 1206 ERJ L : 0603, 0805, 1206, 1210, 1812, 2010, 2512 ■ Features ● Current Sensing resistor ● Small size and lightweight ● High reliability : Metal glaze thick film resistive element and three layers of electrodes ● Suitable for both reflow and flow soldering ● Improved high-power/resistance to pulse characteristics by double-sided resistive elements structure : ERJ2BW, 3BW, 6BW, 8BW, 8CW Type ● Low TCR : ±50×10–6/°C (ERJ8CW) ● Low Resistance Value 10 m Ω to 50 mΩ : ERJ8CW 10 m Ω to 100 mΩ : ERJ6BW, 8BW 20 m Ω to 100 mΩ : ERJ3BW, ERJL14, L12 40 m Ω to 100 mΩ : ERJL1D, L1W 47 m Ω to 100 mΩ : ERJ2BW, ERJL03, L06, L08 ● Reference Standards : IEC 60115-8, JIS C 5201-8, JEITA RC-2144 ● AEC-Q200 qualified ● RoHS compliant ■ Explanation of Part Numbers ● ERJ2BS/2BQ, 3BS/3BQ, 6BS/6BQ, 8BS/8BQ, 14BS/14BQ, 3R, 6R, 8R, 14R, 12R, 12Z, 1TR Series High power type/Standard type Type: ERJ 2B, 3B, 6B, 8B, 14B, 3R, 6R, 8R, 14R, 12R, 12Z, 1TR ERJ 2BW, 3BW, 6BW, 8BW, 8CW ERJ L03, L06, L08, L14, L12, L1D, L1W ■ Packaging Methods, Land Pattern, Soldering Conditions and Safety Precautions Please see Data Files Feb. 2014 07 10 |
Similar Part No. - ERJ14RQJR010V |
|
Similar Description - ERJ14RQJR010V |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |