Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q6004L3 Datasheet(PDF) 3 Page - Littelfuse

Part # Q6004L3
Description  4 Amp Sensitive & Standard Triacs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

Q6004L3 Datasheet(HTML) 3 Page - Littelfuse

  Q6004L3 Datasheet HTML 1Page - Littelfuse Q6004L3 Datasheet HTML 2Page - Littelfuse Q6004L3 Datasheet HTML 3Page - Littelfuse Q6004L3 Datasheet HTML 4Page - Littelfuse Q6004L3 Datasheet HTML 5Page - Littelfuse Q6004L3 Datasheet HTML 6Page - Littelfuse Q6004L3 Datasheet HTML 7Page - Littelfuse Q6004L3 Datasheet HTML 8Page - Littelfuse Q6004L3 Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
53
Revised: June 24, 2011 04:57 PM
©2011 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
4 Amp Sensitive & Standard Triacs
Lxx04xx & Qxx04xx Series
Static Characteristics (T
J = 25°C, unless otherwise specified)
Symbol
Test Conditions
Value
Unit
V
TM
I
TM = 5.6A tp = 380 µs
MAX.
1.60
V
I
DRM
I
RRM
V
DRM = VRRM
MAX.
Lxx04xy
T
J = 25°C
400-600V
5
μA
T
J = 110°C
400-600V
200
μA
Qxx04xy
T
J = 25°C
400-1000V
10
μA
T
J = 125°C
400-800V
2
mA
T
J = 100°C
1000V
3
Thermal Resistances
Symbol
Parameter
Value
Unit
R
θ(J-C)
Junction to case (AC)
L/Qxx04Dy
3.5
°C/W
L/Qxx04Ly
3.6
L/Qxx04Ry
3.6
L/Qxx04Vy
6.0
R
θ(J-A)
Junction to ambient
L/Qxx04Ly
50
°C/W
L/Qxx04Ry
45
L/Qxx04Vy
70
Note: xx = voltage, x = package, y = sensitivity
Figure 2: Normalized DC Gate Trigger Current for
All Quadrants vs. Junction Temperature
Junction Temperature (T
J)- ºC
110
125
85
60
35
10
-40
-40
-65
4.0
0.0
1.0
2.0
3.0
Figure 1: Definition of Quadrants
MT2 POSITIVE
(Positive Half Cycle)
MT2 NEGATIVE
(Negative Half Cycle)
MT1
MT2
+ I
GT
REF
QII
MT1
I
GT
GATE
MT2
REF
MT1
MT2
REF
MT1
MT2
REF
QI
QIV
QIII
ALL POLARITIES ARE REFERENCED TO MT1
(
-)
I
GT
GATE
(+)
I
GT -
I
GT
GATE
(
-)
I
GT
GATE
(+)
+
-


Similar Part No. - Q6004L3

ManufacturerPart #DatasheetDescription
logo
Littelfuse
Q6004L3 LITTELFUSE-Q6004L3 Datasheet
230Kb / 10P
   Triacs (0.8 A to 35 A)
Q6004L3 LITTELFUSE-Q6004L3 Datasheet
236Kb / 10P
   RoHS Compliant
logo
Inchange Semiconductor ...
Q6004L3 ISC-Q6004L3 Datasheet
158Kb / 1P
   isc Triacs
logo
Littelfuse
Q6004L3XX LITTELFUSE-Q6004L3XX Datasheet
715Kb / 10P
   4 Amp Sensitive & Standard Triacs
More results

Similar Description - Q6004L3

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LXX04XX LITTELFUSE-LXX04XX Datasheet
715Kb / 10P
   4 Amp Sensitive & Standard Triacs
L4004L3TP LITTELFUSE-L4004L3TP Datasheet
905Kb / 10P
   Teccor짰 brand Thyristors 4 Amp Sensitive & Standard Triacs
Q6X3RP LITTELFUSE-Q6X3RP Datasheet
836Kb / 9P
   Teccor짰 brand Thyristors 1 Amp Sensitive & Standard Triacs
E71639 LITTELFUSE-E71639 Datasheet
999Kb / 14P
   8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
Q6008DH3RP LITTELFUSE-Q6008DH3RP Datasheet
435Kb / 14P
   8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
L4X3RP LITTELFUSE-L4X3RP Datasheet
385Kb / 10P
   Teccor짰 brand Thyristors 0.8 Amp Sensitive & Standard Triacs
logo
Guangdong Kexin Industr...
KTA1A60-89 KEXIN-KTA1A60-89 Datasheet
1Mb / 3P
   4 Quadrants Sensitive TRIACS
logo
Tiger Electronic Co.,Lt...
KTA1A60 TGS-KTA1A60 Datasheet
1Mb / 3P
   4 Quadrants Sensitive TRIACS
logo
Littelfuse
LJ6008D8RP LITTELFUSE-LJ6008D8RP Datasheet
537Kb / 11P
   8 Amp High Temp Sensitive,Standard & Alternistor(High Communication)Triacs
Revised: GD. 05/07/21
logo
Guangdong Kexin Industr...
KTA1A60-HF-89 KEXIN-KTA1A60-HF-89 Datasheet
1Mb / 3P
   4 Quadrants Sensitive TRIACS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com