Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTST-T680TGKT Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # LTST-T680TGKT
Description  Single Color PLCC-2 Type T680 Package 3.5mm(L) x 2.8mm(W)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTST-T680TGKT Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  LTST-T680TGKT Datasheet HTML 1Page - Lite-On Technology Corporation LTST-T680TGKT Datasheet HTML 2Page - Lite-On Technology Corporation LTST-T680TGKT Datasheet HTML 3Page - Lite-On Technology Corporation LTST-T680TGKT Datasheet HTML 4Page - Lite-On Technology Corporation LTST-T680TGKT Datasheet HTML 5Page - Lite-On Technology Corporation LTST-T680TGKT Datasheet HTML 6Page - Lite-On Technology Corporation LTST-T680TGKT Datasheet HTML 7Page - Lite-On Technology Corporation LTST-T680TGKT Datasheet HTML 8Page - Lite-On Technology Corporation LTST-T680TGKT Datasheet HTML 9Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
450nm
500nm
550nm
600nm
650nm
700nm
TB
Min.
AC
465.0
AD
470.0
TG
AP
AQ
AR
Max.
640.0
Bin Code
Min.
TB
D2
1.8
D3
2.0
D4
2.2
D5
2.4
D6
2.6
D7
2.8
D7
D8
3.0
D9
3.2
D10
3.4
D11
3.6
D11
D11
Note: Forward Voltage Tolerance is +/- 0.1 volt.
D2
D2
D2
D4
D4
D2
D7
D4
D4
Forward Voltage (VF) Bin Rank
KR
KF
KS
KG
TG
Note: Tolerance on each Dominate Wavelength bin is +/-1nm.
KR
Min.
R
606.0
609.0
S
609.0
612.0
603.0
Q
603.0
606.0
--
KF
625.0
Max.
Min.
P
600.0
H
J
K
L
592.0
594.5
587.0
589.5
589.5
592.0
D
E
564.5
Min.
Min.
Max.
520.0
525.0
B
C
KG
535.0
530.0
Min.
525.0
530.0
Max.
Max.
470.0
567.5
KS
573.5
576.5
475.0
570.5
567.5
570.5
573.5
Wavelength Grouping
Max.
584.5
587.0
Max.
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
Lite-On Technology Corp.
4


Similar Part No. - LTST-T680TGKT

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
LTST-T680TGKT TO-GRACE-LTST-T680TGKT Datasheet
682Kb / 11P
   Package in 8mm tape on 7" diameter reels.
More results

Similar Description - LTST-T680TGKT

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SML-LX3528SIC-TR LUMEX-SML-LX3528SIC-TR Datasheet
99Kb / 2P
   2.8mm X 3.5mm SMT w Reflector
SML-LX2835SIUPGUBC LUMEX-SML-LX2835SIUPGUBC Datasheet
105Kb / 2P
   2.8mm X 3.5mm SML w Reflector
SML-LX2835SYSUGUBC LUMEX-SML-LX2835SYSUGUBC Datasheet
103Kb / 2P
   2.8mm X 3.5mm SMT w Reflector
SML-LX3528MWC-TR LUMEX-SML-LX3528MWC-TR Datasheet
99Kb / 2P
   2.8mm X 3.5mm SMT w Reflector
SML-LX3528SYC-TR LUMEX-SML-LX3528SYC-TR Datasheet
98Kb / 2P
   2.8mm X 3.5mm 0.2W SMT LED
SML-LX3528USBC-TR LUMEX-SML-LX3528USBC-TR Datasheet
99Kb / 2P
   2.8mm X 3.5mm 0.2W SMT LED
logo
STANLEY ELECTRIC CO.,LT...
VCPB1104LS STANLEY-VCPB1104LS Datasheet
281Kb / 16P
   Single Color PLCC-2 Type (High Reliability type, V-Series)
logo
LUMEX INC.
SML-LX3528UPGC-TR LUMEX-SML-LX3528UPGC-TR Datasheet
99Kb / 2P
   2.8mm X 3.5mm 0.2W SMT LED
SML-LX3528UWC-TR LUMEX-SML-LX3528UWC-TR Datasheet
100Kb / 2P
   2.8mm X 3.5mm 0.2W SMT LED
logo
STANLEY ELECTRIC CO.,LT...
1104B STANLEY-1104B Datasheet
296Kb / 16P
   Single Color PLCC-2 Bathtub Type (High Reliability type, V-Series)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com