Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXZ1-PE01-0080 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # LXZ1-PE01-0080
Description  Color and White LED Portfolio
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LXZ1-PE01-0080 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  LXZ1-PE01-0080 Datasheet HTML 1Page - List of Unclassifed Manufacturers LXZ1-PE01-0080 Datasheet HTML 2Page - List of Unclassifed Manufacturers LXZ1-PE01-0080 Datasheet HTML 3Page - List of Unclassifed Manufacturers LXZ1-PE01-0080 Datasheet HTML 4Page - List of Unclassifed Manufacturers LXZ1-PE01-0080 Datasheet HTML 5Page - List of Unclassifed Manufacturers LXZ1-PE01-0080 Datasheet HTML 6Page - List of Unclassifed Manufacturers LXZ1-PE01-0080 Datasheet HTML 7Page - List of Unclassifed Manufacturers LXZ1-PE01-0080 Datasheet HTML 8Page - List of Unclassifed Manufacturers LXZ1-PE01-0080 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LUXEON Z Datasheet DS105 20120516
4
Luminous Flux Characteristics for LUXEON Z Color Portfolio, Thermal Pad Temperature =25°C
Table 1.
Min Luminous
Typ Efficacy
Typ Luminous
Typ Efficacy
Flux (lm)
Typ
(lm/W) or
Flux (lm) or
(lm/W) or
Part
or Radiometric
Flux
WPE
Radiometric
WPE
Color
Number
Power (mW)
(lm/mw)
Power (mW)
Performance @ 500 mA
Performance @ 700 mA
LXZ1-PM01-0104
104
LXZ1-PM01-0096
96
98
63
120
53
LXZ1-PM01-0088
88
92
59
113
50
LXZ1-PM01-0080
80
84
54
103
46
LXZ1-PM01-0072
72
76
49
93
41
LXZ1-PE01-0080
80
81
52
100
44
LXZ1-PE01-0072
72
70
45
86
38
LXZ1-PE01-0064
64
68
44
84
38
LXZ1-PE01-0056
56
60
39
74
33
LXZ1-PE01-0048
48
54
35
67
30
LXZ1-PB01-0048
48
50
34
65
30
LXZ1-PB01-0040
40
44
30
57
27
LXZ1-PB01-0032
32
38
26
49
23
LXZ1-PB01-0024
24
30
21
39
19
LXZ1-PR01-0600
600
620
43%
823
40%
LXZ1-PR01-0550
550
570
40%
757
37%
LXZ1-PR01-0500
500
530
37%
704
35%
LXZ1-PR01-0450
450
480
33%
637
31%
LXZ1-PA01-0350
350
360
34%
454
31%
LXZ1-PA01-0300
300
330
32%
416
29%
LXZ1-PA01-0250
250
280
26%
353
24%
LXZ1-PD01-0056
56
57
54
77
49
LXZ1-PD01-0048
48
52
50
70
46
LXZ1-PD01-0040
40
44
42
60
38
LXZ1-PD01-0032
32
37
35
50
32
LXZ1-PH01-0064
64
66
63
90
58
LXZ1-PH01-0056
56
60
57
82
53
LXZ1-PH01-0048
48
54
51
73
47
LXZ1-PL01-0064
64
66
63
90
59
LXZ1-PL01-0056
56
60
57
82
53
LXZ1-PL01-0048
48
54
51
73
48
LXZ1-PL01-0040
40
46
44
63
41
Notes for Table 1:
1. Minimum luminous flux or radiometric power performance guaranteed within published operating conditions. Philips Lumileds maintains a
tolerance of ± 6.5% on flux and power measurements.
2. Typical luminous flux or radiometric power performance when device is operated within published operating conditions.
Flux and Efficacy Performance Characteristics
Royal-Blue
Blue
Green
Cyan
Red
Red-Orange
Amber
Deep Red


Similar Part No. - LXZ1-PE01-0080

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LXZ1-PE01 ETC2-LXZ1-PE01 Datasheet
3Mb / 28P
   LUXEON Z Color Protfolio
logo
Lumileds Lighting Compa...
LXZ1-PE01 LUMILEDS-LXZ1-PE01 Datasheet
2Mb / 25P
   High power color LEDs in a micro footprint package for ultimate design flexibility
LXZ1-PE01 LUMILEDS-LXZ1-PE01 Datasheet
1Mb / 2P
   High power color LEDs in a micro footprint package for ultimate design flexibility
More results

Similar Description - LXZ1-PE01-0080

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS68 LUMILEDS-DS68 Datasheet
2Mb / 34P
   LUXEON Rebel and LUXEON Rebel ES Color Portfolio
logo
KODENSHI_AUK CORP.
KV3528W86A2I-TQ KODENSHI-KV3528W86A2I-TQ Datasheet
143Kb / 5P
   White Color LED
logo
List of Unclassifed Man...
REBEL-STAR-CW100 ETC2-REBEL-STAR-CW100 Datasheet
1Mb / 26P
   LUXEON짰 Rebel General Purpose White Portfolio
logo
Micro Electronics
MLM-191NW MICRO-ELECTRONICS-MLM-191NW Datasheet
118Kb / 1P
   Visible LED White Color
logo
Everlight Electronics C...
69-23BUMD-TR8 EVERLIGHT-69-23BUMD-TR8 Datasheet
239Kb / 11P
   Luminosity white Color LED
59-146UTD-TR8 EVERLIGHT-59-146UTD-TR8 Datasheet
142Kb / 10P
   Luminosity white Color LED
59-14UWD EVERLIGHT-59-14UWD Datasheet
162Kb / 10P
   Luminosity white Color LED
59-23UWD EVERLIGHT-59-23UWD Datasheet
159Kb / 10P
   Luminosity white Color LED
59-146UWD EVERLIGHT-59-146UWD Datasheet
190Kb / 10P
   Luminosity white Color LED
61-25UTC EVERLIGHT-61-25UTC Datasheet
158Kb / 10P
   Luminosity white Color LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com