Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXZ1-PB01-0048 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # LXZ1-PB01-0048
Description  Color and White LED Portfolio
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LXZ1-PB01-0048 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  LXZ1-PB01-0048 Datasheet HTML 1Page - List of Unclassifed Manufacturers LXZ1-PB01-0048 Datasheet HTML 2Page - List of Unclassifed Manufacturers LXZ1-PB01-0048 Datasheet HTML 3Page - List of Unclassifed Manufacturers LXZ1-PB01-0048 Datasheet HTML 4Page - List of Unclassifed Manufacturers LXZ1-PB01-0048 Datasheet HTML 5Page - List of Unclassifed Manufacturers LXZ1-PB01-0048 Datasheet HTML 6Page - List of Unclassifed Manufacturers LXZ1-PB01-0048 Datasheet HTML 7Page - List of Unclassifed Manufacturers LXZ1-PB01-0048 Datasheet HTML 8Page - List of Unclassifed Manufacturers LXZ1-PB01-0048 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LUXEON Z Datasheet DS105 20120516
3
Product Nomenclature
The part number designation for LUXEON Z - Color LEDs is explained as follows:
L X Z 1 - A B C D - E F G H
Where:
A — designates radiation pattern (value P for lambertian)
B — designates color (see LUXEON Z color binning and labeling section)
C — designates color variant (0 for color variants)
D — designates test current (value 1 for 350 mA; 2 for 700 mA.)
E — open slot to accommodate additional requirements per product and part number
FGH — minimum luminous flux (lm) or radiometric power (mW) performance
The part number designation for LUXEON Z - White LEDs is explained as follows
L X Z 1 - A B C D - E F G H
Where:
A — 1st digit of Color temperature (e.g. 4 for 4000K, 3 for 3000K)
B — 2nd digit of Color temperature (e.g.: 0 for 4000K, 0 for 3000K)
C — 1st digit of CRI (e.g.: 6 for 60 CRI, 8 for 85 CRI)
D — 2nd digit of CRI (e.g.: 0 for 60 CRI, 5 for 85 CRI)
E — open slot to accommodate additional requirements per product and part number
FGH — minimum luminous flux (lm)
General Product Information


Similar Part No. - LXZ1-PB01-0048

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LXZ1-PB01 ETC2-LXZ1-PB01 Datasheet
3Mb / 28P
   LUXEON Z Color Protfolio
logo
Lumileds Lighting Compa...
LXZ1-PB01 LUMILEDS-LXZ1-PB01 Datasheet
2Mb / 25P
   High power color LEDs in a micro footprint package for ultimate design flexibility
LXZ1-PB01 LUMILEDS-LXZ1-PB01 Datasheet
1Mb / 2P
   High power color LEDs in a micro footprint package for ultimate design flexibility
More results

Similar Description - LXZ1-PB01-0048

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS68 LUMILEDS-DS68 Datasheet
2Mb / 34P
   LUXEON Rebel and LUXEON Rebel ES Color Portfolio
logo
KODENSHI_AUK CORP.
KV3528W86A2I-TQ KODENSHI-KV3528W86A2I-TQ Datasheet
143Kb / 5P
   White Color LED
logo
List of Unclassifed Man...
REBEL-STAR-CW100 ETC2-REBEL-STAR-CW100 Datasheet
1Mb / 26P
   LUXEON짰 Rebel General Purpose White Portfolio
logo
Micro Electronics
MLM-191NW MICRO-ELECTRONICS-MLM-191NW Datasheet
118Kb / 1P
   Visible LED White Color
logo
Everlight Electronics C...
69-23BUMD-TR8 EVERLIGHT-69-23BUMD-TR8 Datasheet
239Kb / 11P
   Luminosity white Color LED
59-146UTD-TR8 EVERLIGHT-59-146UTD-TR8 Datasheet
142Kb / 10P
   Luminosity white Color LED
59-14UWD EVERLIGHT-59-14UWD Datasheet
162Kb / 10P
   Luminosity white Color LED
59-23UWD EVERLIGHT-59-23UWD Datasheet
159Kb / 10P
   Luminosity white Color LED
59-146UWD EVERLIGHT-59-146UWD Datasheet
190Kb / 10P
   Luminosity white Color LED
61-25UTC EVERLIGHT-61-25UTC Datasheet
158Kb / 10P
   Luminosity white Color LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com