Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1062DV33-10BGI Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C1062DV33-10BGI
Description  16-Mbit (512 K x 32) Static RAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1062DV33-10BGI Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C1062DV33-10BGI Datasheet HTML 6Page - Cypress Semiconductor CY7C1062DV33-10BGI Datasheet HTML 7Page - Cypress Semiconductor CY7C1062DV33-10BGI Datasheet HTML 8Page - Cypress Semiconductor CY7C1062DV33-10BGI Datasheet HTML 9Page - Cypress Semiconductor CY7C1062DV33-10BGI Datasheet HTML 10Page - Cypress Semiconductor CY7C1062DV33-10BGI Datasheet HTML 11Page - Cypress Semiconductor CY7C1062DV33-10BGI Datasheet HTML 12Page - Cypress Semiconductor CY7C1062DV33-10BGI Datasheet HTML 13Page - Cypress Semiconductor CY7C1062DV33-10BGI Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
CY7C1062DV33
Document Number: 38-05477 Rev. *H
Page 10 of 15
Truth Table
CE1 CE2 CE3 OE WE
BA
BB
Bc
BD
I/O0–I/O7 I/O8–I/O15 I/O16–I/O23 I/O24–I/O31
Mode
Power
H
X
X
X
X
X
X
X
X
High Z
High Z
High Z
High Z
power-down
(ISB)
X
H
X
X
X
X
X
X
X
High Z
High Z
High Z
High Z
power-down
(ISB)
X
X
H
X
X
X
X
X
X
High Z
High Z
High Z
High Z
power-down
(ISB)
L
L
L
L
H
L
L
L
L
Data out
Data out
Data out
Data out
Read all bits
(ICC)
L
L
L
L
H
L
H
H
H
Data out
High Z
High Z
High Z
Read byte A
bits only
(ICC)
L
L
L
L
H
H
L
H
H
High Z
Data out
High Z
High Z
Read byte B
bits only
(ICC)
L
L
L
L
H
H
H
L
H
High Z
High Z
Data out
High Z
Read byte C
bits only
(ICC)
L
L
L
L
H
H
H
H
L
High Z
High Z
High Z
Data out
Read Byte D
bits only
(ICC)
L
L
L
X
L
L
L
L
L
Data in
Data in
Data in
Data in
Write all bits
(ICC)
L
L
L
X
L
L
H
H
H
Data in
High Z
High Z
High Z
Write byte A
bits only
(ICC)
L
L
L
X
L
H
L
H
H
High Z
Data in
High Z
High Z
Write byte B
bits only
(ICC)
L
L
L
X
L
H
H
L
H
High Z
High Z
Data in
High Z
Write byte C
bits only
(ICC)
L
L
L
X
L
H
H
H
L
High Z
High Z
High Z
Data in
Write byte D
bits only
(ICC)
L
L
L
H
H
X
X
X
X
High Z
High Z
High Z
High Z
Selected,
outputs
disabled
(ICC)
L
L
L
X
X
H
H
H
H
High Z
High Z
High Z
High Z
Selected,
outputs
disabled
(ICC)
[+] Feedback


Similar Part No. - CY7C1062DV33-10BGI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1062DV33-10BGXI CYPRESS-CY7C1062DV33-10BGXI Datasheet
317Kb / 10P
   16-Mbit (512K X 32) Static RAM
CY7C1062DV33-10BGXI CYPRESS-CY7C1062DV33-10BGXI Datasheet
462Kb / 11P
   16-Mbit (512K X 32) Static RAM
More results

Similar Description - CY7C1062DV33-10BGI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62157ESL CYPRESS-CY62157ESL_13 Datasheet
311Kb / 17P
   8-Mbit (512 K x 16) Static RAM
CY62156ESL CYPRESS-CY62156ESL Datasheet
491Kb / 16P
   8-Mbit (512 K x 16) Static RAM
CY62157E CYPRESS-CY62157E_13 Datasheet
506Kb / 18P
   8-Mbit (512 K x 16) Static RAM
logo
MOSAIC
PUMA68SV16000X-020 MOSAIC-PUMA68SV16000X-020 Datasheet
158Kb / 12P
   512 K x 32 Static RAM
PUMA68S16000XB-012 MOSAIC-PUMA68S16000XB-012 Datasheet
156Kb / 12P
   512 K x 32 Static RAM
PUMA68SV16000XB-012 MOSAIC-PUMA68SV16000XB-012 Datasheet
158Kb / 12P
   512 K x 32 Static RAM
PUMA68S16000X-020 MOSAIC-PUMA68S16000X-020 Datasheet
157Kb / 12P
   512 K x 32 Static RAM
SYS32512ZK-010 MOSAIC-SYS32512ZK-010 Datasheet
259Kb / 11P
   512 K x 32 Static RAM
logo
Cypress Semiconductor
CY7C1020CV33 CYPRESS-CY7C1020CV33_10 Datasheet
465Kb / 13P
   512 K (32 K 횞 16) Static RAM
CY7C1020CV33 CYPRESS-CY7C1020CV33_12 Datasheet
465Kb / 13P
   512 K (32 K 횞 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com