Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BW-HWMLRUN Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # BW-HWMLRUN
Description  EVERBOUQUET INTERNATIONAL CO., LTD.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BW-HWMLRUN Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  BW-HWMLRUN Datasheet HTML 1Page - List of Unclassifed Manufacturers BW-HWMLRUN Datasheet HTML 2Page - List of Unclassifed Manufacturers BW-HWMLRUN Datasheet HTML 3Page - List of Unclassifed Manufacturers BW-HWMLRUN Datasheet HTML 4Page - List of Unclassifed Manufacturers BW-HWMLRUN Datasheet HTML 5Page - List of Unclassifed Manufacturers BW-HWMLRUN Datasheet HTML 6Page - List of Unclassifed Manufacturers BW-HWMLRUN Datasheet HTML 7Page - List of Unclassifed Manufacturers BW-HWMLRUN Datasheet HTML 8Page - List of Unclassifed Manufacturers BW-HWMLRUN Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7. Optical characteristics
TN TYPE LCD
Ta = 25℃
VDD-VO =4.2V
I T E M
SYMBOL CONDITION MIN.
TYP.
MAX.
UNIT
NOTE
VIEWING ANGLE
Φ2-Φ1
K = 1.4
NOTE(1)
20
30
----
deg.
NOTE(2)
CONTRAST
RATIO
K
Φ = 25
O
NOTE(1)
2.0
3.0
----
----
NOTE(2)
tr (rise)
Φ = 25
O
NOTE(1)
----
150
250
ms
NOTE(2)
RESPONSE TIME
tf (fall)
Φ = 25
O
NOTE(1)
----
150
250
ms
NOTE(2)
STN TYPE LCD
Ta = 25℃
VDD-VO =4.5V
I T E M
SYMBOL CONDITION MIN.
TYP.
MAX.
UNIT
NOTE
VIEWING ANGLE
Φ2-Φ1
K = 2.0
NOTE(1)
30
40
----
deg.
NOTE(2)
CONTRAST
RATIO
K
Φ = 10
O
NOTE(1)
3.0
4.0
----
----
NOTE(2)
tr (rise)
Φ = 10
O
NOTE(1)
----
200
350
ms
NOTE(2)
RESPONSE TIME
tf (fall)
Φ = 10
O
NOTE(1)
----
300
400
ms
NOTE(2)
FSTN /STN BLUETYPE LCD
Ta = 25℃
VDD-VO =4.5V
I T E M
SYMBOL CONDITION MIN.
TYP.
MAX.
UNIT
NOTE
VIEWING ANGLE
Φ2-Φ1
K = 2.0
NOTE(1)
30
40
----
deg.
NOTE(2)
CONTRAST
RATIO
K
Φ = 10
O
NOTE(1)
4.0
5.0
----
----
NOTE(2)
tr (rise)
Φ = 10
O
NOTE(1)
----
200
350
ms
NOTE(2)
RESPONSE TIME
tf (fall)
Φ = 10
O
NOTE(1)
----
300
400
ms
NOTE(2)
Brightness for LCM
SYMBOL CONDITION MIN. TYP. MAX. UNIT
LED TYPE
NOTE
B
Φ = 0
O
θ = 0
O
5.0
----
----
cd/m
2
YELLOW-GREEN、RED、
AMBER、ORANGE
NOTE(2)
NOTE(3)
NOTE (1): θ= 0°
WHEN VIEWING ANGLE AT 6 O’CLOCK
θ= 180° WHEN VIEWING ANGLE AT 12 O’CLOCK
(2): SEE CUSTOMER ACCEPTANCE STANDARD SPECIFICATION FOR
DEFINITION OF OPTICAL CHARACTERISTICS.
(3): UNDER NORMAL TEMPERATURE AND HUMIDITY IN A DARK ROOM.
MC16011A-SERIES-1
PAGE: 7/9


Similar Part No. - BW-HWMLRUN

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
BW-20N100W MINI-BW-20N100W Datasheet
191Kb / 2P
   N-Type Fixed Attenuator
BW-20N250W++ MINI-BW-20N250W+ Datasheet
400Kb / 4P
   Precision Fixed Attenuator
REV. OR
logo
Knowles Electronics
BW-21789-000 KNOWLES-BW-21789-000 Datasheet
178Kb / 2P
   MICROPHONE
logo
Mini-Circuits
BW-30N100W MINI-BW-30N100W Datasheet
190Kb / 2P
   N-Type Fixed Attenuator
BW-30N250W++ MINI-BW-30N250W+ Datasheet
400Kb / 4P
   Precision Fixed Attenuator
REV. OR
More results

Similar Description - BW-HWMLRUN

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
LD85H6S-A SENSORTECHNICS-LD85H6S-A Datasheet
1Mb / 6P
   Quantum Semiconductor International Co., Ltd.
LD90F7S-A SENSORTECHNICS-LD90F7S-A Datasheet
563Kb / 4P
   Quantum Semiconductor International Co., Ltd.
LD85J6S-A SENSORTECHNICS-LD85J6S-A Datasheet
1Mb / 4P
   Quantum Semiconductor International Co., Ltd.
logo
List of Unclassifed Man...
Z10L431 ETC1-Z10L431 Datasheet
455Kb / 7P
   Power products international ltd
VNC2-32L1B-REEL ETC2-VNC2-32L1B-REEL Datasheet
2Mb / 88P
   Future Technology Devices International Ltd
logo
Future Technology Devic...
FT230XS-R FTDI-FT230XS-R Datasheet
828Kb / 44P
   Future Technology Devices International Ltd.
logo
List of Unclassifed Man...
FT232H ETC2-FT232H Datasheet
1Mb / 66P
   Future Technology Devices International Ltd
logo
Future Technology Devic...
FT600Q FTDI-FT600Q Datasheet
1Mb / 32P
   Future Technology Devices International Ltd.
FT230XQ-R FTDI-FT230XQ-R Datasheet
828Kb / 44P
   Future Technology Devices International Ltd.
logo
List of Unclassifed Man...
USB-COM232-PLUS-2 ETC2-USB-COM232-PLUS-2 Datasheet
805Kb / 24P
   Future Technology Devices International Ltd
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com