Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1021DV33-10BVXI Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C1021DV33-10BVXI
Description  1-Mbit (64 K x 16) Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1021DV33-10BVXI Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C1021DV33-10BVXI Datasheet HTML 2Page - Cypress Semiconductor CY7C1021DV33-10BVXI Datasheet HTML 3Page - Cypress Semiconductor CY7C1021DV33-10BVXI Datasheet HTML 4Page - Cypress Semiconductor CY7C1021DV33-10BVXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1021DV33-10BVXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1021DV33-10BVXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1021DV33-10BVXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1021DV33-10BVXI Datasheet HTML 9Page - Cypress Semiconductor CY7C1021DV33-10BVXI Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
CY7C1021DV33
Document #: 38-05460 Rev. *G
Page 6 of 13
Data Retention Characteristics Over the Operating Range
Parameter
Description
Conditions
Min.
Max.
Unit
VDR
VCC for data retention
2
V
ICCDR
Data retention current
VCC = VDR = 2.0 V, CE > VCC – 0.3 V,
VIN > VCC – 0.3 V or VIN < 0.3 V
Industrial
3mA
tCDR
[3]
Chip deselect to data retention time
0
ns
tR
[11]
Operation recovery time
tRC
ns
Data Retention Waveform
Switching Waveforms
Read Cycle No. 1 (Address Transition Controlled)[12, 13]
Read Cycle No. 2 (OE Controlled)[13, 14]
3.0 V
3.0 V
tCDR
VDR > 2 V
DATA RETENTION MODE
tR
CE
VCC
PREVIOUS DATA VALID
DATA VALID
RC
tAA
tOHA
tRC
ADDRESS
DATA OUT
50%
50%
DATA VALID
tRC
tACE
tDOE
tLZOE
tLZCE
tPU
HIGH IMPEDANCE
tHZOE
tHZBE
tPD
tDBE
tLZBE
tHZCE
HIGH
IMPEDANCE
ICC
ISB
OE
CE
ADDRESS
DATA OUT
VCC
SUPPLY
BHE,BLE
CURRENT
Notes
11. Full device operation requires linear VCC ramp from VDR to VCC(min.) > 50 s or stable at VCC(min.) > 50 s.
12. Device is continuously selected. OE, CE, BHE and/or BLE = VIL.
13. WE is HIGH for Read cycle.
14. Address valid prior to or coincident with CE transition LOW.


Similar Part No. - CY7C1021DV33-10BVXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1021DV33-10BVXI CYPRESS-CY7C1021DV33-10BVXI Datasheet
384Kb / 11P
   1-Mbit (64K x 16) Static RAM
CY7C1021DV33-10BVXI CYPRESS-CY7C1021DV33-10BVXI Datasheet
576Kb / 13P
   1-Mbit (64K x 16) Static RAM
More results

Similar Description - CY7C1021DV33-10BVXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62126ESL CYPRESS-CY62126ESL_13 Datasheet
509Kb / 16P
   1-Mbit (64 K x 16) Static RAM
CY7C1021BN CYPRESS-CY7C1021BN_11 Datasheet
503Kb / 14P
   1-Mbit (64 K 횞 16) Static RAM
CY7C1021CV26 CYPRESS-CY7C1021CV26_10 Datasheet
538Kb / 15P
   1-Mbit (64 K 횞 16) Static RAM
CY7C1021D-10VXIT CYPRESS-CY7C1021D-10VXIT Datasheet
521Kb / 16P
   1-Mbit (64 K 횞 16) Static RAM
CY62187EV30 CYPRESS-CY62187EV30 Datasheet
374Kb / 12P
   64 Mbit (4M x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30_11 Datasheet
506Kb / 18P
   1-Mbit (64 K x 16) Static RAM Automatic power down when deselected
CY7C1021CV26 CYPRESS-CY7C1021CV26_11 Datasheet
551Kb / 16P
   1-Mbit (64 K x 16) Static RAM CMOS for optimum speed/power
CY62146E CYPRESS-CY62146E_13 Datasheet
309Kb / 16P
   4-Mbit (256 K x 16) Static RAM
CY62147EV30 CYPRESS-CY62147EV30_13 Datasheet
580Kb / 18P
   4-Mbit (256 K x 16) Static RAM
CY62146EV30 CYPRESS-CY62146EV30 Datasheet
557Kb / 18P
   4-Mbit (256 K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com