Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W181-01GT Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # W181-01GT
Description  Peak-Reducing EMI Solution
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W181-01GT Datasheet(HTML) 5 Page - Cypress Semiconductor

  W181-01GT Datasheet HTML 1Page - Cypress Semiconductor W181-01GT Datasheet HTML 2Page - Cypress Semiconductor W181-01GT Datasheet HTML 3Page - Cypress Semiconductor W181-01GT Datasheet HTML 4Page - Cypress Semiconductor W181-01GT Datasheet HTML 5Page - Cypress Semiconductor W181-01GT Datasheet HTML 6Page - Cypress Semiconductor W181-01GT Datasheet HTML 7Page - Cypress Semiconductor W181-01GT Datasheet HTML 8Page - Cypress Semiconductor W181-01GT Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
W181
Document #: 38-07152 Rev. *D
Page 5 of 9
.
Absolute Maximum Conditions[2]
Parameter
Description
Rating
Unit
VDD, VIN
Voltage on any pin with respect to GND
–0.5 to +7.0
V
TSTG
Storage Temperature
–65 to +150
°C
TA
Operating Temperature
0 to +70
°C
TB
Ambient Temperature under Bias
–55 to +125
°C
PD
Power Dissipation
0.5
W
DC Electrical Characteristics: 0°C < TA < 70°C, VDD = 3.3V ±5%
Parameter
Description
Test Condition
Min.
Typ.
Max.
Unit
IDD
Supply Current
18
32
mA
tON
Power-Up Time
First locked clock cycle after Power
Good
––5
ms
VIL
Input Low Voltage
0.8
V
VIH
Input High Voltage
2.4
V
VOL
Output Low Voltage
0.4
V
VOH
Output High Voltage
2.4
V
IIL
Input Low Current
Note 3
–100
µA
IIH
Input High Current
Note 3
10
µA
IOL
Output Low Current
@ 0.4V, VDD = 3.3V
15
mA
IOH
Output High Current
@ 2.4V, VDD = 3.3V
15
mA
CI
Input Capacitance
All pins except CLKIN
v
7
pF
CI
Input Capacitance
CLKIN pin only
6
10
pF
RP
Input Pull-Up Resistor[3]
–500
k
ZOUT
Clock Output Impedance
25
DC Electrical Characteristics: 0°C < TA < 70°C, VDD = 5V ±10%
Parameter
Description
Test Condition
Min.
Typ.
Max.
Unit
IDD
Supply Current
30
50
mA
tON
Power-Up Time
First locked clock cycle after
Power Good
5ms
VIL
Input Low Voltage
0.15VDD
V
VIH
Input High Voltage
0.7VDD
V
VOL
Output Low Voltage
0.4
V
VOH
Output High Voltage
2.4
V
IIL
Input Low Current
Note 3
–100
µA
IIH
Input High Current
Note 3
10
µA
IOL
Output Low Current
@ 0.4V, VDD = 5V
24
mA
IOH
Output High Current
@ 2.4V, VDD = 5V
24
mA
CI
Input Capacitance
All pins except CLKIN
7
pF
CI
Input Capacitance
CLKIN pin only
6
10
pF
RP
Input Pull-Up Resistor
500
k
Notes:
1. Stresses greater than those listed in this table may cause permanent damage to the device. These represent a stress rating only. Operation of the device at
these or any other conditions above those specified in the operating sections of this specification is not implied. Maximum conditions for extended periods may
affect reliability
2. Single Power Supply: The voltage on any input or I/O pin cannot exceed the power pin during power-up.
3. Inputs FS1:2 have a pull-up resistor; Input SSON# has a pull-down resistor.


Similar Part No. - W181-01GT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W181-01G CYPRESS-W181-01G Datasheet
162Kb / 9P
   Peak Reducing EMI Solution
More results

Similar Description - W181-01GT

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P2853A ALSC-ASM3P2853A Datasheet
2Mb / 8P
   Peak EMI Reducing Solution
logo
ON Semiconductor
ASM3P2760 ONSEMI-ASM3P2760_15 Datasheet
97Kb / 7P
   Peak EMI Reducing Solution
July, 2015 ??Rev. 3
ASM3P2853 ONSEMI-ASM3P2853_12 Datasheet
142Kb / 7P
   Peak EMI Reducing Solution
FEBRUARY 2012 ??Rev. 3
ASM3P2108A ONSEMI-ASM3P2108A Datasheet
129Kb / 5P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
ASM3P2180A ONSEMI-ASM3P2180A Datasheet
132Kb / 6P
   Peak Reducing EMI Solution
JANUARY 2010 ??Rev. 2
ASM3P2474A ONSEMI-ASM3P2474A Datasheet
134Kb / 7P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 2
logo
Alliance Semiconductor ...
ASM3P2111A ALSC-ASM3P2111A Datasheet
207Kb / 8P
   Peak EMI Reducing Solution
logo
ON Semiconductor
ASM3P2107A ONSEMI-ASM3P2107A Datasheet
136Kb / 6P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
logo
Alliance Semiconductor ...
ASM3P2190A ALSC-ASM3P2190A Datasheet
117Kb / 7P
   Peak Reducing EMI Solution
logo
ON Semiconductor
ASM3P2590A ONSEMI-ASM3P2590A Datasheet
132Kb / 7P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com