Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ONET4291PARGVRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # ONET4291PARGVRG4
Description  1-Gbps to 4.25-Gbps Rate-Selectable Limiting Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ONET4291PARGVRG4 Datasheet(HTML) 1 Page - Texas Instruments

  ONET4291PARGVRG4 Datasheet HTML 1Page - Texas Instruments ONET4291PARGVRG4 Datasheet HTML 2Page - Texas Instruments ONET4291PARGVRG4 Datasheet HTML 3Page - Texas Instruments ONET4291PARGVRG4 Datasheet HTML 4Page - Texas Instruments ONET4291PARGVRG4 Datasheet HTML 5Page - Texas Instruments ONET4291PARGVRG4 Datasheet HTML 6Page - Texas Instruments ONET4291PARGVRG4 Datasheet HTML 7Page - Texas Instruments ONET4291PARGVRG4 Datasheet HTML 8Page - Texas Instruments ONET4291PARGVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
ONET4291PA
SLLS671 – SEPTEMBER 2005
1-Gbps to 4.25-Gbps Rate-Selectable Limiting Amplifier
CML Data Outputs With On-Chip, 50-
Back-Termination to VCC
Multirate Operation from 1 Gbps up to
4.25 Gbps
Single 3.3-V Supply
Loss-of-Signal Detection (LOS)
Surface-Mount, Small-Footprint, 4-mm
×
4-mm, 16-Terminal QFN Package
Two-Wire Digital Interface
Digitally Selectable LOS Threshold
Digitally Selectable Bandwidth
Multirate SONET/SDH Transmission Systems
Digitally Selectable Output Voltage
4.25-Gbps, 2.125-Gbps, and 1.0625-Gbps
Low Power Consumption
Fibre-Channel Receivers
Input Offset Cancellation
Gigabit Ethernet Receivers
The ONET4291PA is a versatile, high-speed, rate-selectable limiting amplifier for multiple fiber-optic applications
with data rates up to 4.25 Gbps.
The device provides a two-wire interface, which allows digital bandwidth selection, digital output amplitude
selection, and digital loss of signal threshold adjust.
This device provides a gain of about 43 dB, which ensures a fully differential output swing for input signals as low
as 5 mVp-p.
The ONET4291PA provides loss-of-signal detection with either digital or analog threshold adjust.
The part is available in a small-footprint, 4-mm
× 4-mm, 16-terminal QFN package. It requires a single 3.3-V
supply.
This power-efficient, rate-selectable limiting amplifier is characterized for operation from –40
°C to 85°C ambient
temperature.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ONET4291PARGVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET4291PARGVRG4 TI-ONET4291PARGVRG4 Datasheet
1Mb / 24P
[Old version datasheet]   1-Gbps to 4.25-Gbps Rate-Selectable Limiting Amplifier
More results

Similar Description - ONET4291PARGVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET4291PA TI-ONET4291PA Datasheet
1,016Kb / 23P
[Old version datasheet]   1-Gbps to 4.25-Gbps Rate-Selectable Limiting Amplifier
ONET4291PARGVR TI-ONET4291PARGVR Datasheet
1Mb / 24P
[Old version datasheet]   1-Gbps to 4.25-Gbps Rate-Selectable Limiting Amplifier
ONET8501PB TI1-ONET8501PB Datasheet
1Mb / 27P
[Old version datasheet]   11.3-Gbps RATE-SELECTABLE LIMITING AMPLIFIER
ONET8501P TI-ONET8501P Datasheet
1Mb / 26P
[Old version datasheet]   11.3-Gbps RATE-SELECTABLE LIMITING AMPLIFIER
ONET8501PB TI1-ONET8501PB_17 Datasheet
1Mb / 32P
[Old version datasheet]   11.3-Gbps Rate-Selectable Limiting Amplifier
ONET4251PA TI-ONET4251PA Datasheet
859Kb / 16P
[Old version datasheet]   1 Gbps to 4.25 Gbps Limiting Amplifier With LOS and RSSI
ONET4291VARGPR TI-ONET4291VARGPR Datasheet
981Kb / 23P
[Old version datasheet]   1 GBPS TO 4.25 GBPS MULTI-RATE VCSEL DRIVER
ONET4291VA TI-ONET4291VA Datasheet
515Kb / 20P
[Old version datasheet]   1 GBPS TO 4.25 GBPS MULTI-RATE VCSEL DRIVER
logo
Analog Devices
ADN2892 AD-ADN2892_15 Datasheet
440Kb / 16P
   3.3 V, 4.25 Gbps, Limiting Amplifier
REV. B
ADN2892ACPZ-500RL7 AD-ADN2892ACPZ-500RL7 Datasheet
451Kb / 16P
   3.3 V, 4.25 Gbps, Limiting Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com