Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2314AIDRBT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2314AIDRBT
Description  3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2314AIDRBT Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA2314AIDRBT Datasheet HTML 2Page - Texas Instruments OPA2314AIDRBT Datasheet HTML 3Page - Texas Instruments OPA2314AIDRBT Datasheet HTML 4Page - Texas Instruments OPA2314AIDRBT Datasheet HTML 5Page - Texas Instruments OPA2314AIDRBT Datasheet HTML 6Page - Texas Instruments OPA2314AIDRBT Datasheet HTML 7Page - Texas Instruments OPA2314AIDRBT Datasheet HTML 8Page - Texas Instruments OPA2314AIDRBT Datasheet HTML 9Page - Texas Instruments OPA2314AIDRBT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
1
2
3
4
14
13
12
11
OUTD
-
IND
+IND
V
-
OUTA
-
INA
+INA
V+
5
6
7
10
9
8
+INC
-
INC
OUTC
+INB
-
INB
OUTB
A
B
D
C
1
2
3
4
8
7
6
5
V+
OUTB
-
INB
+INB
OUTA
-
INA
+INA
V
-
OUTA
-INA
+INA
V-
1
2
3
4
V+
OUTB
-INB
+INB
8
7
6
5
Exposed
Thermal
DiePad
on
Underside
(2)
1
2
3
5
4
V+
-
IN
OUT
V
-
+IN
1
2
3
5
4
V+
OUT
+IN
V
-
-
IN
OPA314
OPA2314
OPA4314
SBOS563F – MAY 2011 – REVISED AUGUST 2013
www.ti.com
PIN CONFIGURATIONS
DCK PACKAGE
DBV PACKAGE
SC70-5
SOT23-5
(TOP VIEW)
(TOP VIEW)
DRB PACKAGE(1)
D, DGK PACKAGES
DFN-8
SO-8, MSOP-8
(TOP VIEW)
(TOP VIEW)
PW PACKAGE
TSSOP-14
(TOP VIEW)
(1) Pitch: 0,65 mm.
(2) Connect thermal pad to V–. Pad size: 1,8 mm × 1,5 mm.
6
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: OPA314 OPA2314 OPA4314


Similar Part No. - OPA2314AIDRBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2314AIDRBT TI1-OPA2314AIDRBT Datasheet
1Mb / 31P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRI/O, 1.8-V CMOS OPERATIONAL AMPLIFIER
MARCH2012
OPA2314AIDRBT TI1-OPA2314AIDRBT Datasheet
1Mb / 45P
[Old version datasheet]   Operational Amplifier
More results

Similar Description - OPA2314AIDRBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2314-Q1 TI1-OPA2314-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA314-Q1 TI1-OPA314-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4314AIPWR TI1-OPA4314AIPWR Datasheet
1Mb / 36P
[Old version datasheet]   3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA314 TI-OPA314_15 Datasheet
1Mb / 45P
[Old version datasheet]   OPAx314 3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA316 TI1-OPA316_16 Datasheet
2Mb / 48P
[Old version datasheet]   10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2314-Q1 TI-OPA2314-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   OPA2314-Q1 3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA316 TI-OPA316 Datasheet
2Mb / 46P
[Old version datasheet]   OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2316 TI-OPA2316 Datasheet
2Mb / 46P
[Old version datasheet]   OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4316 TI-OPA4316 Datasheet
2Mb / 46P
[Old version datasheet]   OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA313 TI-OPA313 Datasheet
2Mb / 36P
[Old version datasheet]   1-MHz, Micro-Power, Low-Noise, RRIO,1.8-V CMOS OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com