Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA347SA250 Datasheet(PDF) 8 Page - Texas Instruments

Part # OPA347SA250
Description  microPower, Rail-to-Rail Operational Amplifiers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA347SA250 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA347SA250 Datasheet HTML 4Page - Texas Instruments OPA347SA250 Datasheet HTML 5Page - Texas Instruments OPA347SA250 Datasheet HTML 6Page - Texas Instruments OPA347SA250 Datasheet HTML 7Page - Texas Instruments OPA347SA250 Datasheet HTML 8Page - Texas Instruments OPA347SA250 Datasheet HTML 9Page - Texas Instruments OPA347SA250 Datasheet HTML 10Page - Texas Instruments OPA347SA250 Datasheet HTML 11Page - Texas Instruments OPA347SA250 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
OPA347, 2347, 4347
8
SBOS167D
www.ti.com
COMMON-MODE REJECTION
The CMRR for the OPA347 is specified in several ways so
the best match for a given application may be used. First, the
CMRR of the device in the common-mode range below the
transition region (VCM < (V+) – 1.7V) is given. This specifica-
tion is the best indicator of the capability of the device when
the application requires use of one of the differential input
pairs. Second, the CMRR at VS = 5.5V over the entire
common-mode range is specified.
INPUT VOLTAGE
The input common-mode range extends from (V–) – 0.2V to
(V+) + 0.2V. For normal operation, inputs should be limited
to this range. The absolute maximum input voltage is 500mV
beyond the supplies. Inputs greater than the input
common-mode range but less than the maximum input
voltage, while not valid, will not cause any damage to the op
amp. Furthermore, if input current is limited the inputs may go
beyond the power supplies without phase inversion, as
shown in Figure 4, unlike some other op amps.
Normally, input currents are 0.4pA. However, large inputs
(greater than 500mV beyond the supply rails) can cause
excessive current to flow in or out of the input pins. There-
fore, as well as keeping the input voltage below the maxi-
mum rating, it is also important to limit the input current to
less than 10mA. This is easily accomplished with an input
resistor, as shown in Figure 5.
FIGURE 3. Design Optimization with Rail-to-Rail Input Op Amps.
Rail-to-rail op amps can be used in virtually any op amp
configuration. To achieve optimum performance, how-
ever, applications using these special double-input-stage
op amps may benefit from consideration of their special
behavior.
In many applications, operation remains within the com-
mon-mode range of only one differential input pair. How-
ever, some applications exercise the amplifier through the
transition region of both differential input stages. A small
discontinuity may occur in this transition. Careful selection
of the circuit configuration, signal levels, and biasing can
often avoid this transition region.
DESIGN OPTIMIZATION WITH RAIL-TO-RAIL INPUT OP AMPS
With a unity-gain buffer, for example, signals will traverse
this transition at approximately 1.3V below the V+ supply
and may exhibit a small discontinuity at this point.
The common-mode voltage of the noninverting amplifier
is equal to the input voltage. If the input signal always
remains less than the transition voltage, no discontinuity
will be created. The closed-loop gain of this configuration
can still produce a rail-to-rail output.
Inverting amplifiers have a constant common-mode volt-
age equal to VB. If this bias voltage is constant, no
discontinuity will be created. The bias voltage can gener-
ally be chosen to avoid the transition region.
FIGURE 4. OPA347—No Phase Inversion with Inputs Greater
than the Power-Supply Voltage.
V
O
V
IN
V
B
V+
Noninverting Amplifier
V
CM = VIN
V
O
V
B
V
IN
V+
Inverting Amplifier
V
CM = VB
V
O
V
IN
V+
Unity-Gain Buffer
V
CM = VIN = VO
FIGURE 5. Input Current Protection for Voltages Exceeding
the Supply Voltage.
5k
OPA347
10mA max
+5V
V
IN
V
OUT
I
OVERLOAD
5.5V
0V
–0.5V
200
µs/div


Similar Part No. - OPA347SA250

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA347SA250 TI-OPA347SA250 Datasheet
1Mb / 33P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
OPA347SA250 TI-OPA347SA250 Datasheet
1Mb / 33P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
OPA347SA250 TI-OPA347SA250 Datasheet
1Mb / 33P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
OPA347SA250G4 TI-OPA347SA250G4 Datasheet
1Mb / 33P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
OPA347SA250G4 TI-OPA347SA250G4 Datasheet
1Mb / 33P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
More results

Similar Description - OPA347SA250

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA37AZ TI1-OPA37AZ Datasheet
1Mb / 33P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
OPA347 TI-OPA347 Datasheet
470Kb / 21P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
OPA347SA TI-OPA347SA Datasheet
1Mb / 33P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
OPA347NA TI-OPA347NA Datasheet
1Mb / 33P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
OPA347 TI-OPA347_07 Datasheet
958Kb / 25P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
OPA27CJ TI-OPA27CJ Datasheet
1Mb / 33P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
logo
STMicroelectronics
TS931 STMICROELECTRONICS-TS931 Datasheet
129Kb / 14P
   OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
May 2000
TS941 STMICROELECTRONICS-TS941 Datasheet
124Kb / 14P
   OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
May 2000
TS941 STMICROELECTRONICS-TS941_08 Datasheet
266Kb / 19P
   Output rail-to-rail micropower operational amplifiers
TS941 STMICROELECTRONICS-TS941_04 Datasheet
223Kb / 18P
   OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com