Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA3692IDG4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA3692IDG4
Description  Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA3692IDG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA3692IDG4 Datasheet HTML 6Page - Texas Instruments OPA3692IDG4 Datasheet HTML 7Page - Texas Instruments OPA3692IDG4 Datasheet HTML 8Page - Texas Instruments OPA3692IDG4 Datasheet HTML 9Page - Texas Instruments OPA3692IDG4 Datasheet HTML 10Page - Texas Instruments OPA3692IDG4 Datasheet HTML 11Page - Texas Instruments OPA3692IDG4 Datasheet HTML 12Page - Texas Instruments OPA3692IDG4 Datasheet HTML 13Page - Texas Instruments OPA3692IDG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
OPA3692
SBOS228E
10
www.ti.com
TYPICAL CHARACTERISTICS: VS = +5V (Cont.)
TA = +25°C, G = +2 (–In grounded), and RL = 100Ω, (see Figure 1 for AC performance only), unless otherwise noted.
–60
–65
–70
–75
–80
Load Resistance (
Ω)
100
1k
HARMONIC DISTORTION vs LOAD RESISTANCE
2nd-Harmonic
3rd-Harmonic
V
O = 2Vp-p
f = 5MHz
HARMONIC DISTORTION vs FREQUENCY
Frequency (MHz)
0.1
1
10
20
–50
–60
–70
–80
–90
V
O = 2Vp-p
R
L = 100Ω to 2.5V
2nd-Harmonic
3rd-Harmonic
HARMONIC DISTORTION vs OUTPUT VOLTAGE
Output Voltage Swing (Vp-p)
0.1
1
2
3
–60
–65
–70
–75
–80
R
L = 100Ω to 2.5V
f = 5MHz
2nd-Harmonic
3rd-Harmonic
–30
–35
–40
–45
–50
–55
–60
–65
–70
–75
–80
Single-Tone Load Power (dBm)
–14
–12
–10
–8
–6
–4
–20
2
2-TONE, 3RD-ORDER
INTERMODULATION SPURIOUS
dBc = dB Below Carriers
Load Power at Matched 50
Ω Load
50MHz
20MHz
10MHz


Similar Part No. - OPA3692IDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA3692ID TI1-OPA3692ID Datasheet
911Kb / 26P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3692IDBQR TI1-OPA3692IDBQR Datasheet
911Kb / 26P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3692IDBQT TI1-OPA3692IDBQT Datasheet
911Kb / 26P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3692IDR TI1-OPA3692IDR Datasheet
911Kb / 26P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
More results

Similar Description - OPA3692IDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA3692IDBQT TI1-OPA3692IDBQT Datasheet
911Kb / 26P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA692 BURR-BROWN-OPA692 Datasheet
498Kb / 26P
   Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Texas Instruments
OPA692IDBVTG4 TI-OPA692IDBVTG4 Datasheet
1Mb / 30P
[Old version datasheet]   Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA3682 BURR-BROWN-OPA3682 Datasheet
234Kb / 19P
   Triple, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
OPA3693 BURR-BROWN-OPA3693 Datasheet
942Kb / 29P
   Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
OPA3693 BURR-BROWN-OPA3693_07 Datasheet
945Kb / 31P
   Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
OPA693 BURR-BROWN-OPA693 Datasheet
522Kb / 25P
   Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER with Disable
OPA682 BURR-BROWN-OPA682 Datasheet
213Kb / 20P
   Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
OPA2682 BURR-BROWN-OPA2682 Datasheet
182Kb / 19P
   Dual, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
logo
Texas Instruments
OPA2682 TI1-OPA2682 Datasheet
195Kb / 20P
[Old version datasheet]   Dual, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com