Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA343UAG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # OPA343UAG4
Description  SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA343UAG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA343UAG4 Datasheet HTML 6Page - Texas Instruments OPA343UAG4 Datasheet HTML 7Page - Texas Instruments OPA343UAG4 Datasheet HTML 8Page - Texas Instruments OPA343UAG4 Datasheet HTML 9Page - Texas Instruments OPA343UAG4 Datasheet HTML 10Page - Texas Instruments OPA343UAG4 Datasheet HTML 11Page - Texas Instruments OPA343UAG4 Datasheet HTML 12Page - Texas Instruments OPA343UAG4 Datasheet HTML 13Page - Texas Instruments OPA343UAG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
OPA343, 2343, 4343
10
SBOS090A
FIGURE 8. Transimpedance Amplifier.
FIGURE 5. OPA343 in Noninverting Configuration Driving ADS7816.
FIGURE 7. Speech Bandpass Filter.
FIGURE 6. OPA343 in Inverting Configuration Driving ADS7816.
ADS7816
12-Bit A/D
DCLOCK
D
OUT
CS/SHDN
OPA343
+5V
For improved accuracy use OPA340.
V
IN
V+
2
+In
3
–In
V
REF
8
4
GND
Serial
Interface
1
0.1µF
0.1µF
7
6
5
NOTE: A/D Input = 0 to V
REF
V
IN = 0V to 5V for
0V to 5V output.
RC network filters high frequency noise.
500
3300pF
ADS7816
12-Bit A/D
DCLOCK
D
OUT
CS/SHDN
OPA343
+5V
For improved accuracy use OPA340.
V
IN
V+
2
+In
3
–In
V
REF
8
4
GND
Serial
Interface
1
0.1µF
0.1µF
7
6
5
NOTE: A/D Input = 0 to V
REF
5k
5k
330pF
V
IN = 0V to –5V for 0V to 5V output.
243k
10M
10M
1.74M
220pF
47pF
200pF
1/2
OPA2343
+5V
V
IN
R
L
1/2
OPA2343
Filters 160Hz to 2.4kHz
OPA343
V
O
10M
<1pF (prevents gain peaking)
+V
λ


Similar Part No. - OPA343UAG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA343UAG4 TI-OPA343UAG4 Datasheet
842Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
OPA343UAG4 TI-OPA343UAG4 Datasheet
859Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier ??Series
OPA343UAG4 TI1-OPA343UAG4 Datasheet
862Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA343UAG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA343 BURR-BROWN-OPA343 Datasheet
206Kb / 10P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA2343EA-2K5 TI-OPA2343EA-2K5 Datasheet
859Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier ??Series
OPA2343EA TI-OPA2343EA Datasheet
842Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
OPA340NA-250 TI-OPA340NA-250 Datasheet
1Mb / 28P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier??Series
logo
Burr-Brown (TI)
OPA340 BURR-BROWN-OPA340_06 Datasheet
709Kb / 20P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier TM Series
OPA340 BURR-BROWN-OPA340 Datasheet
348Kb / 10P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier TM Series
logo
Texas Instruments
OPA350 TI1-OPA350 Datasheet
1Mb / 40P
[Old version datasheet]   Rail-to-Rail Operational Amplifiers MicroAmplifier Series
logo
Burr-Brown (TI)
OPA344 BURR-BROWN-OPA344 Datasheet
243Kb / 11P
   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA350 BURR-BROWN-OPA350 Datasheet
205Kb / 11P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
National Semiconductor ...
OPA344 NSC-OPA344 Datasheet
1Mb / 29P
   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com