Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA3692IDRG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA3692IDRG4
Description  Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA3692IDRG4 Datasheet(HTML) 2 Page - Texas Instruments

  OPA3692IDRG4 Datasheet HTML 1Page - Texas Instruments OPA3692IDRG4 Datasheet HTML 2Page - Texas Instruments OPA3692IDRG4 Datasheet HTML 3Page - Texas Instruments OPA3692IDRG4 Datasheet HTML 4Page - Texas Instruments OPA3692IDRG4 Datasheet HTML 5Page - Texas Instruments OPA3692IDRG4 Datasheet HTML 6Page - Texas Instruments OPA3692IDRG4 Datasheet HTML 7Page - Texas Instruments OPA3692IDRG4 Datasheet HTML 8Page - Texas Instruments OPA3692IDRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
OPA3692
SBOS228E
2
www.ti.com
AC PERFORMANCE (see Figure 1)
Small-Signal Bandwidth (VO < 0.5VPP)
G = +1
280
MHz
typ
C
G = +2
225
185
180
170
MHz
min
B
G = –1
220
MHz
typ
C
Bandwidth for 0.1dB Gain Flatness
G = +2, VO < 0.5VPP
120
40
35
30
MHz
min
B
Peaking at a Gain of +1
VO < 0.5Vp-p
0.2
1
1.5
2
dB
max
B
Large-Signal Bandwidth
G = +2, VO = 5VPP
220
MHz
typ
C
Slew Rate
G = +2, 4V Step
2000
1400
1375
1350
V/
µsmin
B
Rise-and-Fall Time
G = +2, VO = 0.5V Step
1.6
ns
typ
C
G = +2, VO = 5V Step
1.9
ns
typ
C
ABSOLUTE MAXIMUM RATINGS(1)
Power Supply ...............................................................................
±6.5V
DC
Internal Power Dissipation(2) ............................ See Thermal Information
Differential Input Voltage(3) ...............................................................
±1.2V
Input Voltage Range ............................................................................
±V
S
Storage Temperature Range: D, DBQ ........................... –65
°C to +125°C
Lead Temperature (soldering, 10s) .............................................. +300
°C
Junction Temperature (TJ ) ........................................................... +175°C
ESD Resistance: HBM .................................................................... 2000V
CDM .................................................................... 1500V
MM ........................................................................ 200V
NOTES: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may degrade
device reliability. (2) Packages must be derated based on specified
θ
JA.
Maximum TJ must be observed. (3) Noninverting input to internal inverting node.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
PIN CONFIGURATION
Top View
SSOP, SO
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
OPA3692
SO-16
D
–40
°C to +85°C
OPA3692
OPA3692ID
Rails, 48
""
"
"
"
OPA3692IDR
Tape and Reel, 2500
OPA3692
SSOP-16
DBQ
–40
°C to +85°C
OPA3692
OPA3692IDBQT
Tape and Reel, 250
""
"
"
"
OPA3692IDBQR
Tape and Reel, 2500
PACKAGE/ORDERING INFORMATION(1)
NOTE: (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site at www.ti.com.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
–IN A
+IN A
DIS B
–IN B
+IN B
DIS C
–IN C
+IN C
DIS A
+V
S
OUT A
–V
S
OUT B
+V
S
OUT C
–V
S
OPA3692
402
402
402
402
402
402
ELECTRICAL CHARACTERISTICS: VS = ±5V
Boldface limits are tested at +25
°C.
G = +2 (–IN grounded) and RL = 100Ω (see Figure 1 for AC performance only), unless otherwise noted.
OPA3692ID, OPA3692IDBQ
TYP
MIN/MAX OVER TEMPERATURE(1)
0
°C to
–40
°C to
MIN/
TEST
PARAMETER
CONDITIONS
+25
°C
+25
°C70°C
+85
°C
UNITS
MAX
LEVEL(2 )


Similar Part No. - OPA3692IDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA3692IDR TI1-OPA3692IDR Datasheet
911Kb / 26P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
More results

Similar Description - OPA3692IDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA3692IDBQT TI1-OPA3692IDBQT Datasheet
911Kb / 26P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA692 BURR-BROWN-OPA692 Datasheet
498Kb / 26P
   Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Texas Instruments
OPA692IDBVTG4 TI-OPA692IDBVTG4 Datasheet
1Mb / 30P
[Old version datasheet]   Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA3682 BURR-BROWN-OPA3682 Datasheet
234Kb / 19P
   Triple, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
OPA3693 BURR-BROWN-OPA3693 Datasheet
942Kb / 29P
   Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
OPA3693 BURR-BROWN-OPA3693_07 Datasheet
945Kb / 31P
   Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
OPA693 BURR-BROWN-OPA693 Datasheet
522Kb / 25P
   Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER with Disable
OPA682 BURR-BROWN-OPA682 Datasheet
213Kb / 20P
   Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
OPA2682 BURR-BROWN-OPA2682 Datasheet
182Kb / 19P
   Dual, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
logo
Texas Instruments
OPA2682 TI1-OPA2682 Datasheet
195Kb / 20P
[Old version datasheet]   Dual, Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com