Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA347UAG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # OPA347UAG4
Description  microPower, Rail-to-Rail Operational Amplifiers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA347UAG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA347UAG4 Datasheet HTML 7Page - Texas Instruments OPA347UAG4 Datasheet HTML 8Page - Texas Instruments OPA347UAG4 Datasheet HTML 9Page - Texas Instruments OPA347UAG4 Datasheet HTML 10Page - Texas Instruments OPA347UAG4 Datasheet HTML 11Page - Texas Instruments OPA347UAG4 Datasheet HTML 12Page - Texas Instruments OPA347UAG4 Datasheet HTML 13Page - Texas Instruments OPA347UAG4 Datasheet HTML 14Page - Texas Instruments OPA347UAG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
OPA347, 2347, 4347
11
SBOS167D
www.ti.com
OPA2347 WCSP PACKAGE
The OPA2347YED and OPA2347YZDR are die-level pack-
ages using bump-on-pad technology. The OPA2347YED de-
vice has tin-lead balls; the OPA2347YZDR has lead-free
balls. Unlike devices that are in plastic packages, these
devices have no molding compound, lead frame, wire bonds,
or leads. Using standard surface-mount assembly procedures,
the WCSP can be mounted to a printed circuit board without
additional under fill. Figures 10 and 11 detail pinout and
package marking.
FIGURE 10. Pin Description.
FIGURE 11. Top View Package Marking.
1
2
3
4
8
7
6
5
V+
Out B
–In B
+In B
Out A
–In A
+In A
V–
OPA2347
(bump side down)
Not to Scale
WCSP-8
(top view)
TEST
CONDITION
ACCEPT CRITERIA (ACTUAL)
SAMPLE SIZE
Temperature Cycle
–40
°C to 125°C, 1 Cycle/hr, 15 Minute Ramp(1)
10 Minute Dwell
500 (1600) Cycles, R < 1.2X from R0
36
Drop
50cm
10 (129) Drops, R < 1.2X from R0
8
Key Push
100 Cycles/min,
5K (6.23K) Cycles, R < 1.2X from R0
8
1300
µε, Displacement = 2.7mm Max
3 Point Bend
Strain Rate 5 mm/min, 85 mm Span
R < 1.2X from R0
8
NOTE: (1) Per IPC9701.
TABLE I. Reliability Test Results.
OPA2347YED
Top View
(bump side down)
Actual Size:
Package Marking Code:
YMD = year/month/day
CC = indicates OPA2347YED
A9 = indicates OPA2347YZD
S = for engineering purposes only
Exact Size:
1.008mm x 2.100mm
PHOTOSENSITIVITY
Although the OPA2347YED/YZD package has a protective
backside coating that reduces the amount of light exposure
on the die, unless fully shielded, ambient light will still reach
the active region of the device. Input bias current for the
OPA2347YED/YZD package is specified in the absence of
light. Depending on the amount of light exposure in a given
application, an increase in bias current, and possible in-
creases in offset voltage should be expected. In circuit board
tests under ambient light conditions, a typical increase in bias
current reached 100pA. Flourescent lighting may introduce
noise or hum due to their time varying light output. Best
practice should include end-product packaging that provides
shielding from possible light souces during operation.
RELIABILITY TESTING
To ensure reliability, the OPA2347YED and OPA2347YZDR
devices have been verified to successfully pass a series of
reliability stress tests. A summary of JEDEC standard reli-
ability tests is shown in Table I.


Similar Part No. - OPA347UAG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA347UAG4 TI-OPA347UAG4 Datasheet
958Kb / 25P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
OPA347UAG4 TI-OPA347UAG4 Datasheet
1Mb / 33P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
OPA347UAG4 TI-OPA347UAG4 Datasheet
1Mb / 33P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
OPA347UAG4 TI1-OPA347UAG4 Datasheet
1Mb / 33P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
OPA347UAG4 TI-OPA347UAG4 Datasheet
1Mb / 33P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
More results

Similar Description - OPA347UAG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA37AZ TI1-OPA37AZ Datasheet
1Mb / 33P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
OPA347 TI-OPA347 Datasheet
470Kb / 21P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
OPA347SA TI-OPA347SA Datasheet
1Mb / 33P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
OPA347NA TI-OPA347NA Datasheet
1Mb / 33P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
OPA347 TI-OPA347_07 Datasheet
958Kb / 25P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
OPA27CJ TI-OPA27CJ Datasheet
1Mb / 33P
[Old version datasheet]   microPower, Rail-to-Rail Operational Amplifiers
logo
STMicroelectronics
TS931 STMICROELECTRONICS-TS931 Datasheet
129Kb / 14P
   OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
May 2000
TS941 STMICROELECTRONICS-TS941 Datasheet
124Kb / 14P
   OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
May 2000
TS941 STMICROELECTRONICS-TS941_08 Datasheet
266Kb / 19P
   Output rail-to-rail micropower operational amplifiers
TS941 STMICROELECTRONICS-TS941_04 Datasheet
223Kb / 18P
   OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com