Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4830IPWRG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # OPA4830IPWRG4
Description  Quad, Low-Power, Single-Supply, Wideband Operational Amplifier
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA4830IPWRG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA4830IPWRG4 Datasheet HTML 5Page - Texas Instruments OPA4830IPWRG4 Datasheet HTML 6Page - Texas Instruments OPA4830IPWRG4 Datasheet HTML 7Page - Texas Instruments OPA4830IPWRG4 Datasheet HTML 8Page - Texas Instruments OPA4830IPWRG4 Datasheet HTML 9Page - Texas Instruments OPA4830IPWRG4 Datasheet HTML 10Page - Texas Instruments OPA4830IPWRG4 Datasheet HTML 11Page - Texas Instruments OPA4830IPWRG4 Datasheet HTML 12Page - Texas Instruments OPA4830IPWRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
TYPICAL CHARACTERISTICS: VS = ±5V
6
3
0
-3
-6
-9
-12
-15
-18
Frequency(MHz)
1
10
100
600
V =0.2V
O
PP
R =150W
L
G=+1
R =0W
V/V
F
G=+2V/V
G=+5V/V
G=+10V/V
3
0
-3
-6
-9
-12
-15
-18
Frequency(MHz)
1
10
100
400
V =0.2V
O
PP
R =150
L
W
G= 2
-
G= 10
-
G= 1
-
G= 5
-
9
6
3
0
-3
-6
-9
-12
Frequency(MHz)
10
100
400
G=+2V/V
R =150W
L
V =2V
O
PP
V =0.5V
O
PP
V =4V
O
PP
V =1V
O
PP
3
0
-3
-6
-9
-12
-15
-18
Frequency(MHz)
10
100
400
G= 1V/V
-
R =150W
L
V =2V
O
PP
V =1V
O
PP
V =0.5V
O
PP
V =4V
O
PP
0.4
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
-0.4
Time(10ns/div)
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
Large-Signal ±1V
RightScale
Small-Signal 100mV
±
LeftScale
G= 1V/V
-
0.4
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
-0.4
Time(10ns/div)
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
Large-Signal 1V
±
RightScale
Small-Signal 100mV
±
LeftScale
G=+2V/V
OPA4830
www.ti.com.................................................................................................................................................... SBOS350A – DECEMBER 2006 – REVISED MAY 2008
At TA = +25°C, G = +2V/V, RF = 750Ω, and RL = 150Ω to GND, unless otherwise noted (see Figure 74).
NONINVERTING SMALL-SIGNAL FREQUENCY RESPONSE
INVERTING SMALL-SIGNAL FREQUENCY RESPONSE
Figure 2.
Figure 3.
NONINVERTING LARGE-SIGNAL FREQUENCY RESPONSE
INVERTING LARGE-SIGNAL FREQUENCY RESPONSE
Figure 4.
Figure 5.
NONINVERTING PULSE RESPONSE
INVERTING PULSE RESPONSE
Figure 6.
Figure 7.
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): OPA4830


Similar Part No. - OPA4830IPWRG4

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
OPA4830IPWRG4 NSC-OPA4830IPWRG4 Datasheet
1Mb / 45P
   Quad, Low-Power, Single-Supply, Wideband Operational Amplifier
More results

Similar Description - OPA4830IPWRG4

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
OPA4830 NSC-OPA4830 Datasheet
1Mb / 45P
   Quad, Low-Power, Single-Supply, Wideband Operational Amplifier
logo
Texas Instruments
OPA4830 TI1-OPA4830 Datasheet
1Mb / 45P
[Old version datasheet]   Quad, Low-Power, Single-Supply, Wideband Operational Amplifier
OPA830 TI-OPA830 Datasheet
633Kb / 34P
[Old version datasheet]   Low-Power, Single-Supply, Wideband Operational Amplifier
OPA830 TI-OPA830_1 Datasheet
682Kb / 35P
[Old version datasheet]   Low-Power, Single-Supply, Wideband Operational Amplifier
OPA830 TI1-OPA830 Datasheet
845Kb / 37P
[Old version datasheet]   Low-Power, Single-Supply, Wideband Operational Amplifier
logo
National Semiconductor ...
OPA830 NSC-OPA830 Datasheet
845Kb / 37P
   Low-Power, Single-Supply, Wideband Operational Amplifier
logo
Burr-Brown (TI)
OPA830 BURR-BROWN-OPA830 Datasheet
460Kb / 31P
   Low-Power, Single-Supply, Wideband Operational Amplifier
logo
Texas Instruments
OPA830-EP TI1-OPA830-EP Datasheet
725Kb / 36P
[Old version datasheet]   Low-Power, Single-Supply, Wideband Operational Amplifier
logo
National Semiconductor ...
OPA830-EP NSC-OPA830-EP Datasheet
725Kb / 36P
   Low-Power, Single-Supply, Wideband Operational Amplifier
logo
Texas Instruments
OPA830-EP TI1-OPA830-EP_15 Datasheet
727Kb / 36P
[Old version datasheet]   Low-Power, Single-Supply, Wideband Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com