Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4343NA250G4 Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA4343NA250G4
Description  SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA4343NA250G4 Datasheet(HTML) 1 Page - Texas Instruments

  OPA4343NA250G4 Datasheet HTML 1Page - Texas Instruments OPA4343NA250G4 Datasheet HTML 2Page - Texas Instruments OPA4343NA250G4 Datasheet HTML 3Page - Texas Instruments OPA4343NA250G4 Datasheet HTML 4Page - Texas Instruments OPA4343NA250G4 Datasheet HTML 5Page - Texas Instruments OPA4343NA250G4 Datasheet HTML 6Page - Texas Instruments OPA4343NA250G4 Datasheet HTML 7Page - Texas Instruments OPA4343NA250G4 Datasheet HTML 8Page - Texas Instruments OPA4343NA250G4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Out D
–In D
+In D
–V
+In C
–In C
Out C
NC
Out A
–In A
+In A
+V
+In B
–In B
Out B
NC
OPA4343
SSOP-16
AD
BC
1
2
3
4
8
7
6
5
V+
Out B
–In B
+In B
Out A
–In A
+In A
V–
OPA2343
SO-8, MSOP-8
A
B
1
2
3
4
8
7
6
5
NC
V+
Output
NC
NC
–In
+In
V–
OPA343
SO-8
1
2
3
5
4
V+
–In
Out
V–
+In
OPA343
SOT-23-5
SINGLE-SUPPLY, RAIL-TO-RAIL
OPERATIONAL AMPLIFIERS
micro
Amplifier Series
Copyright © 2000, Texas Instruments Incorporated
SBOS090A
Printed in U.S.A. October, 2000
®
OPA4343
OPA2343
OPA4343
OPA343
OPA2343
OPA4343
FEATURES
q RAIL-TO-RAIL INPUT/OUTPUT
q MICRO SIZE PACKAGES
q WIDE BANDWIDTH: 5.5MHz
q HIGH SLEW RATE: 6V/
µs
q LOW THD+NOISE: 0.0007% (f = 1kHz)
q LOW QUIESCENT CURRENT: 850
µA/chan
q SINGLE, DUAL, AND QUAD VERSIONS
APPLICATIONS
q DRIVING A/D CONVERTERS
q PCMCIA CARDS
q DATA ACQUISITION
q AUDIO PROCESSING
q COMMUNICATIONS
q ACTIVE FILTERS
q TEST EQUIPMENT
DESCRIPTION
OPA343 series rail-to-rail CMOS operational amplifiers
are designed for low-cost, miniature applications. They
are optimized for low-voltage, single-supply operation.
Rail-to-rail input/output and high-speed operation make
them ideal for driving sampling Analog-to-Digital (A/D)
converters. They are also well suited for general-purpose
and audio applications as well as providing I/V conver-
sion at the output of Digital-to-Analog (D/A) converters.
Single, dual, and quad versions have identical specifica-
tions for design flexibility.
The OPA343 series operates on a single supply as low as
2.5V, and input common-mode voltage range extends
500mV beyond the supply rails. Output voltage swings to
within 1mV of the supply rails with a 100k
Ω load. They
offer excellent dynamic response (BW = 5.5MHz,
SR = 6V/
µs), yet quiescent current is only 850µA. Dual
and quad designs feature completely independent circuitry
for lowest crosstalk and freedom from interaction.
The single (OPA343) packages are the tiny SOT-23-5
surface mount and SO-8 surface mount. The dual
(OPA2343) comes in the miniature MSOP-8 surface
mount and SO-8 surface mount. The quad (OPA4343)
packages are the space-saving SSOP-16 surface mount,
SO-14 surface mount, and TSSOP-14 surface mount. All
are specified from –40
°C to +85°C and operate from
–55
°C to +125°C. A SPICE macromodel is available for
design analysis.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Out D
–In D
+In D
V–
+In C
–In C
Out C
Out A
–In A
+In A
V+
+In B
–In B
Out B
OPA4343
AD
BC
TSSOP-14
www.ti.com


Similar Part No. - OPA4343NA250G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4343NA250G4 TI-OPA4343NA250G4 Datasheet
842Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
More results

Similar Description - OPA4343NA250G4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA343 BURR-BROWN-OPA343 Datasheet
206Kb / 10P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA2343EA-2K5 TI-OPA2343EA-2K5 Datasheet
859Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier ??Series
OPA2343EA TI-OPA2343EA Datasheet
842Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
OPA340NA-250 TI-OPA340NA-250 Datasheet
1Mb / 28P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier??Series
logo
Burr-Brown (TI)
OPA340 BURR-BROWN-OPA340_06 Datasheet
709Kb / 20P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier TM Series
OPA340 BURR-BROWN-OPA340 Datasheet
348Kb / 10P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier TM Series
logo
Texas Instruments
OPA350 TI1-OPA350 Datasheet
1Mb / 40P
[Old version datasheet]   Rail-to-Rail Operational Amplifiers MicroAmplifier Series
logo
Burr-Brown (TI)
OPA344 BURR-BROWN-OPA344 Datasheet
243Kb / 11P
   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA350 BURR-BROWN-OPA350 Datasheet
205Kb / 11P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
National Semiconductor ...
OPA344 NSC-OPA344 Datasheet
1Mb / 29P
   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com