Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1761ES5-1.8 Datasheet(PDF) 8 Page - Linear Dimensions Semiconductor

Part # LT1761ES5-1.8
Description  100mA, Low Noise, LDO Micropower Regulators in TSOT-23
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR_DIMENSIONS [Linear Dimensions Semiconductor]
Direct Link  http://www.lineardimensions.com
Logo LINEAR_DIMENSIONS - Linear Dimensions Semiconductor

LT1761ES5-1.8 Datasheet(HTML) 8 Page - Linear Dimensions Semiconductor

Back Button LT1761ES5-1.8 Datasheet HTML 4Page - Linear Dimensions Semiconductor LT1761ES5-1.8 Datasheet HTML 5Page - Linear Dimensions Semiconductor LT1761ES5-1.8 Datasheet HTML 6Page - Linear Dimensions Semiconductor LT1761ES5-1.8 Datasheet HTML 7Page - Linear Dimensions Semiconductor LT1761ES5-1.8 Datasheet HTML 8Page - Linear Dimensions Semiconductor LT1761ES5-1.8 Datasheet HTML 9Page - Linear Dimensions Semiconductor LT1761ES5-1.8 Datasheet HTML 10Page - Linear Dimensions Semiconductor LT1761ES5-1.8 Datasheet HTML 11Page - Linear Dimensions Semiconductor LT1761ES5-1.8 Datasheet HTML 12Page - Linear Dimensions Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
LT1761 Series
8
1761sff
TYPICAL PERFORMANCE CHARACTERISTICS
LT1761-5
Output Voltage
LT1761-BYP, LT1761-SD
ADJ Pin Voltage
LT1761-1.2
Quiescent Current
LT1761-1.5
Quiescent Current
LT1761-1.8
Quiescent Current
LT1761-2
Quiescent Current
LT1761-2.8
Output Voltage
LT1761-3
Output Voltage
LT1761-3.3
Output Voltage
TEMPERATURE (°C)
–50
100
1761 G52
050
2.84
2.83
2.82
2.81
2.80
2.79
2.78
2.77
2.76
–25
25
75
125
IL = 1mA
TEMPERATURE (°C)
–50
100
1761 G09
050
3.060
3.045
3.030
3.015
3.000
2.985
2.970
2.955
2.940
–25
25
75
125
IL = 1mA
TEMPERATURE (°C)
–50
100
1761 G11
050
3.360
3.345
3.330
3.315
3.300
3.285
3.270
3.255
3.240
–25
25
75
125
IL = 1mA
TEMPERATURE (°C)
–50
100
1761 G12
050
5.08
5.06
5.04
5.02
5.00
4.98
4.96
4.94
4.92
–25
25
75
125
IL = 1mA
TEMPERATURE (°C)
–50
100
1761 G10
050
1.240
1.235
1.230
1.225
1.220
1.215
1.210
1.205
1.200
–25
25
75
125
IL = 1mA
INPUT VOLTAGE (V)
0
250
225
200
175
150
125
100
75
50
25
0
8
1761 G10b
2
13
5
7
9
4
6
10
TJ = 25°C
RL = ∞
VSHDN = 0V
VSHDN = VIN
INPUT VOLTAGE (V)
0
200
175
150
125
100
75
50
25
0
8
1761 G53
2
13
5
7
9
4
6
10
VSHDN = VIN
TJ = 25°C
RL = ∞
VSHDN = 0V
INPUT VOLTAGE (V)
0
200
175
150
125
100
75
50
25
0
8
1761 G18
2
13
5
7
9
4
6
10
VSHDN = VIN
TJ = 25°C
RL = ∞
VSHDN = 0V
INPUT VOLTAGE (V)
0
200
175
150
125
100
75
50
25
0
8
1761 G19
2
13
5
7
9
4
6
10
VSHDN = VIN
TJ = 25°C
RL = ∞
VSHDN = 0V


Similar Part No. - LT1761ES5-1.8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1761ES5-1.8 LINER-LT1761ES5-1.8 Datasheet
246Kb / 16P
   100mA, Low Noise, LDO Micropower Regulators in SOT-23
LT1761ES5-1.8 LINER-LT1761ES5-1.8 Datasheet
260Kb / 20P
   100mA, Low Noise,LDO Micropower Regulators in SOT-23
LT1761ES5-1.8 LINER-LT1761ES5-1.8 Datasheet
1Mb / 22P
   100mA, Low Noise, LDO Micropower Regulators in TSOT-23
LT1761ES5-1.8-PBF LINER-LT1761ES5-1.8-PBF Datasheet
1Mb / 22P
   100mA, Low Noise, LDO Micropower Regulators in TSOT-23
LT1761ES5-1.8-TR LINER-LT1761ES5-1.8-TR Datasheet
1Mb / 22P
   100mA, Low Noise, LDO Micropower Regulators in TSOT-23
More results

Similar Description - LT1761ES5-1.8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1761 LINER-LT1761_15 Datasheet
1Mb / 22P
   100mA, Low Noise, LDO Micropower Regulators in TSOT-23
LT1761 LINER-LT1761_10 Datasheet
1Mb / 22P
   100mA, Low Noise, LDO Micropower Regulators in TSOT-23
LT1761 LINER-LT1761_1 Datasheet
260Kb / 20P
   100mA, Low Noise,LDO Micropower Regulators in SOT-23
LT1761 LINER-LT1761 Datasheet
246Kb / 16P
   100mA, Low Noise, LDO Micropower Regulators in SOT-23
LT1962EMS8-1.8 LINER-LT1962EMS8-1.8 Datasheet
281Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1763 LINER-LT1763_15 Datasheet
1Mb / 22P
   500mA, Low Noise, LDO Micropower Regulators
LT1962EMS8-5PBF LINER-LT1962EMS8-5PBF Datasheet
297Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-1.5 LINER-LT1962EMS8-1.5 Datasheet
292Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1763 LINER-LT1763_1 Datasheet
275Kb / 20P
   500mA, Low Noise, LDO Micropower Regulators
LT1763 LINER-LT1763 Datasheet
278Kb / 16P
   500mA, Low Noise, LDO Micropower Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com