Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3755-1 Datasheet(PDF) 2 Page - Linear Dimensions Semiconductor

Part # LT3755-1
Description  40VIN, 75VOUT LED Controllers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR_DIMENSIONS [Linear Dimensions Semiconductor]
Direct Link  http://www.lineardimensions.com
Logo LINEAR_DIMENSIONS - Linear Dimensions Semiconductor

LT3755-1 Datasheet(HTML) 2 Page - Linear Dimensions Semiconductor

  LT3755-1 Datasheet HTML 1Page - Linear Dimensions Semiconductor LT3755-1 Datasheet HTML 2Page - Linear Dimensions Semiconductor LT3755-1 Datasheet HTML 3Page - Linear Dimensions Semiconductor LT3755-1 Datasheet HTML 4Page - Linear Dimensions Semiconductor LT3755-1 Datasheet HTML 5Page - Linear Dimensions Semiconductor LT3755-1 Datasheet HTML 6Page - Linear Dimensions Semiconductor LT3755-1 Datasheet HTML 7Page - Linear Dimensions Semiconductor LT3755-1 Datasheet HTML 8Page - Linear Dimensions Semiconductor LT3755-1 Datasheet HTML 9Page - Linear Dimensions Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LT3755/LT3755-1/LT3755-2

37551fd
absoluTe MaxiMuM raTings
VIN ............................................................................40V
SHDN/UVLO (Note 3)................................................40V
ISP, ISN .....................................................................75V
INTVCC ......................................................VIN + 0.3V, 8V
GATE, PWMOUT (Note 4)......................... INTVCC + 0.3V
CTRL, PWM, OPENLED.............................................12V
VC, VREF, SS, FB..........................................................3V
SYNC ..........................................................................8V
(Note 1)
orDer inForMaTion
16 15 14 13
5
6
7
8
TOP VIEW
17
GND
UD PACKAGE
16-LEAD (3mm 3mm) PLASTIC QFN
9
10
11
12
4
3
2
1
VREF
PWM
SYNC OR OPENLED
SS
FB
PWMOUT
GATE
SENSE
TJMAX = 125°C, θJA = 68°C/W, θJC = 4.2°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB
1
2
3
4
5
6
7
8
PWMOUT
FB
ISN
ISP
VC
CTRL
VREF
PWM
16
15
14
13
12
11
10
9
GATE
SENSE
VIN
INTVCC
SHDN/UVLO
RT
SS
SYNC OR OPENLED
TOP VIEW
MSE PACKAGE
16-LEAD PLASTIC MSOP
17
GND
TJMAX = 125°C (E, I GRADES), TJMAX = 150°C (H GRADE), θJA = 43°C/W, θJC = 4°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB
pin conFiguraTion
RT ............................................................................1.5V
SENSE......................................................................0.5V
Operating Junction Temperature Range (Notes 2, 5)
LT3755E/LT3755I ...............................–40°C to 125°C
LT3755H ...........................................–40°C TO 150°C
Storage Temperature Range...................–65°C to 150°C
Lead Temperature (Soldering, 10 sec)
MSOP ............................................................... 300°C
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3755EUD#PBF
LT3755EUD#TRPBF
LDGC
16-Lead (3mm
× 3mm) Plastic QFN
–40°C to 125°C
LT3755IUD#PBF
LT3755IUD#TRPBF
LDGC
16-Lead (3mm
× 3mm) Plastic QFN
–40°C to 125°C
LT3755EUD-1#PBF
LT3755EUD-1#TRPBF
LDMS
16-Lead (3mm
× 3mm) Plastic QFN
–40°C to 125°C
LT3755IUD-1#PBF
LT3755IUD-1#TRPBF
LDMS
16-Lead (3mm
× 3mm) Plastic QFN
–40°C to 125°C
LT3755EUD-2#PBF
LT3755EUD-2#TRPBF
LFJZ
16-Lead (3mm
× 3mm) Plastic QFN
–40°C to 125°C
LT3755IUD-2#PBF
LT3755IUD-2#TRPBF
LFJZ
16-Lead (3mm
× 3mm) Plastic QFN
–40°C to 125°C
LT3755EMSE#PBF
LT3755EMSE#TRPBF
3755
16-Lead Plastic MSOP
–40°C to 125°C
LT3755IMSE#PBF
LT3755IMSE#TRPBF
3755
16-Lead Plastic MSOP
–40°C to 125°C
LT3755EMSE-1#PBF
LT3755EMSE-1#TRPBF
37551
16-Lead Plastic MSOP
–40°C to 125°C
LT3755IMSE-1#PBF
LT3755IMSE-1#TRPBF
37551
16-Lead Plastic MSOP
–40°C to 125°C
LT3755EMSE-2#PBF
LT3755EMSE-2#TRPBF
37552
16-Lead Plastic MSOP
–40°C to 125°C
LT3755IMSE-2#PBF
LT3755IMSE-2#TRPBF
37552
16-Lead Plastic MSOP
–40°C to 125°C
LT3755HMSE-2#PBF
LT3755HMSE-2#TRPBF
37552
16-Lead Plastic MSOP
–40°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/


Similar Part No. - LT3755-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3755-1 LINER-LT3755-1 Datasheet
403Kb / 28P
   32-Channel 20mA LED Driver with Buck Controller 0.5關s Minimum LED On Time
LT3755-1 LINER-LT3755-1 Datasheet
425Kb / 32P
   8-Channel 횞 100mA LED Driver
LT3755-1 LINER-LT3755-1 Datasheet
332Kb / 26P
   60V 4-Switch Synchronous Buck-Boost Controller
logo
Linear Integrated Syste...
LT3755-1 LINEAR-LT3755-1 Datasheet
2Mb / 30P
   36V, 2A Synchronous Step-Up LED Driver
logo
Analog Devices
LT3755-1 AD-LT3755-1 Datasheet
504Kb / 28P
   40VIN, 75VOUT LED Controllers
More results

Similar Description - LT3755-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3755-1 LINER-LT3755-1_15 Datasheet
355Kb / 26P
   40VIN, 75VOUT LED Controllers
LT3755-2 LINER-LT3755-2_15 Datasheet
355Kb / 26P
   40VIN, 75VOUT LED Controllers
LT3755 LINER-LT3755_15 Datasheet
355Kb / 26P
   40VIN, 75VOUT LED Controllers
logo
Analog Devices
LT3755 AD-LT3755 Datasheet
504Kb / 28P
   40VIN, 75VOUT LED Controllers
logo
Linear Technology
LT3755 LINER-LT3755 Datasheet
266Kb / 24P
   40VIN, 75VOUT LED Controller
LT3954 LINER-LT3954 Datasheet
252Kb / 8P
   40VIN 40VOUT LED Driver
LT3954 LINER-LT3954_15 Datasheet
327Kb / 26P
   40VIN LED Converter with Internal PWM Generator
logo
Shenzhen Huazhimei Semi...
HM1465 HMSEMI-HM1465 Datasheet
681Kb / 11P
   40Vin 4 Outputs Buck Controller
HM1461 HMSEMI-HM1461 Datasheet
574Kb / 9P
   40Vin 2 Outputs Buck Controller
logo
Linear Technology
LTM8063 LINER-LTM8063 Datasheet
1Mb / 24P
   40VIN, 2A Silent Switcher 關Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com