Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3755-1 Datasheet(PDF) 3 Page - Linear Dimensions Semiconductor

Part # LT3755-1
Description  40VIN, 75VOUT LED Controllers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR_DIMENSIONS [Linear Dimensions Semiconductor]
Direct Link  http://www.lineardimensions.com
Logo LINEAR_DIMENSIONS - Linear Dimensions Semiconductor

LT3755-1 Datasheet(HTML) 3 Page - Linear Dimensions Semiconductor

  LT3755-1 Datasheet HTML 1Page - Linear Dimensions Semiconductor LT3755-1 Datasheet HTML 2Page - Linear Dimensions Semiconductor LT3755-1 Datasheet HTML 3Page - Linear Dimensions Semiconductor LT3755-1 Datasheet HTML 4Page - Linear Dimensions Semiconductor LT3755-1 Datasheet HTML 5Page - Linear Dimensions Semiconductor LT3755-1 Datasheet HTML 6Page - Linear Dimensions Semiconductor LT3755-1 Datasheet HTML 7Page - Linear Dimensions Semiconductor LT3755-1 Datasheet HTML 8Page - Linear Dimensions Semiconductor LT3755-1 Datasheet HTML 9Page - Linear Dimensions Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LT3755/LT3755-1/LT3755-2

37551fd
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 24V, SHDN/UVLO = 24V, CTRL = 2V, PWM = 5V, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN Minimum Operating Voltage
VIN Tied to INTVCC
l
4.5
V
VIN Shutdown IQ
SHDN/UVLO = 0V, PWM = 0V
SHDN/UVLO = 1.15V, PWM = 0V
0.1
1
5
µA
µA
VIN Operating IQ (Not Switching)
PWM = 0V
1.4
1.7
mA
VREF Voltage
100µA ≤ IVREF ≤ 0µA
l
1.965
2.00
2.045
V
VREF Line Regulation
4.5V ≤ VIN ≤ 40V
0.006
%/V
SENSE Current Limit Threshold
l
98
108
118
mV
SENSE Input Bias Current
Current Out of Pin
40
µA
SS Pull-Up Current
Current Out of Pin
8
10
13
µA
Error Amplifier
ISP/ISN Full-Scale Current Sense Threshold
FB = 0V, ISP = 48V
l
96
100
103
mV
ISP/ISN Full-Scale Current Sense Threshold at CTRL = 0V
CTRL = 0V, FB = 0V, ISP = 48V
–12
–9.5
–7
mV
CTRL Pin Range for Current Sense Threshold Adjustment
l
0
1.1
V
CTRL Input Bias Current
Current Out of Pin
50
100
nA
LED Current Sense Amplifier Input Common Mode Range (VISN)
l
2.9
75
V
ISP/ISN Short-Circuit Threshold
ISN = 0V
115
150
200
mV
ISP/ISN Short-Circuit Fault Sensing Common Mode Range (VISN)
l
0
3
V
ISP/ISN Input Bias Current (Combined)
PWM = 5V (Active), ISP = ISN = 48V
PWM = 0V (Standby), ISP = ISN = 48V
55
0
0.1
µA
µA
LED Current Sense Amplifier gm
V(ISP – ISN) = 100mV
120
µS
VC Output Impedance
1V < VC < 2V
15000
VC Standby Input Bias Current
PWM = 0V
–20
20
nA
FB Regulation Voltage (VFB)
ISP = ISN
l
1.232
1.220
1.250
1.250
1.265
1.270
V
V
FB Amplifier gm
FB = VFB, ISP = ISN
480
µS
FB Pin Input Bias Current
Current Out of Pin
40
100
nA
FB Open LED Threshold
OPENLED Falling (LT3755 and LT3755-2)
VFB
65mV
VFB
50mV
VFB
40mV
V
FB Overvoltage Threshold
PWMOUT Falling
VFB +
50mV
VFB +
60mV
VFB +
75mV
V
VC Current Mode Gain – (
∆VVC/∆VSENSE)
4
V/V
Oscillator
Switching Frequency
RT = 100k
RT = 10k
l
90
925
100
1000
125
1050
kHz
kHz
Minimum Off-Time
170
ns


Similar Part No. - LT3755-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3755-1 LINER-LT3755-1 Datasheet
403Kb / 28P
   32-Channel 20mA LED Driver with Buck Controller 0.5關s Minimum LED On Time
LT3755-1 LINER-LT3755-1 Datasheet
425Kb / 32P
   8-Channel 횞 100mA LED Driver
LT3755-1 LINER-LT3755-1 Datasheet
332Kb / 26P
   60V 4-Switch Synchronous Buck-Boost Controller
logo
Linear Integrated Syste...
LT3755-1 LINEAR-LT3755-1 Datasheet
2Mb / 30P
   36V, 2A Synchronous Step-Up LED Driver
logo
Analog Devices
LT3755-1 AD-LT3755-1 Datasheet
504Kb / 28P
   40VIN, 75VOUT LED Controllers
More results

Similar Description - LT3755-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3755-1 LINER-LT3755-1_15 Datasheet
355Kb / 26P
   40VIN, 75VOUT LED Controllers
LT3755-2 LINER-LT3755-2_15 Datasheet
355Kb / 26P
   40VIN, 75VOUT LED Controllers
LT3755 LINER-LT3755_15 Datasheet
355Kb / 26P
   40VIN, 75VOUT LED Controllers
logo
Analog Devices
LT3755 AD-LT3755 Datasheet
504Kb / 28P
   40VIN, 75VOUT LED Controllers
logo
Linear Technology
LT3755 LINER-LT3755 Datasheet
266Kb / 24P
   40VIN, 75VOUT LED Controller
LT3954 LINER-LT3954 Datasheet
252Kb / 8P
   40VIN 40VOUT LED Driver
LT3954 LINER-LT3954_15 Datasheet
327Kb / 26P
   40VIN LED Converter with Internal PWM Generator
logo
Shenzhen Huazhimei Semi...
HM1465 HMSEMI-HM1465 Datasheet
681Kb / 11P
   40Vin 4 Outputs Buck Controller
HM1461 HMSEMI-HM1461 Datasheet
574Kb / 9P
   40Vin 2 Outputs Buck Controller
logo
Linear Technology
LTM8063 LINER-LTM8063 Datasheet
1Mb / 24P
   40VIN, 2A Silent Switcher 關Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com