Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3755-1 Datasheet(PDF) 5 Page - Linear Dimensions Semiconductor

Part # LT3755-1
Description  40VIN, 75VOUT LED Controllers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR_DIMENSIONS [Linear Dimensions Semiconductor]
Direct Link  http://www.lineardimensions.com
Logo LINEAR_DIMENSIONS - Linear Dimensions Semiconductor

LT3755-1 Datasheet(HTML) 5 Page - Linear Dimensions Semiconductor

  LT3755-1 Datasheet HTML 1Page - Linear Dimensions Semiconductor LT3755-1 Datasheet HTML 2Page - Linear Dimensions Semiconductor LT3755-1 Datasheet HTML 3Page - Linear Dimensions Semiconductor LT3755-1 Datasheet HTML 4Page - Linear Dimensions Semiconductor LT3755-1 Datasheet HTML 5Page - Linear Dimensions Semiconductor LT3755-1 Datasheet HTML 6Page - Linear Dimensions Semiconductor LT3755-1 Datasheet HTML 7Page - Linear Dimensions Semiconductor LT3755-1 Datasheet HTML 8Page - Linear Dimensions Semiconductor LT3755-1 Datasheet HTML 9Page - Linear Dimensions Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
LT3755/LT3755-1/LT3755-2

37551fd
Typical perForMance characTerisTics
FB Regulation Voltage
vs Temperature
VREF Voltage vs Temperature
VREF Voltage vs VIN
Switching Frequency vs RT
Switching Frequency
vs Temperature
SHDN/UVLO Hysteresis Current
vs Temperature
V(ISP – ISN) Threshold vs VCTRL
V(ISP – ISN) Threshold vs VISP
V(ISP – ISN) Threshold
vs Temperature
RT (k)
37551 G07
10000
1000
100
10
10
100
VCTRL (V)
0
–20
20
60
100
0.5
1
1.5
120
0
40
80
2
37551 G01
ISP VOLTAGE (V)
0
97
99
101
103
98
100
102
37551 G02
VCTRL = 2V
20
40
80
60
97
99
101
103
98
100
102
37551 G03
TEMPERATURE (°C)
–50
0
50
75
–25
25
100
150
125
VCTRL = 2V
37551 G04
TEMPERATURE (°C)
–50
0
50
75
–25
25
100
150
125
1.20
1.22
1.24
1.26
1.28
1.21
1.23
1.25
1.27
37551 G05
TEMPERATURE (°C)
–50
0
50
75
–25
25
100
150
125
1.96
1.98
2.00
2.02
2.04
1.97
1.99
2.01
2.03
VIN (V)
0
1.96
1.98
2.00
2.02
10
20
40
30
2.04
1.97
1.99
2.01
2.03
37551 G06
37551 G08
TEMPERATURE (°C)
–50
0
50
75
–25
25
100
150
125
300
350
400
450
500
RT = 26.7k
37551 G09
TEMPERATURE (°C)
–50
0
50
75
–25
25
100
150
125
1.6
2.0
2.4
1.8
2.2
TA = 25°C, unless otherwise noted.


Similar Part No. - LT3755-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3755-1 LINER-LT3755-1 Datasheet
403Kb / 28P
   32-Channel 20mA LED Driver with Buck Controller 0.5關s Minimum LED On Time
LT3755-1 LINER-LT3755-1 Datasheet
425Kb / 32P
   8-Channel 횞 100mA LED Driver
LT3755-1 LINER-LT3755-1 Datasheet
332Kb / 26P
   60V 4-Switch Synchronous Buck-Boost Controller
logo
Linear Integrated Syste...
LT3755-1 LINEAR-LT3755-1 Datasheet
2Mb / 30P
   36V, 2A Synchronous Step-Up LED Driver
logo
Analog Devices
LT3755-1 AD-LT3755-1 Datasheet
504Kb / 28P
   40VIN, 75VOUT LED Controllers
More results

Similar Description - LT3755-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3755-1 LINER-LT3755-1_15 Datasheet
355Kb / 26P
   40VIN, 75VOUT LED Controllers
LT3755-2 LINER-LT3755-2_15 Datasheet
355Kb / 26P
   40VIN, 75VOUT LED Controllers
LT3755 LINER-LT3755_15 Datasheet
355Kb / 26P
   40VIN, 75VOUT LED Controllers
logo
Analog Devices
LT3755 AD-LT3755 Datasheet
504Kb / 28P
   40VIN, 75VOUT LED Controllers
logo
Linear Technology
LT3755 LINER-LT3755 Datasheet
266Kb / 24P
   40VIN, 75VOUT LED Controller
LT3954 LINER-LT3954 Datasheet
252Kb / 8P
   40VIN 40VOUT LED Driver
LT3954 LINER-LT3954_15 Datasheet
327Kb / 26P
   40VIN LED Converter with Internal PWM Generator
logo
Shenzhen Huazhimei Semi...
HM1465 HMSEMI-HM1465 Datasheet
681Kb / 11P
   40Vin 4 Outputs Buck Controller
HM1461 HMSEMI-HM1461 Datasheet
574Kb / 9P
   40Vin 2 Outputs Buck Controller
logo
Linear Technology
LTM8063 LINER-LTM8063 Datasheet
1Mb / 24P
   40VIN, 2A Silent Switcher 關Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com