Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MD200S12M3 Datasheet(PDF) 2 Page - Jiangsu APT Semiconductor Co.,Ltd

Part # MD200S12M3
Description  Glass Passivated Three Phase Rectifier Bridge
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APTSEMI [Jiangsu APT Semiconductor Co.,Ltd]
Direct Link  http://en.apt-semi.com/
Logo APTSEMI - Jiangsu APT Semiconductor Co.,Ltd

MD200S12M3 Datasheet(HTML) 2 Page - Jiangsu APT Semiconductor Co.,Ltd

  MD200S12M3 Datasheet HTML 1Page - Jiangsu APT Semiconductor Co.,Ltd MD200S12M3 Datasheet HTML 2Page - Jiangsu APT Semiconductor Co.,Ltd MD200S12M3 Datasheet HTML 3Page - Jiangsu APT Semiconductor Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MD200S18M3
Document Number: S-M0023
www.apt-semi.com
Rev.1.0, May.31, 2013
2
Performance Curves
Fig1. Forward Characteristics
Fig3. Transient thermal impedance
Fig2. Power dissipation
Fig4. Max Non-Repetitive Forward Surge
Current
Fig5.Forward Current Derating Curve
0
VF
0.5
1.0
1.5
V 2.0
1
10
cycles 100
0
Tc
50
100
℃ 150
0.001
0.01
0.1
1.0
10
S 100
0
ID
100
A 200
50HZ
300
A
200
100
IF
0
25℃
- - -125℃
max.
typ.
3000
A
2250
1500
750
0
0.5
℃/ W
0.25
0
250
A
200
150
100
50
ID
0
Zth(j-C)
480
W
240
Pvtot
0


Similar Part No. - MD200S12M3

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
MD200S12M3 LEIDITECH-MD200S12M3 Datasheet
329Kb / 3P
   Glass Passivated Three Phase Rectifier Bridge
More results

Similar Description - MD200S12M3

ManufacturerPart #DatasheetDescription
logo
Jiangsu APT Semiconduct...
MD100S18M3 APTSEMI-MD100S18M3 Datasheet
88Kb / 3P
   Glass Passivated Three Phase Rectifier Bridge
MD100S18M5 APTSEMI-MD100S18M5 Datasheet
118Kb / 3P
   Glass Passivated Three Phase Rectifier Bridge
logo
Microsemi Corporation
MSD100 MICROSEMI-MSD100 Datasheet
131Kb / 3P
   Glass Passivated Three Phase Rectifier Bridge
logo
Yangzhou yangjie electr...
MD250S08M3 YANGJIE-MD250S08M3 Datasheet
140Kb / 3P
   Glass Passivated Three Phase Rectifier Bridge
logo
Nanjing International G...
MDS150P DGNJDZ-MDS150P Datasheet
1Mb / 2P
   Glass Passivated Three Phase Rectifier Bridge
MDS50G DGNJDZ-MDS50G Datasheet
1Mb / 2P
   Glass Passivated Three Phase Rectifier Bridge
logo
Yangzhou yangjie electr...
MD50S08M4 YANGJIE-MD50S08M4 Datasheet
129Kb / 3P
   Glass Passivated Three Phase Rectifier Bridge
MD100S08M2 YANGJIE-MD100S08M2 Datasheet
194Kb / 3P
   Glass Passivated Three Phase Rectifier Bridge
logo
Shanghai Leiditech Elec...
MD60S18M2 LEIDITECH-MD60S18M2 Datasheet
311Kb / 3P
   Glass Passivated Three Phase Rectifier Bridge
logo
List of Unclassifed Man...
MSD70S ETC2-MSD70S Datasheet
177Kb / 3P
   Glass Passivated Three phase Rectifier Bridge
MSD75 ETC2-MSD75 Datasheet
143Kb / 3P
   Glass Passivated Three Phase Rectifier Bridge
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com