Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MD200K12D2 Datasheet(PDF) 1 Page - Jiangsu APT Semiconductor Co.,Ltd

Part # MD200K12D2
Description  Glass Passivated Rectifier Diode Modules
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APTSEMI [Jiangsu APT Semiconductor Co.,Ltd]
Direct Link  http://en.apt-semi.com/
Logo APTSEMI - Jiangsu APT Semiconductor Co.,Ltd

MD200K12D2 Datasheet(HTML) 1 Page - Jiangsu APT Semiconductor Co.,Ltd

  MD200K12D2 Datasheet HTML 1Page - Jiangsu APT Semiconductor Co.,Ltd MD200K12D2 Datasheet HTML 2Page - Jiangsu APT Semiconductor Co.,Ltd MD200K12D2 Datasheet HTML 3Page - Jiangsu APT Semiconductor Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MD200C18D2
Document Number: S-M0008
www.apt-semi.com
Rev.1.0, May.31, 2013
1
Module Type
TYPE
VRRM
VRSM
MD200C08D2
MD200C12D2
MD200C16D2
MD200C18D2
MD200A08D2
MD200A12D2
MD200A16D2
MD200A18D2
MD200K08D2
MD200K12D2
MD200K16D2
MD200K18D2
800V
1200V
1600V
1800V
900V
1300V
1700V
1900V
Maximum Ratings
Symbol
Conditions
Values
Units
IFAV
Single phase ,half wave 180°conduction Tc=95℃
200
A
IFSM
t=10mS Tvj =45℃
6800
A
i2t
t=10mS Tvj =45℃
231200
A2s
Visol
a.c.50HZ;r.m.s.;1min
3000
V
Tvj
-40 to 150
Tstg
-40 to 125
Mt
To terminals(M6)
5±15%
Nm
Ms
To heatsink(M6)
5±15%
Nm
Weight
Module (Approximately)
160
g
Thermal Characteristics
Symbol
Conditions
Values
Units
Rth(j-c)
Per diode
0.18
/W
Rth(c-s)
Module
0.05
/W
Electrical Characteristics
Circuit
Applications
Non-controllable rectifiers for AC/AC
converters
Line rectifiers for transistorized AC motor
controllers
Field supply for DC motors
Features
Blocking voltage:800 to 1800V
Heat transfer through aluminum oxide ceramic
isolated metal baseplate
Glass passivated chip
UL recognized applied for file no. E360040
Glass Passivated Rectifier
Diode Modules
VRRM 800 to 1800V
IFAV
200 Amp
Symbol
Conditions
Values
Units
Min.
Typ.
Max.
VFM
T=25℃ IF =300A
1.18
1.30
V
IRD
Tvj=150℃ VRD=VRRM
9
mA
rf
TJ=25℃
1.13
mΩ
VfO
0.84
V
Applications
Non-controllable rectifiers for AC/AC
converters
Line rectifiers for transistorized AC motor
controllers
Field supply for DC motors


Similar Part No. - MD200K12D2

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
MD200K12D2 DIOTECH-MD200K12D2 Datasheet
940Kb / 4P
   THYRISTOR DIODE MODULE
logo
Shanghai Leiditech Elec...
MD200K12D2 LEIDITECH-MD200K12D2 Datasheet
305Kb / 3P
   Glass Passivated Rectifier Diode Modules
More results

Similar Description - MD200K12D2

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
MD70C08D1 YANGJIE-MD70C08D1 Datasheet
123Kb / 3P
   Glass Passivated Rectifier Diode Modules Diode Modules
MD60C08D1 YANGJIE-MD60C08D1 Datasheet
123Kb / 3P
   Glass Passivated Rectifier Diode Modules Diode Modules
MD100C08D1 YANGJIE-MD100C08D1 Datasheet
123Kb / 3P
   Glass Passivated Rectifier Diode Modules Diode Modules
MD165C08D2 YANGJIE-MD165C08D2 Datasheet
140Kb / 3P
   Glass Passivated Rectifier Diode Modules Diode Modules
MD36C08D1 YANGJIE-MD36C08D1 Datasheet
123Kb / 3P
   Glass Passivated Rectifier Diode Modules Diode Modules
logo
List of Unclassifed Man...
MSCD36B ETC2-MSCD36B Datasheet
155Kb / 3P
   Glass Passivated Rectifier Diode Modules
logo
Microsemi Corporation
MSKD200-16 MICROSEMI-MSKD200-16 Datasheet
142Kb / 3P
   Glass Passivated Rectifier Diode Modules
logo
Shanghai Leiditech Elec...
MD60C18J1 LEIDITECH-MD60C18J1 Datasheet
340Kb / 3P
   Glass Passivated Rectifier Diode Modules
MD165C18J2 LEIDITECH-MD165C18J2 Datasheet
321Kb / 3P
   Glass Passivated Rectifier Diode Modules
logo
Jiangsu APT Semiconduct...
MD36C18D1 APTSEMI-MD36C18D1 Datasheet
89Kb / 3P
   Glass Passivated Rectifier Diode Modules
MD60C18D1 APTSEMI-MD60C18D1 Datasheet
89Kb / 3P
   Glass Passivated Rectifier Diode Modules
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com