Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MD800C12D6 Datasheet(PDF) 2 Page - Jiangsu APT Semiconductor Co.,Ltd

Part # MD800C12D6
Description  Rectifier Diode Modules
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APTSEMI [Jiangsu APT Semiconductor Co.,Ltd]
Direct Link  http://en.apt-semi.com/
Logo APTSEMI - Jiangsu APT Semiconductor Co.,Ltd

MD800C12D6 Datasheet(HTML) 2 Page - Jiangsu APT Semiconductor Co.,Ltd

  MD800C12D6 Datasheet HTML 1Page - Jiangsu APT Semiconductor Co.,Ltd MD800C12D6 Datasheet HTML 2Page - Jiangsu APT Semiconductor Co.,Ltd MD800C12D6 Datasheet HTML 3Page - Jiangsu APT Semiconductor Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MD800C18D6
Document Number: S-M0015
www.apt-semi.com
Rev.1.0, May.31, 2013
2
Performance Curves
Fig1. Power dissipation
Fig2.Forward Current Derating Curve
500
W
400
300
200
100
PFAV
0
0 ID
100
200
300
A
400
sin.180
1000
A
800
600
400
200
ID
0
0
Tc
50
100
℃ 150
Fig3. Transient thermal impedance
Fig4. Max Non-Repetitive Forward Surge
Current
Zth(j-C)
50HZ
0.06
℃/ W
0.03
0
30000
A
15000
0
1
10
cycles 100
0.001
t
0.01
0.1
1
10
S
100
2400
A
1800
1200
600
IF
0
0
VF
0.5
1.0
1.5
V
2.0
Fig5. Forward Characteristics
25℃
- - -125℃
max.
typ.


Similar Part No. - MD800C12D6

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
MD8001 CENTRAL-MD8001 Datasheet
47Kb / 1P
   NPN SILICON EUAL TRANSISTOR
MD8001 CENTRAL-MD8001 Datasheet
54Kb / 1P
   Dual Transistors
MD8001 CENTRAL-MD8001 Datasheet
54Kb / 1P
   Dual Transistors
MD8001 CENTRAL-MD8001 Datasheet
51Kb / 1P
   NPN SILICON DUAL TRANSISTOR
MD8001 CENTRAL-MD8001_15 Datasheet
51Kb / 1P
   NPN SILICON DUAL TRANSISTOR
More results

Similar Description - MD800C12D6

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKKE1200 SEMIKRON-SKKE1200_07 Datasheet
135Kb / 2P
   Rectifier Diode Modules
SKKD380 SEMIKRON-SKKD380_05 Datasheet
591Kb / 4P
   Rectifier Diode Modules
SKKE600 SEMIKRON-SKKE600 Datasheet
545Kb / 3P
   Rectifier Diode Modules
SKKE380 SEMIKRON-SKKE380 Datasheet
417Kb / 3P
   Rectifier Diode Modules
SKKD81H4 SEMIKRON-SKKD81H4 Datasheet
784Kb / 4P
   Rectifier Diode Modules
SKKD212 SEMIKRON-SKKD212 Datasheet
1Mb / 4P
   Rectifier Diode Modules
SKKD380 SEMIKRON-SKKD380_09 Datasheet
559Kb / 4P
   Rectifier Diode Modules
logo
Inchange Semiconductor ...
IRKD56-14 ISC-IRKD56-14 Datasheet
362Kb / 3P
   Diode Rectifier Modules
DD260N16K ISC-DD260N16K Datasheet
246Kb / 2P
   Diode Rectifier Modules
SKKD46-16 ISC-SKKD46-16 Datasheet
274Kb / 3P
   Rectifier Diode Modules
2023-9-15
SKKD380-22H4 ISC-SKKD380-22H4 Datasheet
308Kb / 2P
   Rectifier Diode Modules
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com