Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF300C12F2 Datasheet(PDF) 1 Page - Jiangsu APT Semiconductor Co.,Ltd

Part # MF300C12F2
Description  FRED Modules
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APTSEMI [Jiangsu APT Semiconductor Co.,Ltd]
Direct Link  http://en.apt-semi.com/
Logo APTSEMI - Jiangsu APT Semiconductor Co.,Ltd

MF300C12F2 Datasheet(HTML) 1 Page - Jiangsu APT Semiconductor Co.,Ltd

  MF300C12F2 Datasheet HTML 1Page - Jiangsu APT Semiconductor Co.,Ltd MF300C12F2 Datasheet HTML 2Page - Jiangsu APT Semiconductor Co.,Ltd MF300C12F2 Datasheet HTML 3Page - Jiangsu APT Semiconductor Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MF300C12F2
Document Number: S-M0070
www.apt-semi.com
Rev.1.0, May.31, 2013
1
Maximum Ratings
Symbol
Conditions
Values
Units
VR
1200
V
VRRM
1200
V
IF(AV)
TC=110°C, Per Diode
300
A
TC=120°C, 20KHz, Per Moudle
200
A
IF(RMS)
TC=110°C, Per Diode
420
A
IFSM
1/2 Cycle , 50Hz, Sine
2700
A
1/2 Cycle , 60Hz, Sine
2850
A
I
2t
TJ=45°C, t=10ms, 50Hz, Sine
36450
A
2s
TJ=45°C, t=8.3ms, 60Hz, Sine
40613
A
2s
PD
893
W
Visol
AC, Ton=1min
3000
V
TJ
-40 to +150
°C
TSTG
-40 to +125
°C
Torque
Recommended(M6)
5±15%
N·m
Torque
Recommended(M6)
5±15%
N·m
Weight
160
g
Thermal Characteristics
Symbol
Conditions
Values
Units
Rth(j-c)
Per diode
0.14
/W
FRED Modules
VRRM 1200V
IFAV
300 A
Applications
Inversion Welder
Uninterruptible Power Supply (UPS)
Plating Power Supply
Ultrasonic Cleaner and Welder
Power Factor Correction (PFC) Circuit
Converter & Chopper
Features
Soft Reverse Recovery Characteristics
Ultrafast Reverse Recovery Time
Low Reverse Recovery Loss
Low Forward Voltage
High Surge Current Capability
Low Inductance Package
Circuit


Similar Part No. - MF300C12F2

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MF300C12F2 MCC-MF300C12F2 Datasheet
537Kb / 4P
   Ultrafast Reverse Recovery Time
More results

Similar Description - MF300C12F2

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
MF200C06F2 YANGJIE-MF200C06F2 Datasheet
334Kb / 3P
   FRED Modules
logo
Jiangsu APT Semiconduct...
MF300K04F3 APTSEMI-MF300K04F3 Datasheet
218Kb / 3P
   FRED Modules
logo
Yangzhou yangjie electr...
MF100C12F1 YANGJIE-MF100C12F1 Datasheet
330Kb / 3P
   FRED Modules
MF400K04F3 YANGJIE-MF400K04F3 Datasheet
390Kb / 3P
   FRED Modules
logo
Shenzhen Luguang Electr...
LGMF500U12F2 LUGUANG-LGMF500U12F2 Datasheet
867Kb / 3P
   FRED Modules
logo
Jiangsu APT Semiconduct...
MF100C12F1 APTSEMI-MF100C12F1 Datasheet
261Kb / 3P
   FRED Modules
MF200K06F3 APTSEMI-MF200K06F3 Datasheet
234Kb / 3P
   FRED Modules
MF300K06F3 APTSEMI-MF300K06F3 Datasheet
219Kb / 3P
   FRED Modules
MF200K04F3 APTSEMI-MF200K04F3 Datasheet
217Kb / 3P
   FRED Modules
MF400K04F3 APTSEMI-MF400K04F3 Datasheet
317Kb / 3P
   FRED Modules
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com