Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT25C18T1 Datasheet(PDF) 3 Page - Jiangsu APT Semiconductor Co.,Ltd

Part # MT25C18T1
Description  Thyristor Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APTSEMI [Jiangsu APT Semiconductor Co.,Ltd]
Direct Link  http://en.apt-semi.com/
Logo APTSEMI - Jiangsu APT Semiconductor Co.,Ltd

MT25C18T1 Datasheet(HTML) 3 Page - Jiangsu APT Semiconductor Co.,Ltd

  MT25C18T1 Datasheet HTML 1Page - Jiangsu APT Semiconductor Co.,Ltd MT25C18T1 Datasheet HTML 2Page - Jiangsu APT Semiconductor Co.,Ltd MT25C18T1 Datasheet HTML 3Page - Jiangsu APT Semiconductor Co.,Ltd MT25C18T1 Datasheet HTML 4Page - Jiangsu APT Semiconductor Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MT25C18T1
Document Number: S-M0033
www.apt-semi.com
Rev.1.0, May.31, 2013
3
Performance Curves
Fig1. Power dissipation
Fig2.Forward Current Derating Curve
0 ITAV
10
20
30
A
40
75
W
50
25
PTAV
0
rec.30
rec.60
rec.120
sin.180
DC
Fig3. Transient thermal impedance
Fig4. Max Non-Repetitive Forward Surge
Current
Fig5. Forward Characteristics
0.001 t 0.01
0.1
1
10
S 100
1.2
/ W
0.8
0.4
0
Zth(j-C)
Zth(j-S)
10
100
ms 1000
50HZ
1000
A
500
0
0 VTM
0.5
1.0
1.5
2.0
V 2.5
100
A
75
50
25
IT
0
max.
Typ.
DC
sin.180
rec.120
rec.60
rec.30
ITAVM
50
A
40
30
20
10
0
0 Tc
50
100
130
25℃
- - -125℃


Similar Part No. - MT25C18T1

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
MT25C18T1 YANGJIE-MT25C18T1 Datasheet
177Kb / 4P
   Thyristor Module
logo
Micro Commercial Compon...
MT25C18T1 MCC-MT25C18T1 Datasheet
550Kb / 5P
   25 Amp THYRISTOR MODULE 800~1800 Volts
More results

Similar Description - MT25C18T1

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMTT-500I SEMPO-SMTT-500I Datasheet
353Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-300 SEMPO-SMTT-300 Datasheet
46Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-250H SEMPO-SMTT-250H Datasheet
105Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-90I SEMPO-SMTT-90I Datasheet
51Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-90H SEMPO-SMTT-90H Datasheet
43Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-70I SEMPO-SMTT-70I Datasheet
51Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-50I SEMPO-SMTT-50I Datasheet
51Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTD-800I SEMPO-SMTD-800I Datasheet
81Kb / 1P
   THYRISTOR-THYRISTOR MODULE
logo
Naina Semiconductor ltd...
160NTT NAINA-160NTT Datasheet
117Kb / 2P
   Thyristor - Thyristor Module
70NTT NAINA-70NTT Datasheet
125Kb / 2P
   Thyristor - Thyristor Module
logo
SEMPO ELECTRONIC Limite...
SMTT-160I SEMPO-SMTT-160I Datasheet
61Kb / 1P
   THYRISTOR-THYRISTOR MODULE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com