Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PNM0505H2502DBT1 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # PNM0505H2502DBT1
Description  PNM Vishay Thin Film
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PNM0505H2502DBT1 Datasheet(HTML) 2 Page - Vishay Siliconix

  PNM0505H2502DBT1 Datasheet HTML 1Page - Vishay Siliconix PNM0505H2502DBT1 Datasheet HTML 2Page - Vishay Siliconix PNM0505H2502DBT1 Datasheet HTML 3Page - Vishay Siliconix PNM0505H2502DBT1 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Document Number: 60057
For technical questions, contact: thinfilm@vishay.com
www.vishay.com
Revision: 02-Dec-10
77
PNM
Precision Thin Film Non-Magnetic Resistor,
Surface Mount Chip, ± 25 ppm/°C, Tolerances to 0.1 %
Vishay Thin Film
Note
(1) 0705 and 0805 are the same (only use 0805 when ordering)
DIMENSIONS in inches
CASE SIZE
L
W
T
D
E
0402
0.042 ± 0.008
0.022 ± 0.005
0.012 to 0.033
0.010 ± 0.005
0.010 ± 0.005
0502
0.055 ± 0.006
0.025 ± 0.005
0.012 to 0.033
0.010 ± 0.005
0.015 ± 0.005
0505
0.055 ± 0.006
0.050 ± 0.005
0.012 to 0.033
0.010 ± 0.005
0.015 ± 0.005
0603
0.064 ± 0.006
0.032 ± 0.005
0.020 Max.
0.012 ± 0.005
0.015 ± 0.005
0705, 0805 (1)
0.080 ± 0.006
0.050 ± 0.005
0.015 to 0.033
0.015 ± 0.005
0.015 ± 0.005
1005
0.105 ± 0.007
0.050 ± 0.005
0.015 to 0.033
0.015 ± 0.005
0.015 ± 0.005
1010
0.105 ± 0.007
0.100 ± 0.005
0.015 to 0.033
0.015 ± 0.005
0.015 ± 0.005
1206
0.126 ± 0.008
0.063 ± 0.005
0.015 to 0.033
0.020 + 0.005/- 0.010
0.020 + 0.005/- 0.010
1505
0.155 ± 0.007
0.050 ± 0.005
0.015 to 0.033
0.015 ± 0.005
0.015 ± 0.005
2010
0.209 ± 0.009
0.098 ± 0.005
0.015 to 0.033
0.020 ± 0.005
0.020 ± 0.005
2208
0.230 ± 0.007
0.075 ± 0.005
0.015 to 0.033
0.020 ± 0.005
0.020 ± 0.005
2512
0.259 ± 0.009
0.124 ± 0.005
0.015 to 0.033
0.020 ± 0.005
0.020 ± 0.005
D
W
L
T
E
ENVIRONMENTAL TESTS (Vishay Performance vs. MIL-PRF-55342 Requirements)
ENVIRONMENTAL TEST
LIMITS MIL-PRF-55342
CHARACTERISTIC “H”
TYPICAL VISHAY
PERFORMANCE
Resistance Temperature Characteristic
± 50 ppm/°C
± 35 ppm/°C
Max. Ambient Temperature at Rated Wattage
+ 70 °C
+ 70 °C
Max. Ambient Temperature at Power Derating
+ 150 °C
+ 150 °C
Thermal Shock
ΔR
± 0.25 %
± 0.040 %
Low Temperature Operation
ΔR
± 0.25 %
± 0.005 %
Short Time Overload
ΔR
± 0.10 %
± 0.010 %
High Temperature Exposure
ΔR
± 0.20 %
± 0.150 %
Resistance to Bonding Exposure
ΔR
± 0.25 %
± 0.005 %
Moisture Resistance
ΔR
± 0.40 %
± 0.029 %
Life + 70 °C at 1000 hours
ΔR
± 0.50 %
± 0.03 %
Insulation Resistance
10 000
Ω minimum
> 100 000 M
Ω


Similar Part No. - PNM0505H2502DBT1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PNM0402E5000BST1 VISHAY-PNM0402E5000BST1 Datasheet
99Kb / 4P
   Precision Thin Film Non-Magnetic Resistor, Surface Mount Chip, ± 25 ppm/°C, Tolerances to 0.1 %
Revision: 07-Aug-14
PNM0402E5BST1 VISHAY-PNM0402E5BST1 Datasheet
99Kb / 4P
   Precision Thin Film Non-Magnetic Resistor, Surface Mount Chip, ± 25 ppm/°C, Tolerances to 0.1 %
Revision: 07-Aug-14
More results

Similar Description - PNM0505H2502DBT1

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
04023J7R5BBWTR AVX-04023J7R5BBWTR Datasheet
252Kb / 20P
   Thin-Film Technology
04023J1R5BBSTR AVX-04023J1R5BBSTR Datasheet
217Kb / 19P
   Thin-Film Technology
04023J2R2QBSTR AVX-04023J2R2QBSTR Datasheet
252Kb / 20P
   Thin-Film Technology
logo
KOA Speer Electronics, ...
KL731JTTE10NG KOA-KL731JTTE10NG Datasheet
1Mb / 4P
   THIN FILM INDUCTORS
logo
RHOPOINT COMPONENTS
PAT0510 RHOPOINT-PAT0510 Datasheet
73Kb / 1P
   Thin Film Attenuators
logo
TDK Electronics
TFM201610ALM-2R2MTAA TDK-TFM201610ALM-2R2MTAA Datasheet
119Kb / 9P
   Thin-film Metal
logo
AVX Corporation
06035J0R1PBSTR AVX-06035J0R1PBSTR Datasheet
340Kb / 26P
   Thin-Film Technology
logo
TDK Electronics
TFSD10055950-5102A2 TDK-TFSD10055950-5102A2 Datasheet
77Kb / 7P
   Thin-film Diplexer
logo
California Micro Device...
210R CALMIRCO-210R Datasheet
396Kb / 1P
   THIN FILM SERIES
logo
KOA Speer Electronics, ...
KL732ATTE4N7G KOA-KL732ATTE4N7G Datasheet
243Kb / 4P
   thin film inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com