Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT90C16T1 Datasheet(PDF) 4 Page - Jiangsu APT Semiconductor Co.,Ltd

Part # MT90C16T1
Description  Thyristor Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APTSEMI [Jiangsu APT Semiconductor Co.,Ltd]
Direct Link  http://en.apt-semi.com/
Logo APTSEMI - Jiangsu APT Semiconductor Co.,Ltd

MT90C16T1 Datasheet(HTML) 4 Page - Jiangsu APT Semiconductor Co.,Ltd

  MT90C16T1 Datasheet HTML 1Page - Jiangsu APT Semiconductor Co.,Ltd MT90C16T1 Datasheet HTML 2Page - Jiangsu APT Semiconductor Co.,Ltd MT90C16T1 Datasheet HTML 3Page - Jiangsu APT Semiconductor Co.,Ltd MT90C16T1 Datasheet HTML 4Page - Jiangsu APT Semiconductor Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MT90C18T1
Document Number: S-M0036
www.apt-semi.com
Rev.1.0, May.31, 2013
4
Package Outline Information
CASE: T1
Dimensions in mm
Fig6. Gate trigger Characteristics
1/2·MT90C18T1
VGD125
IGD125
IGT
VGT
20V;20
PG(tp)
0.001 IG
0.01
0.1
1
10
A 100
100
V
10
1
VG
0.1
-40℃
25℃
125℃
Tvj


Similar Part No. - MT90C16T1

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
MT90C16T1 YANGJIE-MT90C16T1 Datasheet
178Kb / 4P
   Thyristor Modules
logo
Micro Commercial Compon...
MT90C16T1 MCC-MT90C16T1 Datasheet
502Kb / 5P
   90 Amp THYRISTOR MODULE 800~1800 Volts
More results

Similar Description - MT90C16T1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSKT96 ETC-PSKT96 Datasheet
99Kb / 2P
   THYRISTOR MODULES THYRISTOR/THYRISTOR MODULES
logo
IXYS Corporation
MCC170 IXYS-MCC170 Datasheet
81Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC225 IXYS-MCC225 Datasheet
99Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC26 IXYS-MCC26 Datasheet
165Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC132 IXYS-MCC132 Datasheet
172Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC224 IXYS-MCC224 Datasheet
99Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC56 IXYS-MCC56 Datasheet
178Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC44 IXYS-MCC44 Datasheet
160Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC250 IXYS-MCC250 Datasheet
142Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC220-08IO1 IXYS-MCC220-08IO1 Datasheet
143Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC72 IXYS-MCC72 Datasheet
170Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com