Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT100DT16L1 Datasheet(PDF) 3 Page - Jiangsu APT Semiconductor Co.,Ltd

Part # MT100DT16L1
Description  Three Phase Bridge Thyristor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APTSEMI [Jiangsu APT Semiconductor Co.,Ltd]
Direct Link  http://en.apt-semi.com/
Logo APTSEMI - Jiangsu APT Semiconductor Co.,Ltd

MT100DT16L1 Datasheet(HTML) 3 Page - Jiangsu APT Semiconductor Co.,Ltd

  MT100DT16L1 Datasheet HTML 1Page - Jiangsu APT Semiconductor Co.,Ltd MT100DT16L1 Datasheet HTML 2Page - Jiangsu APT Semiconductor Co.,Ltd MT100DT16L1 Datasheet HTML 3Page - Jiangsu APT Semiconductor Co.,Ltd MT100DT16L1 Datasheet HTML 4Page - Jiangsu APT Semiconductor Co.,Ltd MT100DT16L1 Datasheet HTML 5Page - Jiangsu APT Semiconductor Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MT100DT18L1
Document Number: S-M0057
www.apt-semi.com
Rev.1.0, May.31, 2013
3
Performance Curves
Fig1. Power dissipation
Fig2. Forward Current Derating Curve
Fig3. Transient thermal impedance
Fig4. Max Non-Repetitive Forward Surge
Current
Fig5. Forward Characteristics
0.001 t 0.01
0.1
1.0
10
S 100
0.20
/ W
0.10
0
Zth(j-C)
1
10
cycles 100
50HZ
2000
A
1000
0
0.5 VF
1.0
1.5
2.0
V 2.5
1000
A
100
IF
10
max.
Tj=25
0 Tc
50
100
150
200
A
160
120
80
40
0
ID
Fig6. SCR Power dissipation
Single phase half wave
Tj=25start
Per one element
Three phase
0 ID
20
40
60
80 A 100
300
W
240
180
120
60
Pvtot
0
Three phase
150
W
120
90
60
30
PTAV
0
0 ID
20
40
60
80 A 100


Similar Part No. - MT100DT16L1

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
MT100DT16L1 YANGJIE-MT100DT16L1 Datasheet
345Kb / 5P
   Three Phase Bridge Thyristor
logo
Micro Commercial Compon...
MT100DT16L1 MCC-MT100DT16L1 Datasheet
600Kb / 5P
   100 Amp Three Phase Bridge Thyristor 800~1800 Volts
logo
Shanghai Leiditech Elec...
MT100DT16L1 LEIDITECH-MT100DT16L1 Datasheet
579Kb / 5P
   Three Phase Bridge Thyristor
More results

Similar Description - MT100DT16L1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSDT100 ETC2-MSDT100 Datasheet
304Kb / 5P
   Three Phase Bridge Thyristor
MSDT200 ETC2-MSDT200 Datasheet
301Kb / 5P
   Three Phase Bridge Thyristor
logo
Jiangsu APT Semiconduct...
MT200DT18L2 APTSEMI-MT200DT18L2 Datasheet
274Kb / 5P
   Three Phase Bridge Thyristor
MT150DT18L2 APTSEMI-MT150DT18L2 Datasheet
274Kb / 5P
   Three Phase Bridge Thyristor
logo
Nell Semiconductor Co.,...
MTPT75 NELLSEMI-MTPT75_17 Datasheet
698Kb / 5P
   Three-Phase Bridge Thyristor,
logo
List of Unclassifed Man...
MSDT75 ETC2-MSDT75 Datasheet
304Kb / 5P
   Three Phase Bridge Thyristor
logo
Yangzhou yangjie electr...
MT75DT08L1 YANGJIE-MT75DT08L1 Datasheet
347Kb / 5P
   Three Phase Bridge Thyristor
MT200DT08L2 YANGJIE-MT200DT08L2 Datasheet
347Kb / 5P
   Three Phase Bridge Thyristor
logo
Nell Semiconductor Co.,...
NK60TP NELLSEMI-NK60TP_17 Datasheet
713Kb / 5P
   Three-Phase Bridge Thyristor
logo
Jiangsu APT Semiconduct...
MT75DT18L1 APTSEMI-MT75DT18L1 Datasheet
278Kb / 5P
   Three Phase Bridge Thyristor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com