Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT130CB08T2 Datasheet(PDF) 3 Page - Jiangsu APT Semiconductor Co.,Ltd

Part # MT130CB08T2
Description  Thyristor/Diode Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APTSEMI [Jiangsu APT Semiconductor Co.,Ltd]
Direct Link  http://en.apt-semi.com/
Logo APTSEMI - Jiangsu APT Semiconductor Co.,Ltd

MT130CB08T2 Datasheet(HTML) 3 Page - Jiangsu APT Semiconductor Co.,Ltd

  MT130CB08T2 Datasheet HTML 1Page - Jiangsu APT Semiconductor Co.,Ltd MT130CB08T2 Datasheet HTML 2Page - Jiangsu APT Semiconductor Co.,Ltd MT130CB08T2 Datasheet HTML 3Page - Jiangsu APT Semiconductor Co.,Ltd MT130CB08T2 Datasheet HTML 4Page - Jiangsu APT Semiconductor Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MT130CB18T2
Document Number: S-M0050
www.apt-semi.com
Rev.1.0, May.31, 2013
3
Performance Curves
Fig1. Power dissipation
Fig2.Forward Current Derating Curve
0 ITAV
50
100
150
A 200
250
W
200
150
100
50
PTAV
0
rec.30
rec.60
rec.120
sin.180
DC
Fig3. Transient thermal impedance
Fig4. Max Non-Repetitive Forward Surge
Current
Fig5. Forward Characteristics
0.001 t 0.01
0.1
1
10
S 100
0.30
/ W
0.15
0
Zth(j-C)
Zth(j-S)
10
100
ms 1000
50HZ
6000
A
3000
0
0 VTM
0.5
1.0
1.5
V 2.0
600
A
400
200
IT
0
max.
Typ.
DC
sin.180
rec.120
rec.60
rec.30
ITAVM
0 Tc
50
100
130
250
A
200
150
100
50
0
25℃
- - -125℃


Similar Part No. - MT130CB08T2

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MT130CB08T2 MCC-MT130CB08T2 Datasheet
553Kb / 6P
   International standard package
logo
Yangzhou yangjie electr...
MT130CB08T2 YANGJIE-MT130CB08T2 Datasheet
193Kb / 4P
   Thyristor/Diode Modules
logo
Shanghai Leiditech Elec...
MT130CB08T2 LEIDITECH-MT130CB08T2 Datasheet
478Kb / 4P
   Thyristor/Diode Modules
More results

Similar Description - MT130CB08T2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STD200 ETC2-STD200 Datasheet
276Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Semiconduct...
STD320 SIRECTIFIER-STD320 Datasheet
337Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD200 SIRECTIFIER-STD200 Datasheet
276Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Global Corp...
SDT70 SIRECT-SDT70 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Semiconduct...
STD165 SIRECTIFIER-STD165 Datasheet
484Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD253 SIRECTIFIER-STD253 Datasheet
264Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD116 SIRECTIFIER-STD116 Datasheet
500Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD70 SIRECTIFIER-STD70 Datasheet
486Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD27 SIRECTIFIER-STD27 Datasheet
478Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Global Corp...
SDT18 SIRECT-SDT18 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
SDT116 SIRECT-SDT116 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com