Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT160CB08T2 Datasheet(PDF) 2 Page - Jiangsu APT Semiconductor Co.,Ltd

Part # MT160CB08T2
Description  Thyristor/Diode Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APTSEMI [Jiangsu APT Semiconductor Co.,Ltd]
Direct Link  http://en.apt-semi.com/
Logo APTSEMI - Jiangsu APT Semiconductor Co.,Ltd

MT160CB08T2 Datasheet(HTML) 2 Page - Jiangsu APT Semiconductor Co.,Ltd

  MT160CB08T2 Datasheet HTML 1Page - Jiangsu APT Semiconductor Co.,Ltd MT160CB08T2 Datasheet HTML 2Page - Jiangsu APT Semiconductor Co.,Ltd MT160CB08T2 Datasheet HTML 3Page - Jiangsu APT Semiconductor Co.,Ltd MT160CB08T2 Datasheet HTML 4Page - Jiangsu APT Semiconductor Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MT160CB18T2
Document Number: S-M0051
www.apt-semi.com
Rev.1.0, May.31, 2013
2
◆Thyristor
Maximum Ratings
Thermal Characteristics
Symbol
Item
Conditions
Values
Units
Rth(j-c)
Thermal Impedance, max.
Junction to Case
0.17
/W
Rth(c-s)
Thermal Impedance, max.
Case to Heatsink
0.10
/W
Electrical Characteristics
Symbol
Item
Conditions
Values
Units
ITAV
Average On-State Current
Sine 180
o;Tc=85℃
160
A
ITSM
Surge On-State Current
TVJ =45℃ t=10ms, sine
TVJ =125℃ t=10ms, sine
5400
5000
A
i
2t
Circuit Fusing Consideration
TVJ =45℃ t=10ms, sine
TVJ =125℃ t=10ms, sine
145000
125000
A2s
Visol
Isolation Breakdown Voltage(R.M.S)
a.c.50HZ;r.m.s.;1min
3000
V
Tvj
Operating Junction Temperature
-40 to +130
Tstg
Storage Temperature
-40 to +125
Mt
Mounting Torque
To terminals(M6)
3±15%
Nm
Ms
To heatsink(M6)
5±15%
Nm
di/dt
Critical Rate of Rise of On-State
Current
TVJ= TVJM , 2/3VDRM ,IG =500mA
Tr<0.5us,tp>6us
200
A/us
dv/dt
Critical Rate of Rise of Off-State
Voltage, min.
TJ=TVJM ,2/3VDRM linear voltage rise
1000
V/us
a
Maximum allowable acceleration
50
m/s
2
Symbol
Item
Conditions
Values
Units
Min.
Typ.
Max.
VTM
Peak On-State Voltage, max.
T=25℃ IT =500A
1.70
V
IRRM/IDRM
Repetitive Peak Reverse Current,
max. / Repetitive Peak Off-State
Current, max.
TVJ=TVJM ,VR=VRRM ,VD=
VDRM
40
mA
VTO
On state threshold voltage
For power-loss
calculations only
(TVJ =125℃)
0.85
V
rT
Value of on-state
slope resistance. max
TVJ =TVJM
1.5
mΩ
VGT
Gate Trigger Voltage, max.
TVJ =25℃ , VD =6V
3
V
IGT
Gate Trigger Current, max.
TVJ =25℃ , VD =6V
150
mA
VGD
Non-triggering gate voltage, max.
TVJ=125℃,VD =2/3VDRM
0.25
V
IGD
Non-triggering gate current, max.
TVJ =125℃, VD =2/3VDRM
10
mA
IL
Latching current, max.
TVJ =25℃ , RG = 33 Ω
300
1000
mA
IH
Holding current, max.
TVJ =25℃ , VD =6V
150
400
mA
tgd
Gate controlled delay time
TVJ=25℃,
IG=1A, diG/dt=1A/us
1
us
tq
Circuit commutated turn-off time
TVJ =TVJM
100
us


Similar Part No. - MT160CB08T2

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MT160CB08T2 MCC-MT160CB08T2 Datasheet
553Kb / 6P
   Glass passivated chip
logo
Yangzhou yangjie electr...
MT160CB08T2 YANGJIE-MT160CB08T2 Datasheet
193Kb / 4P
   Thyristor/Diode Modules
logo
Micro Commercial Compon...
MT160CB08T2 MCC-MT160CB08T2 Datasheet
557Kb / 6P
   MODULE 800~1800 Volts 160 Amp THYRISTOR/DIODE
logo
Shanghai Leiditech Elec...
MT160CB08T2 LEIDITECH-MT160CB08T2 Datasheet
492Kb / 4P
   Thyristor/Diode Modules
logo
Micro Commercial Compon...
MT160CB08T2 MCC-MT160CB08T2_16 Datasheet
557Kb / 6P
   MODULE 800~1800 Volts 160 Amp THYRISTOR/DIODE
More results

Similar Description - MT160CB08T2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STD200 ETC2-STD200 Datasheet
276Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Semiconduct...
STD320 SIRECTIFIER-STD320 Datasheet
337Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD200 SIRECTIFIER-STD200 Datasheet
276Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Global Corp...
SDT70 SIRECT-SDT70 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Semiconduct...
STD165 SIRECTIFIER-STD165 Datasheet
484Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD253 SIRECTIFIER-STD253 Datasheet
264Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD116 SIRECTIFIER-STD116 Datasheet
500Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD70 SIRECTIFIER-STD70 Datasheet
486Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD27 SIRECTIFIER-STD27 Datasheet
478Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Global Corp...
SDT18 SIRECT-SDT18 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
SDT116 SIRECT-SDT116 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com