Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT200C08T2 Datasheet(PDF) 1 Page - Jiangsu APT Semiconductor Co.,Ltd

Part # MT200C08T2
Description  Thyristor Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APTSEMI [Jiangsu APT Semiconductor Co.,Ltd]
Direct Link  http://en.apt-semi.com/
Logo APTSEMI - Jiangsu APT Semiconductor Co.,Ltd

MT200C08T2 Datasheet(HTML) 1 Page - Jiangsu APT Semiconductor Co.,Ltd

  MT200C08T2 Datasheet HTML 1Page - Jiangsu APT Semiconductor Co.,Ltd MT200C08T2 Datasheet HTML 2Page - Jiangsu APT Semiconductor Co.,Ltd MT200C08T2 Datasheet HTML 3Page - Jiangsu APT Semiconductor Co.,Ltd MT200C08T2 Datasheet HTML 4Page - Jiangsu APT Semiconductor Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MT200C18T2
Document Number: S-M0040
www.apt-semi.com
Rev.1.0, May.31, 2013
1
Module Type
Maximum Ratings
Thermal Characteristics
Thyristor Modules
VRRM / VDRM 800 to 1800V
ITAV
200A
Features
International standard package
High Surge Capability
Glass passivated chip
Simple Mounting
Heat transfer through aluminum oxide DBC
ceramic isolated metal baseplate
UL recognized applied for file no. E360040
TYPE
VRRM
VRSM
MT200C08T2
MT200C12T2
MT200C16T2
MT200C18T2
800V
1200V
1600V
1800V
900V
1300V
1700V
1900V
Symbol
Conditions
Values
Units
ITAV
Sine 180
o;Tc=85℃
200
A
ITSM
TVJ =45℃ t=10ms, sine
TVJ =125℃ t=10ms, sine
5500
5000
A
i
2t
TVJ =45℃ t=10ms, sine
TVJ =125℃ t=10ms, sine
151000
125000
A2s
Visol
a.c.50HZ;r.m.s.;1min
3000
V
Tvj
-40 to 130
Tstg
-40 to 125
Mt
To terminals(M6)
3±15%
Nm
Ms
To heatsink(M6)
5±15%
Nm
di/dt
TVJ= TVJM , 2/3VDRM ,IG =500mA
Tr<0.5us,tp>6us
200
A/us
dv/dt
TJ= TVJM ,2/3VDRM, linear voltage rise
1000
V/us
a
Maximum allowable acceleration
50
m/s
2
Weight
Module(Approximately)
165
g
Symbol
Conditions
Values
Units
Rth(j-c)
Cont.;per thyristor / per module
0.16/0.08
/W
Rth(c-s)
per thyristor / per module
0.1/0.05
/W
Circuit
Applications
Power Converters
Lighting Control
DC Motor Control and Drives
Heat and temperature control


Similar Part No. - MT200C08T2

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
MT200C08T2 YANGJIE-MT200C08T2 Datasheet
180Kb / 4P
   Thyristor Modules
logo
Micro Commercial Compon...
MT200C08T2 MCC-MT200C08T2 Datasheet
550Kb / 5P
   200 Amp THYRISTOR MODULE 800~1800 Volts
More results

Similar Description - MT200C08T2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSKT96 ETC-PSKT96 Datasheet
99Kb / 2P
   THYRISTOR MODULES THYRISTOR/THYRISTOR MODULES
logo
IXYS Corporation
MCC170 IXYS-MCC170 Datasheet
81Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC225 IXYS-MCC225 Datasheet
99Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC26 IXYS-MCC26 Datasheet
165Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC132 IXYS-MCC132 Datasheet
172Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC224 IXYS-MCC224 Datasheet
99Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC56 IXYS-MCC56 Datasheet
178Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC44 IXYS-MCC44 Datasheet
160Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC250 IXYS-MCC250 Datasheet
142Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC220-08IO1 IXYS-MCC220-08IO1 Datasheet
143Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC72 IXYS-MCC72 Datasheet
170Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com