Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT275CB18T3 Datasheet(PDF) 1 Page - Jiangsu APT Semiconductor Co.,Ltd

Part # MT275CB18T3
Description  Thyristor Modules
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APTSEMI [Jiangsu APT Semiconductor Co.,Ltd]
Direct Link  http://en.apt-semi.com/
Logo APTSEMI - Jiangsu APT Semiconductor Co.,Ltd

MT275CB18T3 Datasheet(HTML) 1 Page - Jiangsu APT Semiconductor Co.,Ltd

  MT275CB18T3 Datasheet HTML 1Page - Jiangsu APT Semiconductor Co.,Ltd MT275CB18T3 Datasheet HTML 2Page - Jiangsu APT Semiconductor Co.,Ltd MT275CB18T3 Datasheet HTML 3Page - Jiangsu APT Semiconductor Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MT275CB18T3
Document Number: S-M0053
www.apt-semi.com
Rev.1.0, May.31, 2013
1
Module Type
Maximum Ratings
Thermal Characteristics
Thyristor Modules
VRRM / VDRM 800 to 1800V
ITAV
275A
Features
International standard package
High Surge Capability
Simple Mounting
TYPE
VRRM
VRSM
MT275CB08T3
MT275CB12T3
MT275CB16T3
MT275CB18T3
800V
1200V
1600V
1800V
900V
1300V
1700V
1900V
Symbol
Conditions
Values
Units
ITAV
Sine 180
o;Tc=85℃
275
A
ITSM
TVJ =45℃ t=10ms, sine
8000
A
i
2t
TVJ =45℃ t=10ms, sine
320000
A
2s
Visol
a.c.50HZ;r.m.s.;1min
2500
V
Tvj
-40 to 125
Tstg
-40 to 125
di/dt
TVJ= TVJM , 2/3VDRM ,IG =500mA
Tr<0.5us,tp>6us
150
A/us
dv/dt
TJ= TVJM ,2/3VDRM, linear voltage rise
1000
V/us
Weight
Module(Approximately)
600
g
Symbol
Conditions
Values
Units
Rth(j-c)
per module
0.13
/W
Rth(c-s)
per module
0.03
/W
Circuit
Applications
Power Converters
Lighting Control
DC Motor Control and Drives
Heat and temperature control


Similar Part No. - MT275CB18T3

ManufacturerPart #DatasheetDescription
logo
Jiangsu APT Semiconduct...
MT275C08T3 APTSEMI-MT275C08T3 Datasheet
407Kb / 3P
   Thyristor Modules
MT275C12T3 APTSEMI-MT275C12T3 Datasheet
407Kb / 3P
   Thyristor Modules
MT275C16T3 APTSEMI-MT275C16T3 Datasheet
407Kb / 3P
   Thyristor Modules
MT275C18T3 APTSEMI-MT275C18T3 Datasheet
407Kb / 3P
   Thyristor Modules
More results

Similar Description - MT275CB18T3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSKT96 ETC-PSKT96 Datasheet
99Kb / 2P
   THYRISTOR MODULES THYRISTOR/THYRISTOR MODULES
logo
IXYS Corporation
MCC170 IXYS-MCC170 Datasheet
81Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC225 IXYS-MCC225 Datasheet
99Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC26 IXYS-MCC26 Datasheet
165Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC132 IXYS-MCC132 Datasheet
172Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC224 IXYS-MCC224 Datasheet
99Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC56 IXYS-MCC56 Datasheet
178Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC44 IXYS-MCC44 Datasheet
160Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC250 IXYS-MCC250 Datasheet
142Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC220-08IO1 IXYS-MCC220-08IO1 Datasheet
143Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC72 IXYS-MCC72 Datasheet
170Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com