Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT330C18T4 Datasheet(PDF) 2 Page - Jiangsu APT Semiconductor Co.,Ltd

Part # MT330C18T4
Description  Thyristor Modules
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APTSEMI [Jiangsu APT Semiconductor Co.,Ltd]
Direct Link  http://en.apt-semi.com/
Logo APTSEMI - Jiangsu APT Semiconductor Co.,Ltd

MT330C18T4 Datasheet(HTML) 2 Page - Jiangsu APT Semiconductor Co.,Ltd

  MT330C18T4 Datasheet HTML 1Page - Jiangsu APT Semiconductor Co.,Ltd MT330C18T4 Datasheet HTML 2Page - Jiangsu APT Semiconductor Co.,Ltd MT330C18T4 Datasheet HTML 3Page - Jiangsu APT Semiconductor Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MT330C18T4
Document Number: S-M0042
www.apt-semi.com
Rev.1.0, May.31, 2013
2
Electrical Characteristics
Performance Curves
Symbol
Conditions
Values
Units
Min.
Typ.
Max.
VTM
T=25℃ ITM =900A
1.6
V
IRRM/IDRM
TVJ =TVJM ,VR=VRRM ,VD=VDRM
30
mA
PGM
10
W
IGM
2
A
VGT
TVJ =25℃ , VD =6V
2
V
IGT
TVJ =25℃ , VD =6V
150
mA
IL
TVJ =25℃ , RG = 33
400
mA
IH
TVJ =25℃ , VD =6V
200
mA
Fig1. Power dissipation
Fig2. Transient thermal impedance
0
IT
100
200
A
300
rec.30
rec.60
rec.90
sin.180
rec.120
rec.180
cont.
500
W
400
300
200
100
PTAV
0.20
Zth(j-C)
Zth(j-S)
0.001
t
0.01
0.1
1
10
S
100
Fig3. Forward Characteristics
Fig4. Max Non-Repetitive Forward Surge
Current
10
100
ms
1000
50HZ
9000
A
4500
0
A
900
600
300
IT
0
0
VTM
0.5
1.0
1.5
V
2.0
25℃
- - -125℃
max.
Typ.
0.10
0
℃/W


Similar Part No. - MT330C18T4

ManufacturerPart #DatasheetDescription
logo
Jiangsu APT Semiconduct...
MT330CB08T4 APTSEMI-MT330CB08T4 Datasheet
411Kb / 3P
   Thyristor Modules
MT330CB12T4 APTSEMI-MT330CB12T4 Datasheet
411Kb / 3P
   Thyristor Modules
MT330CB16T4 APTSEMI-MT330CB16T4 Datasheet
411Kb / 3P
   Thyristor Modules
MT330CB18T4 APTSEMI-MT330CB18T4 Datasheet
411Kb / 3P
   Thyristor Modules
More results

Similar Description - MT330C18T4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSKT96 ETC-PSKT96 Datasheet
99Kb / 2P
   THYRISTOR MODULES THYRISTOR/THYRISTOR MODULES
logo
IXYS Corporation
MCC170 IXYS-MCC170 Datasheet
81Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC225 IXYS-MCC225 Datasheet
99Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC26 IXYS-MCC26 Datasheet
165Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC132 IXYS-MCC132 Datasheet
172Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC224 IXYS-MCC224 Datasheet
99Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC56 IXYS-MCC56 Datasheet
178Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC44 IXYS-MCC44 Datasheet
160Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC250 IXYS-MCC250 Datasheet
142Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC220-08IO1 IXYS-MCC220-08IO1 Datasheet
143Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC72 IXYS-MCC72 Datasheet
170Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com