Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXML-PWC2 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # LXML-PWC2
Description  Leading efficacy and light output, maximum design flexibility
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LXML-PWC2 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button LXML-PWC2 Datasheet HTML 5Page - List of Unclassifed Manufacturers LXML-PWC2 Datasheet HTML 6Page - List of Unclassifed Manufacturers LXML-PWC2 Datasheet HTML 7Page - List of Unclassifed Manufacturers LXML-PWC2 Datasheet HTML 8Page - List of Unclassifed Manufacturers LXML-PWC2 Datasheet HTML 9Page - List of Unclassifed Manufacturers LXML-PWC2 Datasheet HTML 10Page - List of Unclassifed Manufacturers LXML-PWC2 Datasheet HTML 11Page - List of Unclassifed Manufacturers LXML-PWC2 Datasheet HTML 12Page - List of Unclassifed Manufacturers LXML-PWC2 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
LUXEONRebelESDatasheetDS6120130221©2013PhilipsLumiledsLightingCompany.
8
Reflow Soldering Characteristics
Temperature profile for Table 8.
Table 8.
Profile Feature
Lead Free Assembly
AverageRamp-UpRate(Ts
maxtoTp)
3°C/secondmax
PreheatTemperatureMin(Ts
min)
150°C
PreheatTemperatureMax(Ts
max)
200°C
PreheatTime(ts
mintotsmax)
60-180seconds
Temperature(T
L)
217°C
TimeMaintainedAboveTemperature(T
L)
60-150seconds
Peak/ClassificationTemperature(T
P)
260°C
TimeWithin5°CofActualPeakTemperature(t
P)
20-40seconds
Ramp-DownRate
6°C/secondmax
Time25°CtoPeakTemperature
8minutesmax
Notes for Table 8:
1. AlltemperaturesrefertotheapplicationPrintedCircuitBoard(PCB),measuredonthesurfaceadjacenttothepackagebody.
2. ForadditionalinformationonthermalmeasurementguidelinespleaserefertoApplicationBriefAB33.
JEDEC 020c


Similar Part No. - LXML-PWC2

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXML-PWC2 LUMILEDS-LXML-PWC2 Datasheet
2Mb / 28P
   High value and easy design-in
LXML-PWC2 LUMILEDS-LXML-PWC2 Datasheet
1Mb / 2P
   High value and easy design-in
More results

Similar Description - LXML-PWC2

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS117 LUMILEDS-DS117 Datasheet
2Mb / 21P
   Chip-scale packages for maximum design flexibility
PB117 LUMILEDS-PB117 Datasheet
1Mb / 2P
   Chip-scale packages for maximum design flexibility
L130-2780HB30000B1 LUMILEDS-L130-2780HB30000B1 Datasheet
2Mb / 22P
   Industry leading efficacy, 3V 3030 package
20210120
logo
List of Unclassifed Man...
Q48 ETC2-Q48 Datasheet
176Kb / 2P
   Versatile mechanical design maximizes design flexibility
Q68 ETC2-Q68 Datasheet
176Kb / 2P
   Versatile mechanical design maximizes design flexibility
Q58 ETC2-Q58 Datasheet
176Kb / 2P
   Versatile mechanical design maximizes design flexibility
logo
Seoul Semiconductor
SPF0BF0A SEOUL-SPF0BF0A Datasheet
795Kb / 20P
   High lumen output and efficacy
logo
List of Unclassifed Man...
Q22 ETC2-Q22 Datasheet
201Kb / 2P
   Versatile mechanical design maximizes design flexibility
Q38 ETC2-Q38 Datasheet
176Kb / 2P
   Versatile mechanical design maximizes design flexibility
logo
Lumileds Lighting Compa...
LXZ2-2780-Y LUMILEDS-LXZ2-2780-Y Datasheet
2Mb / 23P
   Breakthrough luminance, design flexibility
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com