Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM300DV1A120 Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # PM300DV1A120
Description  Single Phase IGBT Inverter Output 300 Amperes/1200 Volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PM300DV1A120 Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  PM300DV1A120 Datasheet HTML 1Page - Powerex Power Semiconductors PM300DV1A120 Datasheet HTML 2Page - Powerex Power Semiconductors PM300DV1A120 Datasheet HTML 3Page - Powerex Power Semiconductors PM300DV1A120 Datasheet HTML 4Page - Powerex Power Semiconductors PM300DV1A120 Datasheet HTML 5Page - Powerex Power Semiconductors PM300DV1A120 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PM300DV1A120
Intellimod™ Module
Single Phase IGBT Inverter Output
300 Amperes/1200 Volts
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272 www.pwrx.com
3
08/12 Rev. 1
Electrical and Mechanical Characteristics,
Tj = 25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
IGBT Inverter Sector
Collector-Emitter Saturation Voltage
VCE(sat)
VD = 15V, VCIN = 0V, IC = 300A,
1.65
2.15
Volts
Pulsed, Tj = 25°C
VD = 15V, VCIN = 0V, IC = 300A,
1.85
2.35
Volts
Pulsed, Tj = 125°C
Emitter-Collector Voltage
VEC
IE = 300A, VD = 15V, VCIN = 15V
2.3
3.3
Volts
Switching Times
ton
VD = 15V, VCIN = 0 ~ 15V,
0.3
0.8
2.0
µs
trr
VCC = 600V, IC = 300A,
0.3
0.8
µs
tC(on)
Tj = 125°C,
0.4
1.0
µs
toff
Inductive Load
2.4
3.3
µs
tC(off)
(Per 1 Arm)
0.4
1.2
µs
Collector-Emitter Cutoff Current
ICES
VCE = VCES, VD = 15V,
1.0
mA
VCIN = 15, Tj = 25°C
VCE = VCES, VD = 15V,
10.0
mA
VCIN = 15, Tj = 125°C
Control Sector
Circuit Current
ID
VD = 15V, VCIN = 15V, VP1-VPC
2
4
mA
VD = 15V, VCIN = 15V, VN1-VNC
2
4
mA
Input ON Threshold Voltage
Vth(on)
Applied Between
1.2
1.5
1.8
Volts
Input OFF Threshold Voltage
Vth(off)
CP1-VPC, CN1-VNC
1.7
2.0
2.3
Volts
Short Circuit Trip Level
SC
-20°C ≤ Tj ≤ 125°C, VD = 15V
450
Amperes
Short Circuit Current Delay Time
toff(SC)
VD = 15V
0.2
µs
Over Temperature Protection
OT
Trip Level
135
°C
(Detect Temperature of Chip)
OT(hys)
Reset Level
20
°C
Supply Circuit Under Voltage Protection
UV
Trip Level
11.5
12.0
12.5
Volts
(Tj ≤ 125°C)
UVr
Hysteresis
12.5
Volts
Fault Output Current
IFO(H)
VD = 15V, VFO = 15V*
2
0.01
mA
IFO(L)
VD = 15V, VFO = 15V*
2
10
15
mA
Fault Output Pulse Width
tFO
VD = 15V*
2
1.0
1.8
ms
*2 Fault output is given only when the internal SC, OT and UV protection.
Fault output of SC, OT and UV protection operate by lower arms.
Fault output of SC protecton given pulse.
Fault output of OT, UV protection given pulse while over trip level.


Similar Part No. - PM300DV1A120

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM300DV1A120 MITSUBISHI-PM300DV1A120 Datasheet
417Kb / 10P
   FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM300DV1A120

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PM300DSA120 POWEREX-PM300DSA120 Datasheet
77Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (300 Amperes/1200 Volts)
PM300DVA120 POWEREX-PM300DVA120 Datasheet
94Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (300 Amperes/1200 Volts)
PM300CLA120 POWEREX-PM300CLA120 Datasheet
296Kb / 6P
   Three Phase IGBT Inverter 300 Amperes/1200 Volts
PM200DV1A120 POWEREX-PM200DV1A120 Datasheet
462Kb / 6P
   Single Phase IGBT Inverter Output 200 Amperes/1200 Volts
PM450DV1A120 POWEREX-PM450DV1A120 Datasheet
422Kb / 6P
   Single Phase IGBT Inverter Output 450 Amperes/1200 Volts
PM200DVA120 POWEREX-PM200DVA120 Datasheet
104Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (200 Amperes/1200 Volts)
PM75DSA120 POWEREX-PM75DSA120 Datasheet
77Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (75 Amperes/1200 Volts)
PM150DSA120 POWEREX-PM150DSA120 Datasheet
76Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (150 Amperes/1200 Volts)
PM100DSA120 POWEREX-PM100DSA120 Datasheet
77Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (100 Amperes/1200 Volts)
PM200DSA120 POWEREX-PM200DSA120 Datasheet
78Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (200 Amperes/1200 Volts)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com