Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM600CLA060 Datasheet(PDF) 4 Page - Powerex Power Semiconductors

Part # PM600CLA060
Description  Three Phase IGBT Inverter 600 Amperes/600 Volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PM600CLA060 Datasheet(HTML) 4 Page - Powerex Power Semiconductors

  PM600CLA060 Datasheet HTML 1Page - Powerex Power Semiconductors PM600CLA060 Datasheet HTML 2Page - Powerex Power Semiconductors PM600CLA060 Datasheet HTML 3Page - Powerex Power Semiconductors PM600CLA060 Datasheet HTML 4Page - Powerex Power Semiconductors PM600CLA060 Datasheet HTML 5Page - Powerex Power Semiconductors PM600CLA060 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PM600CLA060
Intellimod™ L-Series
Three Phase IGBT Inverter
600 Amperes/600 Volts
4
Powerex, Inc., 200 E. Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Thermal Characteristics
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Junction to Case Thermal Resistance
Rth(j-c)Q
IGBT (Per 1/6 Module) (Note 1)
0.07
°C/Watt
Rth(j-c)D
FWDi (Per 1/6 Module) (Note 1)
0.11
°C/Watt
Contact Thermal Resistance
Rth(c-f)
Case to Fin Per Module,
0.014
°C/Watt
Thermal Grease Applied
Note 1: If you use this value, Rth(f-a) should be measured just under the chips.
Recommended Conditions for Use
Characteristic
Symbol
Condition
Value
Units
Supply Voltage
VCC
Applied across P-N Terminals
≤400
Volts
Control Supply Voltage*
VD
Applied between VUP1-VUPC, VVP1-VVPC,
15.0 ± 1.5
Volts
VWP1-VWPC, VUN1-VUNC, VVN1-VVNC, VWN1-VWNC
Input ON Voltage
VCIN(on)
Applied between UP-VUPC, UN-VUNC,
≤0.8
Volts
Input OFF Voltage
VCIN(off)
VN-VVNC, VP-VVPC, WN-VWNC, WP-VWPC
≥9.0
Volts
PWM Input Frequency
fPWM
≤20
kHz
Arm Shoot-through Blocking Time
tDEAD
Input Signal
≥3.0
µs
*With ripple satisfying the following conditions: dv/dt swing ≤ ±5V/µs, Variation ≤ 2V peak to peak.


Similar Part No. - PM600CLA060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM600CLA060 MITSUBISHI-PM600CLA060 Datasheet
131Kb / 8P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
logo
Powerex Power Semicondu...
PM600CLA060 POWEREX-PM600CLA060 Datasheet
281Kb / 6P
   Intellimod??L-Series Three Phase IGBT Inverter 600 Amperes/600 Volts
More results

Similar Description - PM600CLA060

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PM100CL1B060 POWEREX-PM100CL1B060 Datasheet
611Kb / 5P
   Three Phase IGBT Inverter 100 Amperes/600 Volts
PM150CL1B060 POWEREX-PM150CL1B060 Datasheet
609Kb / 5P
   Three Phase IGBT Inverter 150 Amperes/600 Volts
PM150CL1A060 POWEREX-PM150CL1A060 Datasheet
694Kb / 5P
   Three Phase IGBT Inverter 150 Amperes/600 Volts
PM450CLA060 POWEREX-PM450CLA060 Datasheet
282Kb / 6P
   Three Phase IGBT Inverter 450 Amperes/600 Volts
PM600CLA060 POWEREX-PM600CLA060 Datasheet
281Kb / 6P
   Intellimod??L-Series Three Phase IGBT Inverter 600 Amperes/600 Volts
PM300RL1A060 POWEREX-PM300RL1A060 Datasheet
719Kb / 7P
   Three Phase IGBT Inverter Brake 300 Amperes/600 Volts
PM100RL1B060 POWEREX-PM100RL1B060 Datasheet
728Kb / 7P
   Three Phase IGBT Inverter Brake 100 Amperes/600 Volts
PM200RL1A060 POWEREX-PM200RL1A060 Datasheet
717Kb / 7P
   Three Phase IGBT Inverter Brake 200 Amperes/600 Volts
PM600DV1A060 POWEREX-PM600DV1A060 Datasheet
482Kb / 6P
   Single Phase IGBT Inverter Output 600 Amperes/600 Volts
PM100CVA060 POWEREX-PM100CVA060 Datasheet
85Kb / 6P
   Intellimod??Module Three Phase IGBT Inverter Output (100 Amperes/600 Volts)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com