Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS27488-12-1 Datasheet(PDF) 11 Page - Amphenol Corporation

Part # MS27488-12-1
Description  Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MS27488-12-1 Datasheet(HTML) 11 Page - Amphenol Corporation

Back Button MS27488-12-1 Datasheet HTML 7Page - Amphenol Corporation MS27488-12-1 Datasheet HTML 8Page - Amphenol Corporation MS27488-12-1 Datasheet HTML 9Page - Amphenol Corporation MS27488-12-1 Datasheet HTML 10Page - Amphenol Corporation MS27488-12-1 Datasheet HTML 11Page - Amphenol Corporation MS27488-12-1 Datasheet HTML 12Page - Amphenol Corporation MS27488-12-1 Datasheet HTML 13Page - Amphenol Corporation MS27488-12-1 Datasheet HTML 14Page - Amphenol Corporation MS27488-12-1 Datasheet HTML 15Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
10
Polarizing
Keyway
H Thread
C Max.
D Min. Perf.
Thread
7.500 Max
Blue Color Band Designates
Rear Release Contact Connector
A
Dia Max.
E Dia. Max.
B Dia.
.061
.046
3 Teeth
Equally Spaced
120 Apart
˚
Adapter
Mating Face of
Receptacle Shell
Plug Shell, Quick Disconnect,
Push-pull Coupling
Amphenol/Matrix No. 9817 with lanyard
Amphenol/Matrix No. 9818 without lanyard
To complete order number see how to order, page 29.
* Consult Amphenol, Sidney, NY for availability of shell sizes 44 and 48.
Shell
Size*
A
Dia.
Max.
B
Dia.
C Max.
D
MIn.
E
Dia.
Max.
H
Thread
Class 2A
Amphenol/
Matrix Part
Number for
Adapter Ring
Size
16 & 12
Contacts
Size
8, 4, 0
Contacts
8S
1.087
.360
2.031
.290
.305
.5000-20 UNF
2500-008-0X08
10S
1.224
.435
2.031
.290
.405
.6250-24 UNEF
2500-008-0X10
10SL 1.224
.441
2.031
.290
.405
.6250-24 UNEF
2500-008-0X10
12
1.355
.550
2.125
.290
.549
.7500-20 UNEF
2500-008-0X12
12S
1.355
.550
2.031
.290
.549
.7500-20 UNEF
2500-008-0X13
14
1.482
.670
2.125
.290
.665
.8750-20 UNEF
2500-008-0X14
14S
1.482
.670
2.031
.290
.665
.8750-20 UNEF
2500-008-0X15
16
1.609
.800
2.125
2.500
.290
.790
1.0000-20 UNEF
2500-008-0X16
16S
1.609
.800
2.031
.290
.790
1.0000-20 UNEF
2500-008-0X17
18
1.817
.925
2.125
2.500
.290
.869
1.0625-18 UNEF
2500-008-0X18
20
1.942
1.045
2.125
2.500
.290
.994
1.1875-18 UNEF
2500-008-0X20
22
2.075
1.170
2.125
2.500
.290
1.119
1.3125-18 UNEF
2500-008-0X22
24
2.203
1.295
2.125
2.500
.290
1.244
1.4375-18 UNEF
2500-008-0X24
28
2.516
1.515
2.125
2.500
.467
1.465
1.7500-18 UNS
2500-008-0X28
32
2.735
1.765
2.125
2.500
.467
1.715
2.0000-18 UNS
2500-008-0X32
36
3.015
1.975
2.125
2.500
.467
1.930
2.2500-16 UN
2500-008-0X36
40
3.306
2.225
2.125
2.500
.467
2.145
2.5000-16 UN
2500-008-0X40
Receptacle Adapter Ring
Required to mate the quick disconnect plug
with receptacle.
Not furnished with the quick disconnect plug
and must be ordered separately.
Note: Use Locktite Material on the threads for
a permanent installation to the shell.
How to Order Adapter Ring
Part Number
2500-008-0 X XX
Shell Size (varies from
connector shell size
designation, see last
column of table at left)
Finish
0 - Electroless Nickel
1 - Black Anodize
2 - Cadmium/olive drab
3 - Stainless steel,
passivated
MS/Standard
9817, 9818
quick disconnect plug, with/without lanyard
9818 Connector
9817 Connector with Lanyard


Similar Part No. - MS27488-12-1

ManufacturerPart #DatasheetDescription
logo
ITT Industries
MS27488-12-2 ITT-MS27488-12-2 Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
logo
Amphenol Corporation
MS27488-12-2 AMPHENOL-MS27488-12-2 Datasheet
144Kb / 2P
   PLUG, SEALING, GROMMET, ELECTRICAL CONNECTOR, TYPE JT-RE
Jan . 30 2009, 12:42
MS27488-12-3 AMPHENOL-MS27488-12-3 Datasheet
144Kb / 2P
   PLUG, SEALING, GROMMET, ELECTRICAL CONNECTOR, TYPE JT-RE
Jan . 30 2009, 12:42
logo
Amphenol Aerospace Oper...
MS27488-12-3 AAO-MS27488-12-3 Datasheet
3Mb / 33P
   MIL-DTL-5015, Matrix
More results

Similar Description - MS27488-12-1

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
MS3450L18-11S AMPHENOL-MS3450L18-11S Datasheet
582Kb / 31P
   Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
M39029-30-218 AMPHENOL-M39029-30-218 Datasheet
582Kb / 31P
   Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
MS3459W24-10P AMPHENOL-MS3459W24-10P Datasheet
582Kb / 31P
   Amphenol /Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
M39029-30-220 AMPHENOL-M39029-30-220 Datasheet
582Kb / 31P
   MS/Standard MIL-DTL-5015 Cylindrical Connectors
12-020 AMPHENOL-12-020 Datasheet
2Mb / 73P
   MIL-DTL-5015 and Mil-5015 Type Standard Cylindrical Connectors
MS3102A14S-7S AMPHENOL-MS3102A14S-7S Datasheet
1Mb / 54P
   MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102R28-21PY AMPHENOL-MS3102R28-21PY Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3106F2222S AMPHENOL-MS3106F2222S Datasheet
1Mb / 53P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102R14S-7P AMPHENOL-MS3102R14S-7P Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical COnnectors
10-597107-171 AMPHENOL-10-597107-171 Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com