Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFD21733 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # RFD21733
Description  Compliance Approved 2.4 GHz RF Transceiver Modules with Built-In RFDP8 Application Protocol
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFD21733 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button RFD21733 Datasheet HTML 4Page - List of Unclassifed Manufacturers RFD21733 Datasheet HTML 5Page - List of Unclassifed Manufacturers RFD21733 Datasheet HTML 6Page - List of Unclassifed Manufacturers RFD21733 Datasheet HTML 7Page - List of Unclassifed Manufacturers RFD21733 Datasheet HTML 8Page - List of Unclassifed Manufacturers RFD21733 Datasheet HTML 9Page - List of Unclassifed Manufacturers RFD21733 Datasheet HTML 10Page - List of Unclassifed Manufacturers RFD21733 Datasheet HTML 11Page - List of Unclassifed Manufacturers RFD21733 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 76 page
background image
13715 Alton Pkwy • Irvine • CA • 92618
Tel: 949.610.0008 • www.RFdigital.com
Fast Answers: support@rfdigital.com
Free Applications Support • Email your application questions to support@rfdigital.com
8
RFDP8
© Copyright, RF Digital
7/10/2011 1:40 AM
Patents Pending
RoHS CE • ESTI
RFD21733 • FCC • IC
RFD21743 • FCC
Approved & Certified
RF Module
RFD21733
RFD21735
RFD21737
RFD21738
RFD21739
RFDP8
RFDANT
RFD21742
RFD21743
RFD21772
RFD21773
KEYFOBs
The RFD21742 and RFD21743 are 100% identical hardware, the only difference between the two is firmware loaded
at the RF Digital factory.
The RFD21742 is in compliance with CE / ETSI emission requirements and is not for FCC.
The RFD21743 is in compliance with CE / ETSI emission requirements and is FCC Certified and Approved.
The high performance of the RFDANT for FCC requires it to work in a 50% duty cycle mode, which means that when
you are running it in its 9600-8N1 UART mode, you can send up to 24 bytes in a row and then you must wait a
minimum of 24 byte lengths which is about 24mS before you send up to another 24 bytes. For example you can
also send 12 bytes, wait 12mS and then send 12 bytes again, effectively yielding a 50% duty cycle. Note this is only
a transmit limitation with the RFDANT, it is not related to receive, so if you have a RFD21733 sending 100% duty
cycle at full speed, you can receive that with either RFDANT and it will be fine. But when you go to transmit, if you
are using the RFD21743 you will need to use a maximum of a 50% duty cycle for the USA and FCC. However when
using the RFD21742 which is for Europe and the CE / ETSI markets, there is no duty cycle limitation.
That is the reason there are two part numbers for the RFDANT, the RFD21743 is 50% UART duty cycle for FCC and
the RFD21742 is CE and ETSI with 100% duty cycle.
So if you plan on selling into the USA market place, then use the RFD21743, if you are Europe ONLY, then you can
use the RFD21742. Also, of course you can use the RFD21743 for USA and Europe.
If you are sending in switch mode using the RFD21742, it will send a new packet every 16mS and the hang time for a
switch receiver in mode 6 or 7 is 50mS. Where with the RFD21743 it will send a new packet every 24mS to work
within the 50% duty cycle limit for FCC and IC.
If you require Canada (IC) Approval for the RFD21743, please contact sales@rfdigital.com.
The impact with switch mode is hardly even noticed between the RFD21743 and RFD21742.
Most common applications are typically with burst data less then 24 bytes per burst, so the difference between the
RFD21743 and RFD21742 is negligible, nevertheless the choice is still available for you and they are pin for pin
compatible.
Once you test an RFDANT, you will be truly amazed with its performance.
Differences between RFD21742 and RFD21743 RFDANTs
Plugs into your PCB using its 8 inch long cable.
RFD21742 RFDANT
Plugs into your PCB using its 8 inch long cable.
RFD21743 RFDANT
CE • ETSI
FCC
CE • ETSI


Similar Part No. - RFD21733

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFD20N03 INTERSIL-RFD20N03 Datasheet
76Kb / 8P
   20A, 30V, 0.025 Ohm, N-Channel Power MOSFETs
RFD20N03SM INTERSIL-RFD20N03SM Datasheet
76Kb / 8P
   20A, 30V, 0.025 Ohm, N-Channel Power MOSFETs
logo
VBsemi Electronics Co.,...
RFD20N03SM VBSEMI-RFD20N03SM Datasheet
1,015Kb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - RFD21733

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
TRC104 MURATA-TRC104 Datasheet
1,023Kb / 33P
   2.4 GHz RF Transceiver
logo
List of Unclassifed Man...
BT2577 ETC-BT2577 Datasheet
311Kb / 4P
   2.4 GHZ RF TRANSCEIVER
logo
RF Monolithics, Inc
TRC104 RFM-TRC104 Datasheet
1,023Kb / 33P
   2.4 GHz RF Transceiver
logo
WALSIN TECHNOLOGY CORPO...
RFLPF1608060AGT WALSIN-RFLPF1608060AGT Datasheet
545Kb / 7P
   2.4 GHz ISM RF Application
logo
Anaren Microwave
A20737A ANAREN-A20737A Datasheet
724Kb / 2P
   2.4-GHz RF transceiver incorporating
logo
WALSIN TECHNOLOGY CORPO...
RFDIP1608060LST WALSIN-RFDIP1608060LST Datasheet
598Kb / 7P
   2.4 GHz & 5 GHz Band RF Application
RFBPF2012080AF8Q1C WALSIN-RFBPF2012080AF8Q1C Datasheet
567Kb / 7P
   2.4 GHz ISM Band RF Application
RFLPF1005040A27B1U WALSIN-RFLPF1005040A27B1U Datasheet
539Kb / 7P
   2.4 GHz ISM Band RF Application
RFBLN1608050AM6T15 WALSIN-RFBLN1608050AM6T15 Datasheet
554Kb / 7P
   2.4 GHz ISM Band RF Application
RFBPF2009A25T WALSIN-RFBPF2009A25T Datasheet
595Kb / 7P
   2.4 GHz ISM Band RF Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com