Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RB6122-50-0M3 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RB6122-50-0M3
Description  EMC/EMI Chokes RB Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RB6122-50-0M3 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RB6122-50-0M3 Datasheet HTML 1Page - List of Unclassifed Manufacturers RB6122-50-0M3 Datasheet HTML 2Page - List of Unclassifed Manufacturers RB6122-50-0M3 Datasheet HTML 3Page - List of Unclassifed Manufacturers RB6122-50-0M3 Datasheet HTML 4Page - List of Unclassifed Manufacturers RB6122-50-0M3 Datasheet HTML 5Page - List of Unclassifed Manufacturers RB6122-50-0M3 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
EMC/EMI Products
Current-compensated Chokes
I Rated currents from 16 to 50A
I Up to 600VAC or 1000VDC
I 2- and 3-wire configurations
I Horizontal and vertical PCB
mounting types
I Ruggedized saturation and thermal
behavior
I Open construction for forced and
convection cooling
I Straightforward pin-out for easy PCB
design
Typical applications
RB common-mode chokes are mainly used
to filter EMI noise on AC power lines up to
600 VAC but they are as well applicable in DC
power lines of photovoltaic installations or
similar applications up to 1000 VDC.
EMI noise of electronic equipment can go to
the power lines and disturb the proper func-
tion of other devices like TV sets or radios.
Thus noise generated by the equipment from
switched power electronics or by high slew
rates of controllers needs to be filtered.
RB common-mode chokes are used to sup-
press EMI noise in PCB integrated filter desi-
gns with line bypass capacitors or in combi-
nation with single phase filters for extra low
leakage filter designs.
I Cost-effective PCB designs for up to
80 A with forced cooling *
I Compact size and light weight
I Low magnetic leakage flux
I Excellent winding insulation
I Standardized foot print
I Broad range of inductance ratings
I Custom-specific versions on request
* See Application Note for forced cooling
I AC and DC filtering for midsize
power range drives, photovoltaic inverters,
fast chargers, charging stations, UPS and
switch mode power supplies
I Filter with low leakage current noise
or improved immunity against grid
disturbances
I Electronic devices, automation
I Converters
Features and benefits
Technical specifications
Maximum continuous operating voltage:
600VAC / 1000VDC
Operating frequency:
DC to 400 Hz
Rated currents:
16 to 50A @ 60°C max. convection cooling
High potential test voltage
2500VAC, 60 sec, guaranteed, 2 sec factory test
winding-to-winding @ 25°C:
Temperature range (operation and storage):
-40°C to +125°C (40/125/21)
Flammability corresponding to:
UL 94V-0
Cooling:
convection / forced cooling
MTBF @ 40°C / 230V (Mil-HB-217F):
> 5,000,000 hours
Typical electrical schematic
Approvals
L1
L1'
L2
L2'
L3
L3'
EMC/EMI Chokes
RB Series


Similar Description - RB6122-50-0M3

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
RB SHARMA-RB Datasheet
349Kb / 2P
   RB Series
logo
API Technologies Corp
62-MTB-060-5-21 APITECH-62-MTB-060-5-21 Datasheet
226Kb / 2P
   EMI/EMC Filter
logo
DONG IL TECHNOLOGY LTD.
HP4 DIT-HP4 Datasheet
954Kb / 2P
   EMI/EMC FILTER
PC2 DIT-PC2 Datasheet
1Mb / 2P
   EMI/EMC FILTER
TB3 DIT-TB3 Datasheet
1Mb / 4P
   EMI/EMC FILTER
TBB DIT-TBB Datasheet
1Mb / 2P
   EMI/EMC FILTER
ES3 DIT-ES3 Datasheet
1Mb / 2P
   EMI/EMC FILTER
CA5 DIT-CA5 Datasheet
1Mb / 2P
   EMI/EMC FILTER
CN2-F30 DIT-CN2-F30 Datasheet
913Kb / 2P
   EMI/EMC FILTER
TB6-B DIT-TB6-B Datasheet
3Mb / 8P
   EMI/EMC FILTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com